Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK415-140-E Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # STK415-140-E
Description  2-Channel Power Switching Audio Power IC, 120W120W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK415-140-E Datasheet(HTML) 3 Page - Sanyo Semicon Device

  STK415-140-E Datasheet HTML 1Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 2Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 3Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 4Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 5Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 6Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 7Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 8Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STK415-140-E
No. A1501-3/12
Package Dimensions
unit:mm (typ)
Internal Equivalent Circuit
Designated transformer power supply
(MG-250 equivalent)
10000
μF
10000
μF
DBA40C
500
Ω
500
Ω
+VH
-VH
+
+
10000
μF
10000
μF
DBA40C
500
Ω
500
Ω
+VL
-VL
+
+
Designated transformer power supply
(MG-200 equivalent)
9.0
2.9
5.5
0.4
18 2.0=36.0
3.6
2.0
(9.8)
0.5
64.0
55.6
119
(R1.8)
10
17
14
SUB
13
9
11
8
18
19
6
2
1
7
4
3
16
15
12
Pre Driver
CH1
5
Stand-by
Pre Driver
CH2
Comparator
Comparator


Similar Part No. - STK415-140-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK415-100-E SANYO-STK415-100-E Datasheet
187Kb / 12P
   2-Channel Power Switching Audio Power IC, 60W60W
STK415-120-E SANYO-STK415-120-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 80W80W
STK415-130-E SANYO-STK415-130-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 100W100W
More results

Similar Description - STK415-140-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK433-120-E SANYO-STK433-120-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 120W120W
STK404-120N-E SANYO-STK404-120N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC 120W
logo
International Rectifier
IRAUDAMP5 IRF-IRAUDAMP5_15 Datasheet
833Kb / 51P
   120W x 2 Channel Class D Audio Power Amplifier
logo
Mean Well Enterprises C...
HLG-120 MEANWELL-HLG-120_11 Datasheet
344Kb / 6P
   120W Single Output Switching Power Supply
HLG-120_1107 MEANWELL-HLG-120_1107 Datasheet
371Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H-48A MEANWELL-HLG-120H-48A Datasheet
187Kb / 7P
   120W Single Output Switching Power Supply
EPS-120 MEANWELL-EPS-120 Datasheet
581Kb / 4P
   120W Single Output Switching Power Supply
logo
Astrodyne Corporation
AD-120 ASTRODYNE-AD-120 Datasheet
1Mb / 6P
   120W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
D-120 MEANWELL-D-120 Datasheet
453Kb / 2P
   120W Dual Output Switching Power Supply
logo
RSG Electronic Componen...
Q-120 RSG-Q-120 Datasheet
139Kb / 2P
   120W Quad Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com