Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S207R8 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM8S207R8
Description  STM8S performance line revision X device limitations
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S207R8 Datasheet(HTML) 5 Page - STMicroelectronics

  STM8S207R8 Datasheet HTML 1Page - STMicroelectronics STM8S207R8 Datasheet HTML 2Page - STMicroelectronics STM8S207R8 Datasheet HTML 3Page - STMicroelectronics STM8S207R8 Datasheet HTML 4Page - STMicroelectronics STM8S207R8 Datasheet HTML 5Page - STMicroelectronics STM8S207R8 Datasheet HTML 6Page - STMicroelectronics STM8S207R8 Datasheet HTML 7Page - STMicroelectronics STM8S207R8 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Errata sheet
Silicon limitations
5/8
2.4
UART PE flag cannot be cleared during reception of first half
of Stop bit
Description
When the UART is in reception mode and a parity error (PE) occurs, the PE flag is set by
hardware. This flag cannot be cleared during the first half of the Stop bit period. If software
tries to clear the PE flag at this time, the flag is set again by hardware, generating an
unwanted interrrupt if the PIEN bit is set in the UART_CR1 register.
Workaround
Disable PE interrupts and, after the RXNE bit is set, use polling to manage the PE flag. For
example, this could be done in the RXNE interrupt service routine.


Similar Part No. - STM8S207R8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S207R8 STMICROELECTRONICS-STM8S207R8 Datasheet
1Mb / 103P
   Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
STM8S207R8T3 STMICROELECTRONICS-STM8S207R8T3 Datasheet
1Mb / 103P
   Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I짼C, CAN
STM8S207R8T3 STMICROELECTRONICS-STM8S207R8T3 Datasheet
1Mb / 103P
   Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
STM8S207R8T3B STMICROELECTRONICS-STM8S207R8T3B Datasheet
1Mb / 103P
   Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I짼C, CAN
STM8S207R8T3B STMICROELECTRONICS-STM8S207R8T3B Datasheet
1Mb / 103P
   Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
More results

Similar Description - STM8S207R8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8AL3XXX STMICROELECTRONICS-STM8AL3XXX Datasheet
258Kb / 18P
   device limitations
STM8SVLDISCOVERY STMICROELECTRONICS-STM8SVLDISCOVERY Datasheet
124Kb / 4P
   STM8S Value line Discovery
STM8S207XX STMICROELECTRONICS-STM8S207XX Datasheet
1Mb / 103P
   Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
STEVAL-TSP001V1 STMICROELECTRONICS-STEVAL-TSP001V1 Datasheet
94Kb / 4P
   Respects source limitations
August 2008 Rev 1
STM8S-DISCOVERY STMICROELECTRONICS-STM8S-DISCOVERY Datasheet
97Kb / 3P
   STM8S access Discovery
November 2010 Rev 1
logo
Burr-Brown (TI)
AB-039 BURR-BROWN-AB-039 Datasheet
52Kb / 6P
   POWER AMPLIFIER STRESS AND POWER HANDLING LIMITATIONS
logo
STMicroelectronics
AN3298 STMICROELECTRONICS-AN3298 Datasheet
397Kb / 27P
   STM8S DALI slave library
logo
List of Unclassifed Man...
SX-DS-4000U2 ETC1-SX-DS-4000U2 Datasheet
591Kb / 2P
   High-Performance USB Device Server
11.2011
logo
STMicroelectronics
STM32F103VET6 STMICROELECTRONICS-STM32F103VET6 Datasheet
1Mb / 130P
   High-density performance line
STM8S003K3 STMICROELECTRONICS-STM8S003K3 Datasheet
956Kb / 100P
   Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com