Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL16D-WCR18 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL16D-WCR18
Description  5mm (T1쩐) LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL16D-WCR18 Datasheet(HTML) 1 Page - P-tec Corporation

  PL16D-WCR18 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Absolute Maximum Ratings at TA = 25°C
Power Dissipation ……………………………………………………….……….……..... 72mW
Reverse Voltage (<100μA)……..……………..……………………….….……..…………... 5.0V
Max Forward Current ……………………………………...……………….….….……… 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)...….………………….………….. 100mA
Operating Temperature Range ……………………………………..….……….. -25°C to +85°C
Storage Temperature Range..………….…………………...………..……....… -40°C to +100°C
Soldering Temperature (1.6mm below body)....………………………….……. 260°C for 5 seconds
PL16 Series 5mm (T1¾) LED
Features
*Popular T1 3/4 Lens style with Flange
*AlGaInP Ultra Bright Red Chip used
*Narrow Viewing Angle
*High Intensity
*Ultra High Light Output
*RoHS Compliant
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Peak
Wave
Length
Viewing
Angle
2
θ ½
Forward Voltage
@20mA (V)
Luminous Intensity
@20mA (mcd)
Water Clear Lens
nm
Deg
Typ
Max
Min
Typ
PL16D-WCR18
Deep Red
AlInGaP
650
20°
1.9
2.4
429.0
800.0
Dominant
Wave
Length
nm
639
All dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified. An epoxy meniscus may extend about 1mm down the leads.
8.7
24.0Min.
1.5typ.
2.54 ±0.1
1.0
0.5 Square
5.9
Anode
5.0
01-14-08 Rev 0 RS
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101


Similar Part No. - PL16D-WCR18

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL16D-WCR18 P-TEC-PL16D-WCR18 Datasheet
73Kb / 1P
   5MM (T1 3/4) LED
PL16D-WCR18 P-TEC-PL16D-WCR18_14 Datasheet
445Kb / 1P
   Popular T1 3/4 Lens style with Flange
More results

Similar Description - PL16D-WCR18

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL16E-WCR23 P-TEC-PL16E-WCR23 Datasheet
73Kb / 1P
   5mm (T1쩐) LED
PL25-CDG13 P-TEC-PL25-CDG13 Datasheet
29Kb / 1P
   5MM (T1쩐) LED
PL15-CDR21 P-TEC-PL15-CDR21 Datasheet
30Kb / 1P
   5MM (T1쩐) LED
PL16D-WCR28 P-TEC-PL16D-WCR28 Datasheet
30Kb / 1P
   5mm (T1쩐) LED
PL25-CDY01 P-TEC-PL25-CDY01 Datasheet
29Kb / 1P
   5MM (T1쩐) LED
PL25-CDA02 P-TEC-PL25-CDA02 Datasheet
29Kb / 1P
   5MM (T1쩐) LED
PL16D-WCY02 P-TEC-PL16D-WCY02 Datasheet
30Kb / 1P
   5mm (T1쩐) LED
PL16D-WCR23 P-TEC-PL16D-WCR23 Datasheet
73Kb / 1P
   5mm (T1쩐) LED
PL25-CDR21 P-TEC-PL25-CDR21 Datasheet
29Kb / 1P
   5MM (T1쩐) LED
PL16D-WCR40 P-TEC-PL16D-WCR40 Datasheet
30Kb / 1P
   5mm (T1쩐) LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com