Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2835PWP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2835PWP
Description  SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2835PWP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2835PWP Datasheet HTML 2Page - Texas Instruments TPS2835PWP Datasheet HTML 3Page - Texas Instruments TPS2835PWP Datasheet HTML 4Page - Texas Instruments TPS2835PWP Datasheet HTML 5Page - Texas Instruments TPS2835PWP Datasheet HTML 6Page - Texas Instruments TPS2835PWP Datasheet HTML 7Page - Texas Instruments TPS2835PWP Datasheet HTML 8Page - Texas Instruments TPS2835PWP Datasheet HTML 9Page - Texas Instruments TPS2835PWP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TPS2834, TPS2835
SYNCHRONOUS-BUCK MOSFET DRIVERS
WITH DEADTIME CONTROL
SLVS223 – NOVEMBER 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating virtual junction temperature range,
VCC = 6.5 V, ENABLE = High, CL = 3.3 nF (unless otherwise noted) (continued)
deadtime control
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOWDR
High-level input voltage, VIH
Over the VCC range (see Note 2)
0.7VCC
V
LOWDR
Low-level input voltage, VIL
Over the VCC range (see Note 2)
1
V
DT
High-level input voltage, VIH
Over the VCC range
0.7VCC
V
DT
Low-level input voltage, VIL
Over the VCC range
1
V
NOTE 2: Ensured by design, not production tested.
digital control terminals (IN, CROWBAR, SYNC, ENABLE)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level input voltage, VIH
Over the VCC range
2
V
Low-level input voltage, VIL
Over the VCC range
1
V
switching characteristics over recommended operating virtual junction temperature range,
ENABLE = High, CL = 3.3 nF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BOOT) = 4.5 V, V(BOOTLO) = 0 V
60
HIGHDR output (see Note 2)
V(BOOT) = 6.5 V, V(BOOTLO) = 0 V
50
ns
Rise time
V(BOOT) = 12 V,
V(BOOTLO) = 0 V
50
Rise time
VCC = 4.5 V
40
LOWDR output (see Note 2)
VCC = 6.5 V
30
ns
VCC = 12 V
30
V(BOOT) = 4.5 V,
V(BOOTLO) = 0 V
50
HIGHDR output (see Note 2)
V(BOOT) = 6.5 V, V(BOOTLO) = 0 V
40
ns
Fall time
V(BOOT) = 12 V,
V(BOOTLO) = 0 V
40
Fall time
VCC = 4.5 V
40
LOWDR output (see Note 2)
VCC = 6.5 V
30
ns
VCC = 12 V
30
HIGHDR
i
l
(
l di
V(BOOT) = 4.5 V, V(BOOTLO) = 0 V
95
HIGHDR going low (excluding
deadtime) (see Note 2)
V(BOOT) = 6.5 V, V(BOOTLO) = 0 V
80
ns
Propagation delay time
deadtime) (see Note 2)
V(BOOT) = 12 V,
V(BOOTLO) = 0 V
70
Propagation delay time
LOWDR
i
hi h (
l di
V(BOOT) = 4.5 V, V(BOOTLO) = 0 V
80
LOWDR going high (excluding
deadtime) (see Note 2)
V(BOOT) = 6.5 V, V(BOOTLO) = 0 V
70
ns
deadtime) (see Note 2)
V(BOOT) = 12 V,
V(BOOTLO) = 0 V
60
LOWDR
i
l
(
l di
VCC = 4.5 V
80
Propagation delay time
LOWDR going low (excluding
deadtime) (see Note 2)
VCC = 6.5 V
70
ns
deadtime) (see Note 2)
VCC = 12 V
60
DT t LOWDR
d LOWDR t
VCC = 4.5 V
40
170
Driver nonoverlap time
DT to LOWDR and LOWDR to
HIGHDR (see Note 2)
VCC = 6.5 V
25
135
ns
HIGHDR (see Note 2)
VCC = 12 V
15
85
NOTE 2: Ensured by design, not production tested.


Similar Part No. - TPS2835PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2835PWP TI1-TPS2835PWP Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2835PWP TI1-TPS2835PWP Datasheet
988Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2835PWPG4 TI1-TPS2835PWPG4 Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2835PWPG4 TI1-TPS2835PWPG4 Datasheet
988Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2835PWPR TI1-TPS2835PWPR Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
More results

Similar Description - TPS2835PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2830 TI-TPS2830 Datasheet
198Kb / 15P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2836 TI-TPS2836 Datasheet
181Kb / 14P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEADTIME CONTROL
TPS2832 TI-TPS2832 Datasheet
179Kb / 14P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEADTIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
988Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834 TI1-TPS2834_15 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2832 TI1-TPS2832_15 Datasheet
725Kb / 17P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2832 TI1-TPS2832_16 Datasheet
739Kb / 17P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2830 TI1-TPS2830_15 Datasheet
1Mb / 24P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
logo
ON Semiconductor
NCP81166 ONSEMI-NCP81166 Datasheet
80Kb / 9P
   Synchronous Buck MOSFET Drivers
January, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com