Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2812P Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2812P
Description  DUAL HIGH-SPEED MOSFET DRIVERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2812P Datasheet(HTML) 4 Page - Texas Instruments

  TPS2812P Datasheet HTML 1Page - Texas Instruments TPS2812P Datasheet HTML 2Page - Texas Instruments TPS2812P Datasheet HTML 3Page - Texas Instruments TPS2812P Datasheet HTML 4Page - Texas Instruments TPS2812P Datasheet HTML 5Page - Texas Instruments TPS2812P Datasheet HTML 6Page - Texas Instruments TPS2812P Datasheet HTML 7Page - Texas Instruments TPS2812P Datasheet HTML 8Page - Texas Instruments TPS2812P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TPS2811, TPS2812, TPS2813, TPS2814, TPS2815
DUAL HIGH-SPEED MOSFET DRIVERS
SLVS132D – NOVEMBER 1995 – REVISED NOVEMBER 1997
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TPS2811, TPS2812, TPS2813
TERMINAL NUMBERS
TERMINAL
NAME
TPS2811
Dual Inverting
Drivers
TPS2812
Dual Noninverting
Drivers
TPS2813
Complimentary
Drivers
DESCRIPTION
REG_IN
1
1
1
Regulator input
1IN
2
2
2
Input 1
GND
3
3
3
Ground
2IN
4
4
4
Input 2
2OUT
5 = 2IN
5 = 2IN
5 = 2IN
Output 2
VCC
6
6
6
Supply voltage
1OUT
7 = 1IN
7 = 1IN
7 = 1IN
Output 1
REG_OUT
8
8
8
Regulator output
TPS2814, TPS2815
TERMINAL NUMBERS
TERMINAL
NAME
TPS2814
Dual AND Drivers with Single
Inverting Input
TPS2815
Dual NAND Drivers
DESCRIPTION
1IN1
1
1
Noninverting input 1 of driver 1
1IN2
2
-
Inverting input 2 of driver 1
1IN2
-
2
Noninverting input 2 of driver 1
2IN1
3
3
Noninverting input 1 of driver 2
2IN2
4
-
Inverting input 2 of driver 2
2IN2
-
4
Noninverting input 2 of driver 2
2OUT
5 = 2IN1
• 2IN2
5 = 2IN1
• 2IN2
Output 2
VCC
6
6
Supply voltage
1OUT
7 = 1IN1
• 1IN2
7 = 1IN1
• 1IN2
Output 1
GND
8
8
Ground
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
P
1090 mW
8.74 mW/
°C
697 mW
566 mW
D
730 mW
5.84 mW/
°C
467 mW
380 mW
PW
520 mW
4.17 mW/
°C
332 mW
270 mW


Similar Part No. - TPS2812P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2812P TI1-TPS2812P Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
TPS2812PE4 TI1-TPS2812PE4 Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
TPS2812PWLE TI1-TPS2812PWLE Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
TPS2812PWR TI1-TPS2812PWR Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
TPS2812PWRG4 TI1-TPS2812PWRG4 Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
More results

Similar Description - TPS2812P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
   High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
MC34151 ONSEMI-MC34151 Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Linear Technology
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com