Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3705-30D Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3705-30D
Description  PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3705-30D Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3705-30D Datasheet HTML 3Page - Texas Instruments TPS3705-30D Datasheet HTML 4Page - Texas Instruments TPS3705-30D Datasheet HTML 5Page - Texas Instruments TPS3705-30D Datasheet HTML 6Page - Texas Instruments TPS3705-30D Datasheet HTML 7Page - Texas Instruments TPS3705-30D Datasheet HTML 8Page - Texas Instruments TPS3705-30D Datasheet HTML 9Page - Texas Instruments TPS3705-30D Datasheet HTML 10Page - Texas Instruments TPS3705-30D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TPS3705-30, TPS3705-33, TPS3705-50
TPS3707-25, TPS3707-30, TPS3707-33, TPS3707-50
PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
SLVS184B – NOVEMBER 1998 – REVISED JANUARY 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS370x-xx
VDD = 1.1 V
IOH = – 4 µA
0.8
TPS3707-25
V
V
+0 2V
TPS370x-30
VDD = VIT+ + 0.2 V,
IOH =–500 µA
0.7
×VDD
VOH
High-level output voltage
TPS370x-33
IOH = 500 µA
V
TPS370x-50
VDD = VIT+ + 0.2 V,
IOH = –800 µA
VDD –1.5 V
TPS370x-xx
VDD = 6 V,
IOH = –800 µA
DD
TPS3707-25
TPS370x-30
VDD = VIT++0.2 V, IOL = 1 mA
0.3
V
VOL
Low-level output voltage
TPS370x-33
VOL
Low-level out ut voltage
TPS370x-50
VDD = VIT++0.2 V,
IOL = 2.5 mA
04
V
TPS370x-xx
VDD = 6 V
IOL = 3 mA
0.4
Power-up reset voltage (see Note 2)
VDD ≥ 1.1 V,
IOL = 50 µA
0.3
V
TPS3707-25
2.20
2.25
2.30
TPS370x-30
TA =0°Cto85°C
2.57
2.63
2.68
V
TPS370x-33
TA = 0°C to 85°C
2.87
2.93
2.98
V
Negative-going input
TPS370x-50
4.45
4.55
4.63
VIT–
Negative going in ut
threshold voltage
(N
)
TPS3707-25
2.20
2.25
2.32
(see Note 3)
TPS370x-30
TA =40°Cto85°C
2.57
2.63
2.70
V
TPS370x-33
TA = –40°C to 85°C
2.87
2.93
3.0
V
TPS370x-50
4.45
4.55
4.65
PFI
TPS370x-xx
VDD ≥ 2 V,
TA = –40°C to 85°C
1.20
1.25
1.30
V
TPS3707-25
40
VDD
TPS370x-30
50
Vhys
Hysteresis
VDD
TPS370x-33
50
mV
y
TPS370x-50
70
PFI
TPS370x-xx
10
IIH(AV)
Average high-level input
current
WDI
WDI = VDD = 6 V,
Time average (dc = 88%)
100
150
µA
IIL(AV)
Average low-level input
current
WDI
WDI = 0 V,
VDD = 6 V,
Time average (dc = 12%)
–15
–20
µA
IIH
High level input current
WDI
WDI = VDD = 6 V
120
170
µA
IIH
High-level input current
MR
MR = 0.7
×VDD, VDD = 6 V
–130
–180
µA
IIL
Low level input current
WDI
WDI = 0 V,
VDD = 6 V
–120
–170
µA
IIL
Low-level input current
MR
MR = 0 V,
VDD = 6 V
–430
–600
µA
II
Input current
PFI
VDD = 6 V,
0 V
≤ VI ≤ VDD
–1
0
1
µA
IDD
Supply current
TPS3707-xx
VDD = 2 V to 6 V, MR = VDD, MR,
WDI and outputs unconnected
20
50
µA
IDD
Supply current
TPS3705-xx
VDD = 2 V to 6 V, MR= VDD, MR,
WDI and outputs unconnected
30
50
µA
Ci
Input capacitance
VI = 0 V to VDD
5
pF
NOTES:
2. The lowest supply voltage at which RESET becomes active. tr,VDD ≥ 15 µs/V
3. To ensure best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1
µF) should be placed near to the supply terminals.


Similar Part No. - TPS3705-30D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3705-30D TI-TPS3705-30D Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30D TI1-TPS3705-30D Datasheet
771Kb / 21P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30D TI1-TPS3705-30D Datasheet
1Mb / 28P
[Old version datasheet]   Processor Supervisory Circuits With Power-Fail
TPS3705-30DG4 TI-TPS3705-30DG4 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30DG4 TI1-TPS3705-30DG4 Datasheet
771Kb / 21P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
More results

Similar Description - TPS3705-30D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3705-30 TI1-TPS3705-30_16 Datasheet
1Mb / 28P
[Old version datasheet]   Processor Supervisory Circuits With Power-Fail
TPS3705 TI-TPS3705_07 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30 TI1-TPS3705-30 Datasheet
771Kb / 21P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI1-TPS3306-15_16 Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15DGKR TI-TPS3306-15DGKR Datasheet
633Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI-TPS3306-15 Datasheet
274Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15-Q1 TI-TPS3306-15-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3306-15-Q1 TI1-TPS3306-15-Q1_16 Datasheet
815Kb / 16P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com