Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PO3B3125A Datasheet(PDF) 1 Page - Potato Semiconductor Corporation

Part # PO3B3125A
Description  High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO3B3125A Datasheet(HTML) 1 Page - Potato Semiconductor Corporation

  PO3B3125A Datasheet HTML 1Page - Potato Semiconductor Corporation PO3B3125A Datasheet HTML 2Page - Potato Semiconductor Corporation PO3B3125A Datasheet HTML 3Page - Potato Semiconductor Corporation PO3B3125A Datasheet HTML 4Page - Potato Semiconductor Corporation PO3B3125A Datasheet HTML 5Page - Potato Semiconductor Corporation PO3B3125A Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES:
DESCRIPTION:
• Patented technology
• High signal -3db passing bandwidth at 1.4GHz
• Near-Zero propagation delay
• VCC = 1.65V to 3.6V
• Ultra-Low Quiescent Power: 0.1µA typical
• Ideally suited for low power applications
• Industrial operating temperature: -40
°C to +85°C
• Available in 14 pin TSSOP package
Potato Semiconductor’s PO3B3125A is
designed for world top performance using
submicron CMOS technology to achieve GHz
high bandwidth.
The PO3B3125A is a High-Bandwidth, 4-Bit,
2-Port Bus Switch w/ Individual Enables Bus Switch.
The switch introduces no additional ground bounce
noise or propagation delay
.
Pin Configuration
Block Diagram
Pin Description
Truth Table
02/04/08
High-Bandwidth, 4-Bit, 2-Port Bus Switch
w/ Individual Enables
Copyright © Potato Semiconductor Corporation
1
PO3B3125A
High Bandwidth Potato Chip
A0
A1
A2
BE0
BE1
A3
BE2
BE3
B0
B1
B2
B3
SW
SW
SW
SW
A
B
BE
SW
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC
BE3
A3
B3
BE2
A2
B2
BE0
A0
B0
BE1
A1
B1
GND
Pin Name
Description
BEN
Switch Enable
A3-A0
Bus A
B3-B0
Bus B
VCC
Power
GND
Ground
AN
BN
VCC
Function
X
Hi-Z Hi-Z GND
Disconnect
H
Hi-Z Hi-Z VCC
Disconnect
L
Bn
An
VCC
Connect
BEN


Similar Part No. - PO3B3125A

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B3125A POTATO-PO3B3125A_14 Datasheet
1Mb / 5P
   High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
More results

Similar Description - PO3B3125A

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B3126A POTATO-PO3B3126A_14 Datasheet
1Mb / 5P
   High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3125A POTATO-PO3B3125A_14 Datasheet
1Mb / 5P
   High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3126A POTATO-PO3B3126A Datasheet
550Kb / 6P
   8-Bit, 2-Port Bus Switch w/ Individual Enables
logo
Pericom Semiconductor C...
PI3C3305 PERICOM-PI3C3305 Datasheet
479Kb / 6P
   2.5V/3.3V, High Bandwidth, Hot Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
PI3C3306UEX PERICOM-PI3C3306UEX Datasheet
789Kb / 7P
   2.5V/3.3V, High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
logo
Potato Semiconductor Co...
PO3B3305A POTATO-PO3B3305A Datasheet
574Kb / 6P
   Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3306A POTATO-PO3B3306A_14 Datasheet
1Mb / 5P
   High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch with Individual Enables
PO3B3305A POTATO-PO3B3305A_14 Datasheet
1Mb / 5P
   High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch with Individual Enables
logo
Pericom Semiconductor C...
PI3C3125 PERICOM-PI3C3125 Datasheet
193Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3125QEX PERICOM-PI3C3125QEX Datasheet
764Kb / 7P
   2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com