Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PO3B1000ATU Datasheet(PDF) 3 Page - Potato Semiconductor Corporation

Part # PO3B1000ATU
Description  Hot Insertion 10-Channel 2-Port Bus Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO3B1000ATU Datasheet(HTML) 3 Page - Potato Semiconductor Corporation

  PO3B1000ATU Datasheet HTML 1Page - Potato Semiconductor Corporation PO3B1000ATU Datasheet HTML 2Page - Potato Semiconductor Corporation PO3B1000ATU Datasheet HTML 3Page - Potato Semiconductor Corporation PO3B1000ATU Datasheet HTML 4Page - Potato Semiconductor Corporation PO3B1000ATU Datasheet HTML 5Page - Potato Semiconductor Corporation PO3B1000ATU Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Power Supply Characteristics
Symbol
Description
Test Conditions (1)
Min
Typ
Max
Unit
Icc
Quiescent Power Supply Current
Vcc=Max, Vin=Vcc or GND
-
0.1
3
uA
Notes:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 3.3V, 25
°C ambient.
3. This parameter is guaranteed but not tested.
4. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
5. VoH = Vcc – 0.6V at rated current
Capacitance
Copyright © Potato Semiconductor Corporation
3
(TA = 25°C f = 1 MHz)
Switching Characteristics over 3.3V Operating Range
Parameters
Description
Conditions
Units
Max.
tPLH
tPHL
See Test Diagram
0.3
ns
tPZH
tPZL
See Test Diagram
2.0
tPHZ
tPLZ
3.0
Dynamic Electrical Characteristics Over the Operating Range
(TA = -40º to +85º, VCC = 3.3V ± 10%)
Parameter
Description
Test Condition
Typ.
Units
XTALK
Crosstalk
RL = 50Ω
-60
dB
OIRR
Off-Isolation
RL = 50Ω
-60
BW
-3dB Bandwidth
RL = 50Ω
750
MHz
Parameters
Description
Test Conditions
Typical
Units
CIN
Input Capacitance
VIN = 0V
3
pF
COFFYN
YN Capacitance, Switch OFF
4.4
COFFIN
IN Capacitance, Switch OFF
3.5
CON
IN/YN Capacitance, Switch ON
7.9
10/27/07
Hot Insertion 10-Channel 2-Port Bus Switch
PO3B1000A
High Bandwidth Potato Chip
Propogation Delay
Bus Enable Time
Bus Disable Time


Similar Part No. - PO3B1000ATU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B1000A POTATO-PO3B1000A_14 Datasheet
1Mb / 6P
   Hot Insertion 10-Channel 2-Port Bus Switch
More results

Similar Description - PO3B1000ATU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B1000A POTATO-PO3B1000A_14 Datasheet
1Mb / 6P
   Hot Insertion 10-Channel 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI3B32X245 PERICOM-PI3B32X245 Datasheet
227Kb / 3P
   3.3V, Hot Insertion 16-Bit, 2-Port Bus Switch
PI3B32X245 PERICOM-PI3B32X245_06 Datasheet
317Kb / 4P
   3.3V, Hot Insertion 16-Bit, 2-Port Bus Switch
PI3C3384 PERICOM-PI3C3384 Datasheet
308Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
PI3C3861-AQE PERICOM-PI3C3861-AQE Datasheet
364Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot-Insertion, 10-Bit, 2-Port, Bus Switch
PI3C3861-A PERICOM-PI3C3861-A Datasheet
365Kb / 2P
   2.5V/3.3V, High Bandwidth, Hot-Insertion,10-Bit, 2-Port, Bus Switch
PI3C3384 PERICOM-PI3C3384_11 Datasheet
683Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
logo
Potato Semiconductor Co...
PO3B3305A POTATO-PO3B3305A Datasheet
574Kb / 6P
   Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
PO3VT3245A POTATO-PO3VT3245A Datasheet
543Kb / 6P
   Hot Insertion 8-Bit, 2-Port, Low Voltage Translator Bus Switch
PO3VT3306A POTATO-PO3VT3306A_14 Datasheet
1Mb / 5P
   High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port, Signal Voltage Translator Bus Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com