Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3125J12 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS3125J12
Description  ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3125J12 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3125J12 Datasheet HTML 3Page - Texas Instruments TPS3125J12 Datasheet HTML 4Page - Texas Instruments TPS3125J12 Datasheet HTML 5Page - Texas Instruments TPS3125J12 Datasheet HTML 6Page - Texas Instruments TPS3125J12 Datasheet HTML 7Page - Texas Instruments TPS3125J12 Datasheet HTML 8Page - Texas Instruments TPS3125J12 Datasheet HTML 9Page - Texas Instruments TPS3125J12 Datasheet HTML 10Page - Texas Instruments TPS3125J12 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TPS3123J12, TPS3123G15, TPS3123J18, TPS3124J12, TPS3124G15
TPS3124J18, TPS3125J12, TPS3125G15, TPS3125J18, TPS3125L30
ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
SLVS227 – AUGUST 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MR pullup resistor (internal)
27
k
IIH
High level input current
WDI
WDI = VDD = 3.3 V
–1
1
µA
IIH
High-level input current
MR
MR = 0.7
×VDD,
VDD = 3.3 V
–20
–55
µA
IIL
Low level input current
WDI
WDI = 0 V,
VDD = 3.3 V
–1
1
µA
IIL
Low-level input current
MR
MR = 0 V,
VDD = 3.3 V
–80
–170
µA
RESET
VDD = 1.5 V,
IOH = –1 mA
VOH
High level output voltage
RESET
VDD = 3.3 V,
IOH = – 4.5 mA
08
×VDD
V
VOH
High-level output voltage
RESET
VDD = 0.75 V,
IOH = – 8 µA
0.8
×VDD
V
RESET
VDD = 1.5 V,
IOH = –1 mA
RESET
VDD = 0.75 V,
IOL = 15 µA
VOL
Low level output voltage
RESET
VDD = 1.5 V,
IOL = 1.4 mA
0.2
×VDD
V
VOL
Low-level output voltage
RESET
VDD = 1.5 V,
IOL = 1.4 mA
V
RESET
VDD = 3.3 V,
IOL = 3 mA
0.4
TPS312xJ12
1.04
1.08
1.12
VIT
Negative-going input threshold
TPS312xG15
TA =40°Cto85°C
1.35
1.40
1.45
V
VIT–
gg
g
voltage (see Note 2)
TPS312xJ18
TA = –40°C to 85°C
1.56
1.62
1.68
V
TPS312xL30
2.57
2.64
2.71
1 V < VIT– < 1.4 V
15
Vhys
Hysteresis at VDD input
1.4 V < VIT– <2 V
20
mV
y
2 V < VIT– < 3 V
30
TPS3123-xx
WDI = VDD,
VDD = 0.75 V
14
IDD
Supply current
TPS3124-xx
DD,
MR unconnected
VDD = 3.3 V
22
30
µA
IDD
Supply current
TPS3125-xx
MR unconnected
VDD = 0.75 V
14
µA
(see Note 3)
MR unconnected
VDD = 3.3 V
18
25
Ci
Input capacitance at MR, WDI
VI = 0 V to 3.3 V
5
pF
NOTES:
2. To ensure best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1
µF) should be placed near the supply terminal.
3. The supply current during delay time td is typical 5 µA higher.


Similar Part No. - TPS3125J12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3125J12DBVR TI-TPS3125J12DBVR Datasheet
218Kb / 12P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3125J12DBVR TI-TPS3125J12DBVR Datasheet
780Kb / 22P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3125J12DBVR TI1-TPS3125J12DBVR Datasheet
813Kb / 21P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3125J12DBVRG4 TI-TPS3125J12DBVRG4 Datasheet
780Kb / 22P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3125J12DBVRG4 TI1-TPS3125J12DBVRG4 Datasheet
813Kb / 21P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
More results

Similar Description - TPS3125J12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3125L30DBVTG4 TI-TPS3125L30DBVTG4 Datasheet
780Kb / 22P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI-TPS3123-XX_08 Datasheet
409Kb / 19P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI-TPS3123-XX Datasheet
218Kb / 12P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI1-TPS3123-XX_16 Datasheet
813Kb / 21P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com