Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PO3B16245ATU Datasheet(PDF) 6 Page - Potato Semiconductor Corporation

Part # PO3B16245ATU
Description  16-Bit, 2-Port Bus Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO3B16245ATU Datasheet(HTML) 6 Page - Potato Semiconductor Corporation

  PO3B16245ATU Datasheet HTML 1Page - Potato Semiconductor Corporation PO3B16245ATU Datasheet HTML 2Page - Potato Semiconductor Corporation PO3B16245ATU Datasheet HTML 3Page - Potato Semiconductor Corporation PO3B16245ATU Datasheet HTML 4Page - Potato Semiconductor Corporation PO3B16245ATU Datasheet HTML 5Page - Potato Semiconductor Corporation PO3B16245ATU Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Copyright © Potato Semiconductor Corporation
6
Ordering Information
Top-Marking
Ordering Code
Package
48-pin TSSOP
Tube
Pb-free & Green
48-pin TSSOP
Tape and reel
Pb-free & Green
PO3B16245ATU
PO3B16245ATR
PO3B16245AT
PO3B16245AT
-40°C to 85°C
-40°C to 85°C
TA
IC Package Information
PACKAGE
CODE
PACKAGE
TYPE
QTY
PER
TUBE
TAPE
WIDTH
(mm)
TAPE
PITCH
(mm)
PIN 1 LOCATION
TAPE TRAILER
LENGTH
QTY
PER REEL
TAPE LEADER
LENGTH
24
12
Top Left Corner
26 (12”)
1500
43 (20”)
T
TSSOP 48
39
03/16/08
16-Bit, 2-Port Bus Switch
PO3B16245A
High Bandwidth Potato Chip


Similar Part No. - PO3B16245ATU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B16245A POTATO-PO3B16245A_14 Datasheet
1Mb / 5P
   16-Bit, 2-Port Bus Switch
More results

Similar Description - PO3B16245ATU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B16245A POTATO-PO3B16245A_14 Datasheet
1Mb / 5P
   16-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C16245AX PERICOM-PI5C16245AX Datasheet
238Kb / 6P
   16-Bit, 2-Port Bus Switch
PI5C16245 PERICOM-PI5C16245 Datasheet
195Kb / 5P
   16-Bit, 2-Port Bus Switch
PI3B32X245 PERICOM-PI3B32X245 Datasheet
227Kb / 3P
   3.3V, Hot Insertion 16-Bit, 2-Port Bus Switch
PI3VT32X245 PERICOM-PI3VT32X245 Datasheet
327Kb / 4P
   16-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3B32X245 PERICOM-PI3B32X245_06 Datasheet
317Kb / 4P
   3.3V, Hot Insertion 16-Bit, 2-Port Bus Switch
PI3VT32X245-A PERICOM-PI3VT32X245-A Datasheet
708Kb / 5P
   16-Bit, 2-Port, Low Voltage Translator Bus Switch
logo
Potato Semiconductor Co...
PO3B16244A POTATO-PO3B16244A Datasheet
552Kb / 6P
   16-Bit, 4-Port Bus Switch
PO3B16244A POTATO-PO3B16244A_14 Datasheet
1Mb / 5P
   16-Bit, 4-Port Bus Switch
PO3B3245A POTATO-PO3B3245A Datasheet
544Kb / 6P
   8-Bit, 2-Port Bus Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com