Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5100PW Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS5100PW
Description  TRIPLE-CHANNEL PWM CONTROL CIRCUITS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5100PW Datasheet(HTML) 2 Page - Texas Instruments

  TPS5100PW Datasheet HTML 1Page - Texas Instruments TPS5100PW Datasheet HTML 2Page - Texas Instruments TPS5100PW Datasheet HTML 3Page - Texas Instruments TPS5100PW Datasheet HTML 4Page - Texas Instruments TPS5100PW Datasheet HTML 5Page - Texas Instruments TPS5100PW Datasheet HTML 6Page - Texas Instruments TPS5100PW Datasheet HTML 7Page - Texas Instruments TPS5100PW Datasheet HTML 8Page - Texas Instruments TPS5100PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TPS5100
TRIPLE-CHANNEL PWM CONTROL CIRCUITS
SLVS169 – JANUARY 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
_
+
_
+
+
_
+
+
_
+
_
+
_
+
_
+
+
+
+
+
+
+
+
1 V
0.4 V
V01
V03
Vref
Vref
–VO2
E/01
IN–1
IN–3
E/03
DTC1/3
DTC2
IN–2
E/02
DIS
DIS
Vref
Vref
E/A1
E/C1
E/A3
E/C3
VT2
1.15 V
VT1, 0.25 V
EN1
EN2
R
R
VT4, 0.7 V
VT3, 0.25 V
E/C2
E/A2
GND
OSC
CT/RT
UVLO
VCC
Vref
Vref
To Internal
Circuitry
VCC
PWM/C
PWM/C
PWM/C
DIS
EN1
EN1
EN2
VT5
1.25 V
LATCH
SPC/C
2
µA
VCC
VCC
VCC
OUT1
OUT3
OUT2
SCP
VCC
V01
VCC
–VO2
Boost
Buck-Boost
NOTE A: All voltages and currents listed are nominal.


Similar Part No. - TPS5100PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5100IPW TI1-TPS5100IPW Datasheet
780Kb / 15P
[Old version datasheet]   TRIPLE-CHANNEL PWM CONTROL CIRCUITS
TPS5100IPWR TI1-TPS5100IPWR Datasheet
780Kb / 15P
[Old version datasheet]   TRIPLE-CHANNEL PWM CONTROL CIRCUITS
More results

Similar Description - TPS5100PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5100IPWR TI1-TPS5100IPWR Datasheet
780Kb / 15P
[Old version datasheet]   TRIPLE-CHANNEL PWM CONTROL CIRCUITS
logo
Advanced Analogic Techn...
AAT1100 ANALOGICTECH-AAT1100 Datasheet
473Kb / 15P
   TRIPLE-CHANNEL PWM CONTROLLER
logo
Shenzhen Huazhimei Semi...
HM3136 HMSEMI-HM3136 Datasheet
820Kb / 7P
   PWM CONVERTER CONTROL CIRCUITS
logo
E-Tech Electronics LTD
UC3842A-3843A ETL-UC3842A-3843A Datasheet
308Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
Wuxi Youda electronics ...
YD3842 YOUDA-YD3842 Datasheet
84Kb / 4P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
List of Unclassifed Man...
UTC3843D ETC-UTC3843D Datasheet
80Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
2006.07.11
logo
Wuxi Youda electronics ...
YD3843 YOUDA-YD3843 Datasheet
85Kb / 4P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
Unisonic Technologies
UC3842A UTC-UC3842A_17 Datasheet
286Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_11 Datasheet
270Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UTCUC3842A UTC-UTCUC3842A Datasheet
114Kb / 7P
   CURRENT MODE PWM CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com