Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PO49FCT3807BCR Datasheet(PDF) 2 Page - Potato Semiconductor Corporation

Part # PO49FCT3807BCR
Description  3.3V Dual 1:10 CMOS Clock Buffered Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO49FCT3807BCR Datasheet(HTML) 2 Page - Potato Semiconductor Corporation

  PO49FCT3807BCR Datasheet HTML 1Page - Potato Semiconductor Corporation PO49FCT3807BCR Datasheet HTML 2Page - Potato Semiconductor Corporation PO49FCT3807BCR Datasheet HTML 3Page - Potato Semiconductor Corporation PO49FCT3807BCR Datasheet HTML 4Page - Potato Semiconductor Corporation PO49FCT3807BCR Datasheet HTML 5Page - Potato Semiconductor Corporation PO49FCT3807BCR Datasheet HTML 6Page - Potato Semiconductor Corporation PO49FCT3807BCR Datasheet HTML 7Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Maximum Ratings
DC Electrical Characteristics
Symbol
Description
Test Conditions
Min
Typ
Max
Unit
VOH
Output High voltage
Vcc=3V Vin=VIH or VIL, IOH= -12mA
2.4
3
-
V
VOL
Output Low voltage
Vcc=3V Vin=VIH or VIL, IOH=12mA
-
0.4
0.5
V
VIH
Input High voltage
Guaranteed Logic HIGH Level (Input Pin)
2
-
5.5
V
VIL
Input Low voltage
Guaranteed Logic LOW Level (Input Pin)
-0.5
-
0.8
V
IIH
Input High current
Vcc = 3.6V and Vin = 5.5V
IIL
Input Low current
Vcc = 3.6V and Vin = 0V
-
-
-50
uA
-
-
50
uA
VIK
Clamp diode voltage
Vcc = Min. And
IIN = -18mA
-
-0.7
-1.2
V
Notes:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Typical values are at Vcc = 3.3V, 25 °C ambient.
3.
This parameter is guaranteed but not tested.
4.
Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
5.
VoH = Vcc – 0.6V at rated current
Description
Max
Unit
Storage Temperature
-65 to 150
°C
Operation Temperature
-40 to 85
°C
Operation Voltage
-0.5 to +4.6
V
Input Voltage
-0.5 to +5.5
V
Output Voltage
-0.5 to Vcc+0.5
V
Note:
stresses greater than listed under
Maximum
Ratings
may
cause
permanent damage to the device. This
is a stress rating only and functional
operation of the device at these or any
other conditions above those indicated
in the operational sections of this
specification is not implied. Exposure
to absolute maximum rating conditions
for extended periods may affect
reliability specification is not implied.
11/14/06
3.3V Dual 1:10 CMOS Clock Buffered Driver
Copyright © 2005-2006, Potato Semiconductor Corporation
2
PO49FCT3807B
800MHz TTL/CMOS Potato Chip


Similar Part No. - PO49FCT3807BCR

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
PO49FCT3807B POMONA-PO49FCT3807B_14 Datasheet
1Mb / 6P
   800MHz Noise Cancellation TTL/CMOS Potato Chip
More results

Similar Description - PO49FCT3807BCR

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO49FCT32807 POTATO-PO49FCT32807 Datasheet
546Kb / 6P
   3.3V 1:10 CMOS Clock Buffered Driver
PO49FCT3805B POTATO-PO49FCT3805B Datasheet
660Kb / 7P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT3804 POTATO-PO49FCT3804 Datasheet
542Kb / 6P
   3.3V Dual 1:4 CMOS Clock Buffered Driver
PO49FCT32805 POTATO-PO49FCT32805 Datasheet
564Kb / 6P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT32806 POTATO-PO49FCT32806 Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
PO49FCT3806 POTATO-PO49FCT3806 Datasheet
562Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
PO49FCT3802A POTATO-PO49FCT3802A Datasheet
566Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO74G553A POTATO-PO74G553A Datasheet
538Kb / 6P
   3.3V 1:4 CMOS Clock Buffered Driver
PO74G2308A POTATO-PO74G2308A Datasheet
609Kb / 7P
   3.3V 1:8 CMOS Clock Buffered Driver
PO49FCT32802G POTATO-PO49FCT32802G Datasheet
524Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com