Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PO49FCT3807BQU Datasheet(PDF) 6 Page - Potato Semiconductor Corporation

Part # PO49FCT3807BQU
Description  3.3V Dual 1:10 CMOS Clock Buffered Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO49FCT3807BQU Datasheet(HTML) 6 Page - Potato Semiconductor Corporation

  PO49FCT3807BQU Datasheet HTML 1Page - Potato Semiconductor Corporation PO49FCT3807BQU Datasheet HTML 2Page - Potato Semiconductor Corporation PO49FCT3807BQU Datasheet HTML 3Page - Potato Semiconductor Corporation PO49FCT3807BQU Datasheet HTML 4Page - Potato Semiconductor Corporation PO49FCT3807BQU Datasheet HTML 5Page - Potato Semiconductor Corporation PO49FCT3807BQU Datasheet HTML 6Page - Potato Semiconductor Corporation PO49FCT3807BQU Datasheet HTML 7Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Packaging Mechanical Drawing: 20 pin SSOP
11/14/06
3.3V Dual 1:10 CMOS Clock Buffered Driver
Copyright © 2005-2006, Potato Semiconductor Corporation
6
PO49FCT3807B
800MHz TTL/CMOS Potato Chip
.272
.295
.078
.002
SEATING
PLANE
.0098
Max.
.0256
BSC
1
20
.197
.220
0.25
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
0.050
5.00
5.60
2.00
6.90
7.50
0.65
Max
Min
.022
.037
.004
.009
.291
.322
7.40
8.20
0.55
0.95
0.09
0.25


Similar Part No. - PO49FCT3807BQU

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
PO49FCT3807B POMONA-PO49FCT3807B_14 Datasheet
1Mb / 6P
   800MHz Noise Cancellation TTL/CMOS Potato Chip
More results

Similar Description - PO49FCT3807BQU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO49FCT32807 POTATO-PO49FCT32807 Datasheet
546Kb / 6P
   3.3V 1:10 CMOS Clock Buffered Driver
PO49FCT3805B POTATO-PO49FCT3805B Datasheet
660Kb / 7P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT3804 POTATO-PO49FCT3804 Datasheet
542Kb / 6P
   3.3V Dual 1:4 CMOS Clock Buffered Driver
PO49FCT32805 POTATO-PO49FCT32805 Datasheet
564Kb / 6P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT32806 POTATO-PO49FCT32806 Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
PO49FCT3806 POTATO-PO49FCT3806 Datasheet
562Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
PO49FCT3802A POTATO-PO49FCT3802A Datasheet
566Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO74G553A POTATO-PO74G553A Datasheet
538Kb / 6P
   3.3V 1:4 CMOS Clock Buffered Driver
PO74G2308A POTATO-PO74G2308A Datasheet
609Kb / 7P
   3.3V 1:8 CMOS Clock Buffered Driver
PO49FCT32802G POTATO-PO49FCT32802G Datasheet
524Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com