Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PO49FCT32806S Datasheet(PDF) 1 Page - Potato Semiconductor Corporation

Part # PO49FCT32806S
Description  3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO49FCT32806S Datasheet(HTML) 1 Page - Potato Semiconductor Corporation

  PO49FCT32806S Datasheet HTML 1Page - Potato Semiconductor Corporation PO49FCT32806S Datasheet HTML 2Page - Potato Semiconductor Corporation PO49FCT32806S Datasheet HTML 3Page - Potato Semiconductor Corporation PO49FCT32806S Datasheet HTML 4Page - Potato Semiconductor Corporation PO49FCT32806S Datasheet HTML 5Page - Potato Semiconductor Corporation PO49FCT32806S Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES:
DESCRIPTION:
. Operating frequency up to 700MHz with 2pf load
. Operating frequency up to 500MHz with 5pf load
. Operating frequency up to 300MHz with 15pf load
. Operating frequency up to 120MHz with 50pf load
. Very low output pin to pin skew < 250ps
. Very low pulse skew < 200ps
. VCC = 1.65V to 3.6V
. Propagation delay < 2.9ns max with 15pf load
. Low input capacitance: 3pf typical
. Dual 1:5 invert fanout
. Available in 20pin 300mil wide SOIC package
. Available in 20pin 150mil wide QSOP package
Potato Semiconductor’s PO49FCT32806G is
designed for world top performance using
submicron
CMOS
technology
to
achieve
700MHz TTL output frequency with less than
200ps output pulse skew.
PO49FCT32806G is a 3.3V CMOS Dual 1 input
to 5 outputs Invert Buffered driver to achieve
700MHz output frequency with integrated series
damping resistors on all outputs to match 50 ohm
transmission line impedance. Typical applications
are crystal oscillator, ring oscillator, clock and
signal distribution.
Pin Configuration
Logic Block Diagram
Pin Description
Pin Name
Description
Inputs
Outputs
INA, INB
Signal or clock Inputs
INA, INB
OAn, OBn
MON
Hi-Z State Output Enable Inputs (Active LOW)
L
L
H
H
L
L
H
L
s
t
u
p
t
u
O
k
c
o
l
c
r
o
l
a
n
g
i
S
n
B
O
,
n
A
O
H
Z
L
H
t
u
p
t
u
O
r
o
t
i
n
o
M
N
O
M
Vcc, GND
Power, Ground
H
H
Z
L
11/22/05
3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
Copyright © 2005, Potato Semiconductor Corporation
1
PO49FCT32806
700MHz TTL/CMOS Potato Chip


Similar Part No. - PO49FCT32806S

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO49FCT32806A POTATO-PO49FCT32806A Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49FCT32806A is designed for world top performance using submicron CMOS technology to achieve 700MHz TTL output frequency with less than 200ps output pulse skew.
PO49FCT32806ACR POTATO-PO49FCT32806ACR Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49FCT32806A is designed for world top performance using submicron CMOS technology to achieve 700MHz TTL output frequency with less than 200ps output pulse skew.
PO49FCT32806ACU POTATO-PO49FCT32806ACU Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49FCT32806A is designed for world top performance using submicron CMOS technology to achieve 700MHz TTL output frequency with less than 200ps output pulse skew.
PO49FCT32806AQR POTATO-PO49FCT32806AQR Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49FCT32806A is designed for world top performance using submicron CMOS technology to achieve 700MHz TTL output frequency with less than 200ps output pulse skew.
PO49FCT32806AQU POTATO-PO49FCT32806AQU Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49FCT32806A is designed for world top performance using submicron CMOS technology to achieve 700MHz TTL output frequency with less than 200ps output pulse skew.
More results

Similar Description - PO49FCT32806S

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO49FCT3806 POTATO-PO49FCT3806 Datasheet
562Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
PO49FCT3805B POTATO-PO49FCT3805B Datasheet
660Kb / 7P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT32805 POTATO-PO49FCT32805 Datasheet
564Kb / 6P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT32802G POTATO-PO49FCT32802G Datasheet
524Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO49FCT3802A POTATO-PO49FCT3802A Datasheet
566Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO74G2305A POTATO-PO74G2305A Datasheet
394Kb / 5P
   3.3V 1:5 CMOS Clock Buffered Driver
PO49FCT3807B POTATO-PO49FCT3807B Datasheet
637Kb / 7P
   3.3V Dual 1:10 CMOS Clock Buffered Driver
PO49FCT3804 POTATO-PO49FCT3804 Datasheet
542Kb / 6P
   3.3V Dual 1:4 CMOS Clock Buffered Driver
PO74G553A POTATO-PO74G553A Datasheet
538Kb / 6P
   3.3V 1:4 CMOS Clock Buffered Driver
PO74G2308A POTATO-PO74G2308A Datasheet
609Kb / 7P
   3.3V 1:8 CMOS Clock Buffered Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com