Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PO49FCT32807S Datasheet(PDF) 1 Page - Potato Semiconductor Corporation

Part # PO49FCT32807S
Description  3.3V 1:10 CMOS Clock Buffered Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO49FCT32807S Datasheet(HTML) 1 Page - Potato Semiconductor Corporation

  PO49FCT32807S Datasheet HTML 1Page - Potato Semiconductor Corporation PO49FCT32807S Datasheet HTML 2Page - Potato Semiconductor Corporation PO49FCT32807S Datasheet HTML 3Page - Potato Semiconductor Corporation PO49FCT32807S Datasheet HTML 4Page - Potato Semiconductor Corporation PO49FCT32807S Datasheet HTML 5Page - Potato Semiconductor Corporation PO49FCT32807S Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES:
DESCRIPTION:
. Operating frequency up to 400MHz with 2pf load
. Operating frequency up to 350MHz with 5pf load
. Operating frequency up to 280MHz with 15pf load
. Operating frequency up to 100MHz with 50pf load
. Very low output pin to pin skew < 300ps
. Very low pulse skew < 200ps
. VCC = 1.65V to 3.6V
. Propagation delay < 2.5 ns max with 15pf load
. Low input capacitance: 3pf typical
. 1:10 fanout
. Available in 20pin 150mil wide QSOP package
. Available in 20pin 300mil wide SOIC package
Potato Semiconductor’s PO49FCT32807G is
designed for world top performance using
submicron
CMOS
technology
to
achieve
400MHz output frequency with less than 300ps
output skew.
PO49FCT32807G is a 3.3V CMOS 1 input to 10
Output Buffered Driver with integrated series
damping resistors on all outputs to match 50 ohm
transmission line impedance. Typical applications
are clock and signal distribution.
Pin Configuration
Logic Block Diagram
Pin Description
Pin Name
Description
t
u
p
n
I
A
N
I
O1 to O10
Outputs
11/22/05
3.3V 1:10 CMOS Clock Buffered Driver
Copyright © 2005, Potato Semiconductor Corporation
1
PO49FCT32807
400MHz TTL/CMOS Potato Chip


Similar Part No. - PO49FCT32807S

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
PO49FCT32807G POMONA-PO49FCT32807G_14 Datasheet
1Mb / 6P
   400MHz Noise Cancellation TTL/CMOS Potato Chip
More results

Similar Description - PO49FCT32807S

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO49FCT3807B POTATO-PO49FCT3807B Datasheet
637Kb / 7P
   3.3V Dual 1:10 CMOS Clock Buffered Driver
PO49FCT3802A POTATO-PO49FCT3802A Datasheet
566Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO74G553A POTATO-PO74G553A Datasheet
538Kb / 6P
   3.3V 1:4 CMOS Clock Buffered Driver
PO74G2308A POTATO-PO74G2308A Datasheet
609Kb / 7P
   3.3V 1:8 CMOS Clock Buffered Driver
PO49FCT32802G POTATO-PO49FCT32802G Datasheet
524Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO74G2309A POTATO-PO74G2309A Datasheet
554Kb / 6P
   3.3V 1:9 CMOS Clock Buffered Driver
PO74G304A POTATO-PO74G304A Datasheet
584Kb / 6P
   3.3V 1:4 CMOS Clock Buffered Driver
PO74G2305A POTATO-PO74G2305A Datasheet
394Kb / 5P
   3.3V 1:5 CMOS Clock Buffered Driver
PO49FCT32803 POTATO-PO49FCT32803 Datasheet
549Kb / 6P
   3.3V 1:7 CMOS Clock Buffered Driver
PO49FCT3805B POTATO-PO49FCT3805B Datasheet
660Kb / 7P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com