Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5102DBT Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS5102DBT
Description  DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5102DBT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS5102DBT Datasheet HTML 5Page - Texas Instruments TPS5102DBT Datasheet HTML 6Page - Texas Instruments TPS5102DBT Datasheet HTML 7Page - Texas Instruments TPS5102DBT Datasheet HTML 8Page - Texas Instruments TPS5102DBT Datasheet HTML 9Page - Texas Instruments TPS5102DBT Datasheet HTML 10Page - Texas Instruments TPS5102DBT Datasheet HTML 11Page - Texas Instruments TPS5102DBT Datasheet HTML 12Page - Texas Instruments TPS5102DBT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
TPS5102
DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
SLVS239 - SEPTEMBER 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC = 7 V
(unless otherwise noted) (continued)
softstart
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICTRL
Soft-start current
1.8
2.5
3
µA
Maximum discharge current
0.92
mA
VTLH
Threshold voltage (skip mode)
3.4
3.9
4.7
V
VTHL
Threshold voltage (skip mode)
1.8
2.6
3.4
V
output voltage protection (COMP)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Threshold voltage
0.9
1.1
1.3
V
Progagation delay†, 50% duty cycle,
No capacitor on COMP or OUT_u pin,
Frequency = 200 kHz
Turnon
900
ns
Turnoff (with channel on)
400
ns
† The delay time in the table includes the driver delay.
PWM/SKIP
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Threshold
High to low
0.5
V
Threshold
Low to high
2
V
Delay
High to low
550
ns
Delay
Low to high
400
ns


Similar Part No. - TPS5102DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51020 TI-TPS51020 Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
TPS51020DBT TI-TPS51020DBT Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
TPS51020DBTG4 TI-TPS51020DBTG4 Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
TPS51020DBTR TI-TPS51020DBTR Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
TPS51020DBTRG4 TI-TPS51020DBTRG4 Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
More results

Similar Description - TPS5102DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5102 TI1-TPS5102_08 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
logo
Richtek Technology Corp...
RT8206L RICHTEK-RT8206L Datasheet
469Kb / 27P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8205L RICHTEK-RT8205L Datasheet
405Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223P RICHTEK-RT8223P Datasheet
311Kb / 23P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223N RICHTEK-RT8223N Datasheet
370Kb / 23P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Richtek Technology Corp...
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX1715 MAXIM-MAX1715 Datasheet
308Kb / 28P
   Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
19-1541; Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com