Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PO49HSTL3803T Datasheet(PDF) 4 Page - Potato Semiconductor Corporation

Part # PO49HSTL3803T
Description  3.3V 1:5 Differential to TTL Translator Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO49HSTL3803T Datasheet(HTML) 4 Page - Potato Semiconductor Corporation

  PO49HSTL3803T Datasheet HTML 1Page - Potato Semiconductor Corporation PO49HSTL3803T Datasheet HTML 2Page - Potato Semiconductor Corporation PO49HSTL3803T Datasheet HTML 3Page - Potato Semiconductor Corporation PO49HSTL3803T Datasheet HTML 4Page - Potato Semiconductor Corporation PO49HSTL3803T Datasheet HTML 5Page - Potato Semiconductor Corporation PO49HSTL3803T Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Test Waveforms
Test Circuit
50
50
11/22/05
3.3V 1:5 Differential to TTL Translator Driver
Copyright © 2005, Potato Semiconductor Corporation
4
PO49HSTL3803
500MHz TTL/CMOS Potato Chip


Similar Part No. - PO49HSTL3803T

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO49HSTL3803A POTATO-PO49HSTL3803A Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49HSTL3803G is designed for world top performance using submicron CMOS technology to achieve 500MHz TTL output frequency with less than 100ps output pulse skew.
PO49HSTL3803AQR POTATO-PO49HSTL3803AQR Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49HSTL3803G is designed for world top performance using submicron CMOS technology to achieve 500MHz TTL output frequency with less than 100ps output pulse skew.
PO49HSTL3803AQU POTATO-PO49HSTL3803AQU Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49HSTL3803G is designed for world top performance using submicron CMOS technology to achieve 500MHz TTL output frequency with less than 100ps output pulse skew.
PO49HSTL3803ATR POTATO-PO49HSTL3803ATR Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49HSTL3803G is designed for world top performance using submicron CMOS technology to achieve 500MHz TTL output frequency with less than 100ps output pulse skew.
PO49HSTL3803ATU POTATO-PO49HSTL3803ATU Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49HSTL3803G is designed for world top performance using submicron CMOS technology to achieve 500MHz TTL output frequency with less than 100ps output pulse skew.
More results

Similar Description - PO49HSTL3803T

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO49HSTL3802 POTATO-PO49HSTL3802 Datasheet
544Kb / 6P
   3.3V 1:5 Differential to TTL Translator Driver
PO49HSTL3802G POTATO-PO49HSTL3802G_14 Datasheet
1Mb / 6P
   3.3V 1:5 Differential to TTL Translator Driver
PO49HSTL3807G POTATO-PO49HSTL3807G Datasheet
163Kb / 5P
   3.3V 1:10 Differential to TTL Translator Driver
PO49HSTL32807 POTATO-PO49HSTL32807 Datasheet
553Kb / 6P
   3.3V 1:10 Differential to TTL Translator Driver
PO49HSTL32807G POTATO-PO49HSTL32807G_14 Datasheet
1Mb / 6P
   3.3V 1:10 Differential to TTL Translator Driver
PO49HSTL3803G POTATO-PO49HSTL3803G_14 Datasheet
1Mb / 6P
   3.3V 1:7 Differential to TTL Translator Driver
logo
Micrel Semiconductor
SY10ELT20V MICREL-SY10ELT20V Datasheet
50Kb / 4P
   5V/3.3V TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22L MICREL-SY10ELT22L_05 Datasheet
82Kb / 5P
   3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22L MICREL-SY10ELT22L Datasheet
51Kb / 4P
   3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY89222L MICREL-SY89222L Datasheet
42Kb / 5P
   3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com