Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PO74G32ASU Datasheet(PDF) 1 Page - Potato Semiconductor Corporation

Part # PO74G32ASU
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO74G32ASU Datasheet(HTML) 1 Page - Potato Semiconductor Corporation

  PO74G32ASU Datasheet HTML 1Page - Potato Semiconductor Corporation PO74G32ASU Datasheet HTML 2Page - Potato Semiconductor Corporation PO74G32ASU Datasheet HTML 3Page - Potato Semiconductor Corporation PO74G32ASU Datasheet HTML 4Page - Potato Semiconductor Corporation PO74G32ASU Datasheet HTML 5Page - Potato Semiconductor Corporation PO74G32ASU Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright © Potato Semiconductor Corporation
54, 74 Series GHz Logic
PO54G32A, PO74G32A
QUADRUPLE 2-INPUT POSITIVE-OR GATES
10/27/07
1
INPUTS
OUTPUT
Y
A
B
H
X
X
H
L
L
. Patented technology
. Operating frequency up to 1.125GHz with 2pf load
. Operating frequency up to 750MHz with 5pf load
. Operating frequency up to 350MHz with 15pf load
. VCC Operates from 1.65V to 3.6V
. Propagation delay < 1.5ns max with 15pf load
. Low input capacitance: 4pf typical
. Available in 14pin 150mil wide SOIC package
. Available in 14pin Ceramic Dual Flatpack
. Available in 20pin Leadless Ceramic Chip Carrier
Pin Configuration
Logic Block Diagram
Pin Description
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Potato Semiconductor’s PO74G32A is designed for
world top performance using submicron CMOS
technology to achieve 1.125GHz TTL /CMOS output
frequency with less than 1.5ns propagation delay.
This quadruple 2-input positive-OR gate is designed
for 1.65-V to 3.6-V VCC operation.
The PO74G32A performs the Boolean function
Y= A · B or Y= A + B in positive logic.
Inputs can be driven from either 3.3V or 5V devices.
This feature allows the use of these devices as
translators in a mixed 3.3V/5V system environment.
A
B
Y
H
H
L
1A
1B
1Y
2A
2B
2Y
GND
V C C
4B
4A
4Y
3B
3A
3Y
3 2 1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
FEATURES:
DESCRIPTION:


Similar Part No. - PO74G32ASU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G32A POTATO-PO74G32A_14 Datasheet
1Mb / 5P
   74 Series Noise Cancellation GHz Logic
More results

Similar Description - PO74G32ASU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32ADBR TI1-SN74HC32ADBR Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
CD54ACT32 TI1-CD54ACT32 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54F32 TI-SN54F32 Datasheet
102Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
74ACT11032DRG4 TI-74ACT11032DRG4 Datasheet
481Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_10 Datasheet
789Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74AHC32 UTC-U74AHC32 Datasheet
179Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Texas Instruments
SN74LS32FN TI1-SN74LS32FN Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LV32PWLE TI-SN74LV32PWLE Datasheet
221Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_07 Datasheet
813Kb / 19P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74HC32 UTC-U74HC32 Datasheet
111Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com