Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PO74G240ASR Datasheet(PDF) 5 Page - Potato Semiconductor Corporation

Part # PO74G240ASR
Description  OCTAL 3-STATE BUS INVERTERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO74G240ASR Datasheet(HTML) 5 Page - Potato Semiconductor Corporation

  PO74G240ASR Datasheet HTML 1Page - Potato Semiconductor Corporation PO74G240ASR Datasheet HTML 2Page - Potato Semiconductor Corporation PO74G240ASR Datasheet HTML 3Page - Potato Semiconductor Corporation PO74G240ASR Datasheet HTML 4Page - Potato Semiconductor Corporation PO74G240ASR Datasheet HTML 5Page - Potato Semiconductor Corporation PO74G240ASR Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Copyright © Potato Semiconductor Corporation
Packaging Mechanical Drawing: 20 pin TSSOP
.252
.260
.047
1.20
.002
.006
SEATING
PLANE
.0256
BSC
1
20
.169
.177
0.05
0.15
4.3
4.5
6.4
6.6
0.65
0.19
0.30
.007
.012
Max
.018
.030
.004
.008
.238
.269
6.1
6.7
0.45
0.75
0.09
0.20
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
74 Series GHz Logic
PO74G240A
OCTAL 3-STATE BUS INVERTERS
10/22/07


Similar Part No. - PO74G240ASR

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G240A POTATO-PO74G240A_14 Datasheet
1Mb / 5P
   OCTAL 3-STATE BUS INVERTERS
More results

Similar Description - PO74G240ASR

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G240A POTATO-PO74G240A_14 Datasheet
1Mb / 5P
   OCTAL 3-STATE BUS INVERTERS
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
74HC_HCT245 PHILIPS-74HC_HCT245_15 Datasheet
137Kb / 22P
   Octal bus tranceiver; 3-state
Rev. 03-31 January 2005
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Potato Semiconductor Co...
PO74G244A POTATO-PO74G244A_14 Datasheet
1Mb / 5P
   OCTAL 3-STATE BUS BUFFERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com