Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PO74G2305ASR Datasheet(PDF) 1 Page - Potato Semiconductor Corporation

Part # PO74G2305ASR
Description  3.3V 1:5 CMOS Clock Buffered Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO74G2305ASR Datasheet(HTML) 1 Page - Potato Semiconductor Corporation

  PO74G2305ASR Datasheet HTML 1Page - Potato Semiconductor Corporation PO74G2305ASR Datasheet HTML 2Page - Potato Semiconductor Corporation PO74G2305ASR Datasheet HTML 3Page - Potato Semiconductor Corporation PO74G2305ASR Datasheet HTML 4Page - Potato Semiconductor Corporation PO74G2305ASR Datasheet HTML 5Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES:
DESCRIPTION:
. Patented technology
. Max input frequency > 1GHz
. Operating frequency up to 750MHz with 2pf load
. Operating frequency up to 600MHz with 5pf load
. Operating frequency up to 300MHz with 15pf load
. Operating frequency up to 125MHz with 50pf load
. Very low output pin to pin skew < 80ps
. Very low pulse skew < 130ps
. VCC = 1.65V to 3.6V
. Propagation delay < 1.5ns max with 15pf load
. Low input capacitance: 3pf typical
. 1:5 fanout
. Available in 8pin 150mil wide SOIC package
Inputs can be driven from either 3.3V or 5V devices.
This feature allows the use of these devices as
translators in a mixed 3.3V/5V system environment.
Pin Configuration
Logic Block Diagram
Pin Description
Pin Name
Description
t
u
p
n
I
A
N
I
O1 to O5
Outputs
1
2
3
4
5
8
7
6
INA
O2
O1
GND
VDD
O5
O4
O3
8-Pin
SOIC
Potato Semiconductor’s PO74G2305A is
designed for world top performance using
submicron CMOS technology to achieve
750MHz TTL output frequency with less than
80ps output pin to pin skew.
PO74G2305A is a 3.3V CMOS 1 input to 5
outputs Buffered driver to achieve 750MHz
output frequency. Typical applications are
clock and signal distribution.
10/05/07
3.3V 1:5 CMOS Clock Buffered Driver
Copyright © 2005-2006, Potato Semiconductor Corporation
1
PO74G2305A
750MHz TTL/CMOS Potato Chip


Similar Part No. - PO74G2305ASR

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G2305A POTATO-PO74G2305A_14 Datasheet
1Mb / 5P
   1.2V - 3.6V 1:5 CMOS Clock Buffered Driver
More results

Similar Description - PO74G2305ASR

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO49FCT32802G POTATO-PO49FCT32802G Datasheet
524Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO49FCT3802A POTATO-PO49FCT3802A Datasheet
566Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO49FCT3805B POTATO-PO49FCT3805B Datasheet
660Kb / 7P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT32805 POTATO-PO49FCT32805 Datasheet
564Kb / 6P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT32806 POTATO-PO49FCT32806 Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
PO49FCT3806 POTATO-PO49FCT3806 Datasheet
562Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
PO74G553A POTATO-PO74G553A Datasheet
538Kb / 6P
   3.3V 1:4 CMOS Clock Buffered Driver
PO74G2308A POTATO-PO74G2308A Datasheet
609Kb / 7P
   3.3V 1:8 CMOS Clock Buffered Driver
PO74G2309A POTATO-PO74G2309A Datasheet
554Kb / 6P
   3.3V 1:9 CMOS Clock Buffered Driver
PO74G304A POTATO-PO74G304A Datasheet
584Kb / 6P
   3.3V 1:4 CMOS Clock Buffered Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com