Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3193 Datasheet(PDF) 5 Page - ASM GmbH

Part # 3193
Description  POWER HiTESTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

3193 Datasheet(HTML) 5 Page - ASM GmbH

  3193 Datasheet HTML 1Page - ASM GmbH 3193 Datasheet HTML 2Page - ASM GmbH 3193 Datasheet HTML 3Page - ASM GmbH 3193 Datasheet HTML 4Page - ASM GmbH 3193 Datasheet HTML 5Page - ASM GmbH 3193 Datasheet HTML 6Page - ASM GmbH 3193 Datasheet HTML 7Page - ASM GmbH 3193 Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4
Graph Display of Harmonics
Voltage, current and power
can be analyzed and displayed
by bargraphs of harmonic
amplitude, content and phase
angle.Voltage, current and power
can be displayed simultaneously
for a single channel, or a single
parameter can be displayed
simultaneously for each of three
channels.
Waveform Display
The waveform display shows
one cycle of the voltage and
current waveforms. RMS and
peak values can be displayed
along with voltage and current
waveforms, or voltage and
current waveforms for up to
three channels can be displayed
at the same time.
List Display of Harmonics
The harmonic list display
shows the amplitude, pro-
portion, phase angle and
distortion for each harmonic
of voltage, current and power.
Displaying only proportion,
or two parameters simul-
taneously, such as amplitude
and phase angle, is selectable.
Vector Display of Harmonics
The harmonic vector display
shows the voltage, current and
phase angle for each harmonic,
making clear the voltage-
current phase relationship.
Support up to Harmonic / Flicker analysis when using the optional 9605 HARMONIC / FLICKER MEASUREMENTS UNIT .
Monitor Display
The relative "d" voltage change
∆V/V and the instantaneous
flicker value "S(t)" can be
displayed in a time series,
so past variations are clearly
displayed.
Flicker Measurement Display
Displays data during measurement
in real-time. Display can also be
switched to D measurement and
"Pst" value.
: Installs in the 3193 main unit
: Single-phase 2- and 3-wire, three-phase 4-wire
: Up to 3 channels within channels 1 to 6, depending
on 3193 wiring mode
: Floppy disk, RS-232C, GP-IB, printer
: Fundamental frequency: 1 to 440 Hz
PLL system (5 to 440 Hz), external clock system (1 to 5 Hz)
: Up to 50th harmonic (with 1 to 250 Hz fundamental)
: 16 cycles (for 40 to 70 Hz fundamental)
: Rectangular tiling (no gap between or overlap of windows)
: 512 points (for 40 to 70 Hz fundamental)
: Up to 4 (current), and up to 3 (voltage)
: Harmonic level, percentage and phase angle of each order
of harmonic wave for each of voltage, current and power.
Total up to 50th harmonic (of 40 to 70 Hz fundamental) for
voltage, current and power. Total harmonic distortion for
voltage and current (THD-F and THD-R)
Measurement of voltage, current, active power, peak voltage
and peak current values of the fundamental
Installation
Measurement lines
No. of channels
Output functions
Measurement range
Orders analyzed
Window width
Windowing type
Amount of data analyzed
Crest factor
Measurement items
: Every 1 window (except during communications with other devices)
: List, graph, vector and waveform
: Harmonic levels; at 45 to 66 Hz
Voltage/current: ±0.5%rdg.±0.05% f.s.
Active power: ±1.0%rdg.±0.1% f.s.
For 45 to 66-Hz fundamental, effective input is 0.1 to 110%
of range, total error of harmonic current when PLL is locked
is 5% of the limit value or within 0.2% of the rated current
of the device under test (no limitation with 9602).
: Fundamental frequency; 45 to 66 Hz, PLL synchronization system
: dc (relative constant voltage change), d max (max. relative constant
voltage change), d(t)200ms (relative voltage change per time), P0.1/
P1s/ P3s/ P10s and 30s (cumulative probability), Pst (short-term flicker
value), Plt (long-term flicker value)
: Measured value, CPF, Pst list, Monitor
: Within ±5% rdg. of limit on the limit curve line (Pst = 1) specified
for voltage fluctuation in IEC60868-0 (d measurement is the same)
RMS voltage
±0.5%rdg.±0.05%f.s. (45Hz~66Hz)
Update rate
Screen displays
Accuracy*3
Measurement range
Analysis items
Screen displays
Accuracy*3
Flicker Measurement Function (IEC61000-3-3*2)
Harmonic Waveform Analysis Functions (IEC61000-3-2*1)
*2. Decision function not included.
*3. The reading accuracy of the input unit must combined with the analysis accuracy shown above. When
used with a clamp sensor, accuracy and frequency characteristics of the clamp must be added to the
analysis accuracy above.
9605 Specifications (optional)
*1. The 9605 does not support limit values, so pass/fail decisions based on limit values, classification
of special waveforms (A to D) and 2.5-minute measurement function for measuring transient harmonic
currents are not supported.
Applications of 3193


Similar Part No. - 3193

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3193 ETC2-3193 Datasheet
113Kb / 2P
   FLAT WASHERS NYLON FIBRE
3193 ETC2-3193 Datasheet
68Kb / 1P
   WASHERS
logo
PHOENIX CONTACT
3193134 PHOENIX-3193134 Datasheet
48Kb / 2P
   Strain relief, for STG 8-pos. connector housings, with single-sided coupling spring, color: black
More results

Similar Description - 3193

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3331 ASM-SENSOR-3331 Datasheet
3Mb / 8P
   POWER HiTESTER
3169-20 ASM-SENSOR-3169-20 Datasheet
1Mb / 12P
   CLAMP ON POWER HiTESTER
3334 ASM-SENSOR-3334 Datasheet
4Mb / 8P
   AC/DC POWER HiTESTER
3286-20 ASM-SENSOR-3286-20 Datasheet
745Kb / 4P
   CLAMP ON POWER HiTESTER
3535 ASM-SENSOR-3535 Datasheet
1Mb / 8P
   LCR HiTESTER
3550 ASM-SENSOR-3550 Datasheet
586Kb / 8P
   BATTERY HiTESTER
3541 ASM-SENSOR-3541 Datasheet
591Kb / 8P
   RESISTANCE HiTESTER
3554 ASM-SENSOR-3554 Datasheet
1Mb / 4P
   BATTERY HiTESTER
3280-10 ASM-SENSOR-3280-10 Datasheet
1Mb / 2P
   CLAMP ON HiTESTER
3291 ASM-SENSOR-3291 Datasheet
1Mb / 4P
   CLAMP ON HiTESTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com