Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3196 Datasheet(PDF) 3 Page - ASM GmbH

Part # 3196
Description  POWER QUALITY ANALYZER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

3196 Datasheet(HTML) 3 Page - ASM GmbH

  3196 Datasheet HTML 1Page - ASM GmbH 3196 Datasheet HTML 2Page - ASM GmbH 3196 Datasheet HTML 3Page - ASM GmbH 3196 Datasheet HTML 4Page - ASM GmbH 3196 Datasheet HTML 5Page - ASM GmbH 3196 Datasheet HTML 6Page - ASM GmbH 3196 Datasheet HTML 7Page - ASM GmbH 3196 Datasheet HTML 8Page - ASM GmbH 3196 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
The 3196 measures, records and analyzes power line quality
Supports single-phase 2-wire, single-phase 3-wire, three-phase
3-wire and three-phase 4-wire systems. Further, the unit has an
extra input channel providing enhanced analysis capabilities.
An isolated CH4 terminal is provided for AC and DC measurement.
• Neutral line measurement you can use for ground fault detection!
• Analyze DC power supplies
• Performs simultaneous analysis of two isolated systems, such as single
phase and three phase lines
Comes equipped with
∆-Y and Y-∆ conversion functions
Supports ∆-Y voltage conversion for three-phase, 3-wire systems, and Y-∆
voltage conversion for three-phase, 4-wire systems. Selectable display of inter-
line voltage and phase voltage.
Wide selection of clamp on current sensors
In addition to clamp-on current sensors Models 9660 (100 A), 9661(500 A),
9669 (1000 A), and 9667 (5000 A, flexible), HIOKI also provides the 9694
(5 A) sensor, which is ideal for CT terminal measurement, as well as two
other clamps for 5A leak measurement, Models 9657-10 and 9675, to suit
every application need.
Three-phase voltage wiring adapter (optional)
Use the wiring adapter to simplify voltage wiring procedures.
• 9264-01 for three-phase, 3-wire systems
• 9264-02 for three-phase, 4-wire systems
Features
PC card slot
Flash ATA cards up to 528 MB can be used to allow
more detailed data collection.
Compact flash cards can also be used with an adapter.
LAN and RS-232C interfaces
The 3196 features an HTTP server to enable easy
configuration and data analysis through a Web
browser from a remote location.
Supports data analysis with a wide range of functions!
Two types of carrying case available (optional)
Choose from the soft (9339) or hard (9340) carrying
case and measure while the 3196 is safely stored.
Optional printer for easy hard copy output
Connect the optional 9670 printer to the RS-232C
terminal for easy hard copy output of screens.
The top side of the
case holds the 3196.
The bottom side of the
case holds accessories.
Model 9339
soft case
9264-02
Simultaneous measurement and continuous processing
All data are measured simultaneously and processing is performed
continuously, so important fault data is not missed.
Further, transient overvoltages up to 2000 V with durations as low as 0.5 µs
are captured without fail.
Seven different display languages
Select a display language from Japanese, English, German, French, Spanish,
Italian or Chinese .You can switch between the different display languages
to suit your location.
6.4-inch color LCD
The unit uses a TFT color LCD screen, providing bright display with a wide
viewing angle.The color display provides easy viewing of waveforms, both
indoors and out.
Extended measurement of up to one month with internal memory
The unit's internal memory (13 MB) supports up to one month of
continuous recording.
*The amount of time available for continuous measurement can be checked when
setting the measurement interval.
*Use a PC card to record at shorter measurement intervals over longer periods in
conjunction with the internal memory.
Printing method : Thermal line dot
Printing width : 72 mm (2.83")
Printing speed : 47.5 mm/sec (1.87"/sec)
Power supply : 9671 AC ADAPTER or the BATTERY PACK
Dimensions and mass : 119 (4.69") × 77 (3.03") × 174 (6.85") mm, approx. 500 g (17.6 oz.)
* The 9264-01/02 Wiring Adapters are designed to reduce voltage cord wiring to
a bare minimum for use with specific power lines. Do not use with installations
other than those specified.
CH4 terminal
for measuring DC voltage
External event input/output terminals
Event output :
Outputs a signal when events occur-either as an
alarm or device control signal.
Event input :
Accepts a trigger signal to initiate measurement.
Small and Lightweight
Compact A4 size, and weighing only 2.25 kg
(79.4 oz).
Storage
Media
Storage of Events
(Usage capacity)
P&Harm
ALL DATA
Power
Saving RMS only Saving RMS + harmonics
Save all data
2 h 01 m
8 m
5 m
When storing
100 (approx. 8MB)
Interval
time
21 days 5 h
14 days 9 h
31 days
8 days 8 h
5 days 16 h
31 days
[119 days]
1 s
Max. 1000
(approx. 81MB)
2 days 13 h
1 days 17 h
31 days
[36 days]
1 h
1 m
1 m
5 days 1 hour
8 h 29 m
5 h 45 m
1 m
Max. 1000
(approx. 81MB)
1 h 1 m
41 m
14 h 40 m
1 s
*When recoriding Time Series data, select MAX/MIN/AVE
*Refer to the specifications for details regarding the recordable items.
*Max. continuous save: 31 days
*During the measurement period, all dips, swells and interruptions are calculated.
Internal Memory
TimeSeries:5MBFixed
Events: 8MB Fixed
PC Card
(128MB)
Max. 100
(approx. 8MB)
Full compatibility to 400Hz circuits
(Please specify inspection data sheet requirements for 400 Hz test points at time of order.)
Synchronize the 3196 clock
Connect the optional XD112 GPS Box to make sure
the time recorded for measured events is based on the
global standard time.
Set includes antenna
and RS-232C cable


Similar Part No. - 3196

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3196 ETC2-3196 Datasheet
68Kb / 1P
   WASHERS
logo
KR Electronics, Inc.
3196-19-SMA KR-3196-19-SMA Datasheet
100Kb / 3P
   19 MHz Bandpass
3196-25-SMA KR-3196-25-SMA Datasheet
100Kb / 3P
   25 MHz Bandpass
More results

Similar Description - 3196

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3197 ASM-SENSOR-3197 Datasheet
5Mb / 6P
   POWER QUALITY ANALYZER
logo
List of Unclassifed Man...
WM23-96AV53H ETC2-WM23-96AV53H Datasheet
458Kb / 10P
   Energy Management Modular Power Quality Analyzer
WM3-96 ETC2-WM3-96 Datasheet
317Kb / 13P
   Energy Management Modular Smart Power Quality Analyzer
logo
ASM GmbH
3390 ASM-SENSOR-3390 Datasheet
3Mb / 16P
   POWER ANALYZER
logo
Mixed Signal Integratio...
MSLSA MSI-MSLSA Datasheet
80Kb / 8P
   Low Power Spectrum Analyzer
logo
Extech Instruments Corp...
380803 EXTECH-380803_15 Datasheet
230Kb / 1P
   Appliance Tester/Power Analyzer
logo
Carlo Gavazzi Holding A...
EM271 CARLOGAVAZZI-EM271 Datasheet
3Mb / 19P
   Multi-channel power analyzer
logo
Extech Instruments Corp...
380801 EXTECH-380801 Datasheet
247Kb / 1P
   Appliance Tester/Power Analyzer
logo
Keysight Technologies
N6715B KEYSIGHT-N6715B Datasheet
3Mb / 24P
   DC Power Analyzer Mainframes
BENCHVUE KEYSIGHT-BENCHVUE Datasheet
1Mb / 5P
   BenchVue Power Analyzer App
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com