Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3245 Datasheet(PDF) 2 Page - ASM GmbH

Part # 3245
Description  SOLAR HiTESTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

3245 Datasheet(HTML) 2 Page - ASM GmbH

  3245 Datasheet HTML 1Page - ASM GmbH 3245 Datasheet HTML 2Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Measurement system:
double integration ●AC measurement
system:
average value rectification ●Display: LCD with maximum
4199 counts ●Range selection: auto and manual ●Sampling rate:
2.5 samples/s ●Battery condition indicators: Main battery warning
(battery icon lights - within guaranteed accuracy range); Backup battery
warning (battery icon blinks - out of guaranteed accuracy range)
Operating temperature and humidity range:
0 to 40˚C (32 to 104˚F)
at 80% rh or less (non-condensating) ●Storage temperature and
humidity range:
-20 to 50˚C (-4 to 122˚F), 70% rh or less (non-condensating)
Environmental condition:
indoors, up to 2000m altitude
Temperature characteristic:
(measurement accuracy) × 0.1 / ˚C
(× 0.06 / ˚F) ●Noise elimination (50/60 Hz): NNMR; VDC 40 dB or
better, CMRR; VDC 100 dB or better, VAC 60 dB or better
Power supply:
Lithium-ion main battery, and one CR2032 (3V) backup battery
Charging and operating time characteristics:
charges in about
3h with 50,000 lux, providing about 8h operation (measuring VDC)
Backup battery life:
150h (measuring VDC) ●Power consumption:
4.0 mVA (measuring VDC), 0.15 mVA (auto power save) ●Maximum
rated power:
15 mVA (short-circuit continuity test) ●Insulation
withstand voltage:
5550 Vrms AC sin (50/60 Hz, for 1 min.) between
input terminals and case ●Dimensions and mass: 60 (2.4") W ×
135 (5.7") H × 23 (0.9") D mm, 140 g (4.9 oz) ●Supplied accessories:
carrying case (1) ●Safety standards: [Safety]: EN61010-1:2001,
EN61010-031:2002 pollution factor 2, Measurement category CATIII
600V, CATIV 300V (anticipated transient overvoltage 6 KV),
[EMC]:
EN61326:1997+A1:1998+A2:2001
3245 SOLAR HiTESTER
(Test lead and carrying case included)
Function
Range
Accuracy
Remarks
AC
Voltage
4.200 V
42.00 V
420.0 V
600 V
±2.3%rdg. ±8dgt.
(50 to 500 Hz)
(input impedance)
11 MΩ±5%
10 MΩ±5%
10 MΩ±5%
10 MΩ±5%
DC
Voltage
420.0 mV
4.200 V
42.00 V
420.0 V
600 V
±1.3%rdg. ±4dgt.
Above 100 MΩ
11 MΩ±5%
10 MΩ±5%
10 MΩ±5%
10 MΩ±5%
Resistance
420.0 Ω
4.200 kΩ
42.00 kΩ
420.0 kΩ
4.200 MΩ
42.00 MΩ
±2.0%rdg. ±4dgt.
±2.0%rdg. ±4dgt.
±2.0%rdg. ±4dgt.
±2.0%rdg. ±4dgt.
±5.0%rdg. ±4dgt.
±10.0%rdg. ±4dgt.
(open circuit voltage)
less than 3.4 V
about 0.7 V
about 0.5 V
about 0.5 V
about 0.5 V
about 0.5 V
Continuity
420.0 Ω
±2.0%rdg. ±4dgt.
open circuit voltage less
than 3.4 V
Threshold: < 50 ±30 Ω
Illumina
tion
4200
-
“1000” equates to approx.
50,000 lx
Maximum input voltage: 600 Vrms AC/DC, or 3 × 106 V-Hz
Hybrid power system incorporates both a
solar-charged main battery and a backup
battery
The backup battery is used only when the main battery (charged by
the solar cell) is discharged, until it is recharged by the solar cell and
switched back into operation by the hybrid power system, resulting in
both environmental friendliness and convenience.
Vest-pocket sized CATIII (600V) and CATIV
(300V) conformance
Measuring only 60 (2.4") × 145 (5.7") × 23
(0.9") mm and weighing only 140 grams
(4.9 oz), it fits easily in a pocket. Yet even at
this size, the design satisfies CAT III(600V)
and CAT IV(300V) safety standards for
industrial power line measurements.
Advanced functionality
Automatic power saving (after 30 minutes), auto and manual
range selection and a display-hold function are included.
Illumination measurement function
An illumination level display of 1000 corresponds to about
50,000 lux, allowing approximate charging and usage time
estimation.
Neat test probe storage on the back of
the unit
As an improvement over former models,
the test probe was separated for easier
storage and removal from the rear door that
opens 180˚, minimized projections around
the storage area.
Test probe attachment
The test probe can be attached to
the unit for convenient two-handed
measurements at the test site.
Ecological and Safety Considerations
Despite the compact size and low price, it satisfies
CATIII(600V) and CATIV (300V) safety standards
3245 Specifications (accuracy at 23˚C±5˚C (73.4˚F±9˚F) and 80% rh or less)
3245E2-62M-03K
Printed in Japan
All information correct as of Feb. 17, 2006. All specifications are subject to change without notice.
HEAD OFFICE :
81 Koizumi, Ueda, Nagano, 386-1192, Japan
TEL +81-268-28-0562 / FAX +81-268-28-0568
E-mail: os-com@hioki.co.jp
HIOKI USA CORPORATION :
6 Corporate Drive, Cranbury, NJ 08512 USA
TEL +1-609-409-9109 / FAX +1-609-409-9108
E-mail: hioki@hiokiusa.com
DISTRIBUTED BY
Shanghai Representative Office :
1704 Shanghai Times Square Office
93 Huaihai Zhong Road
Shanghai, 200021, P.R.China
TEL +86-21-6391-0090, 0092
FAX +86-21-6391-0360
E-mail: info@hioki.cn


Similar Part No. - 3245

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3245 KR-3245 Datasheet
150Kb / 3P
   300 MHz Bandpass
logo
3M Electronics
3245 3M-3245 Datasheet
4Mb / 12P
   3M??EMI/EMC Electronic Materials
logo
Heyco.
3245 HEYCO-3245 Datasheet
233Kb / 1P
   Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Littelfuse
324500 LITTELFUSE-324500 Datasheet
64Kb / 1P
   Axial Lead and Cartridge Fuses
324500P LITTELFUSE-324500P Datasheet
140Kb / 1P
   Axial Lead and Cartridge Fuses
More results

Similar Description - 3245

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3193 ASM-SENSOR-3193 Datasheet
2Mb / 8P
   POWER HiTESTER
3535 ASM-SENSOR-3535 Datasheet
1Mb / 8P
   LCR HiTESTER
3550 ASM-SENSOR-3550 Datasheet
586Kb / 8P
   BATTERY HiTESTER
3541 ASM-SENSOR-3541 Datasheet
591Kb / 8P
   RESISTANCE HiTESTER
3554 ASM-SENSOR-3554 Datasheet
1Mb / 4P
   BATTERY HiTESTER
3280-10 ASM-SENSOR-3280-10 Datasheet
1Mb / 2P
   CLAMP ON HiTESTER
3291 ASM-SENSOR-3291 Datasheet
1Mb / 4P
   CLAMP ON HiTESTER
3246 ASM-SENSOR-3246 Datasheet
322Kb / 2P
   PENCIL HiTESTER
3258 ASM-SENSOR-3258 Datasheet
3Mb / 4P
   SAFETY HiTESTER
3331 ASM-SENSOR-3331 Datasheet
3Mb / 8P
   POWER HiTESTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com