Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3245 Datasheet(PDF) 1 Page - ASM GmbH

Part # 3245
Description  SOLAR HiTESTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

3245 Datasheet(HTML) 1 Page - ASM GmbH

  3245 Datasheet HTML 1Page - ASM GmbH 3245 Datasheet HTML 2Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Environmentally
Friendly DMM
The 3245 SOLAR HiTESTER digital
multimeter has been developed
with an emphasis on ecological
considerations and safe design.
The photovoltaic cell charges
the lithium-ion main battery,
which exhibits superb charging
and discharging characteristics.
Should the main battery charge
become depleted, the hybrid power
system automatically switches operation to
the backup battery. So ecological considerations
are satisfied without any of the typical inconveniences
usually associated with solar-powered systems.
Also, despite its vest-pocket size, the design
conforms to CAT III(600V) and CAT IV(300V)
safety standards for use on power lines. This new-
style DMM has significant safety features and
remarkably improved operability over previous
designs.
3245 SOLAR HiTESTER
Field measuring instruments


Similar Part No. - 3245

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3245 KR-3245 Datasheet
150Kb / 3P
   300 MHz Bandpass
logo
3M Electronics
3245 3M-3245 Datasheet
4Mb / 12P
   3M??EMI/EMC Electronic Materials
logo
Heyco.
3245 HEYCO-3245 Datasheet
233Kb / 1P
   Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Littelfuse
324500 LITTELFUSE-324500 Datasheet
64Kb / 1P
   Axial Lead and Cartridge Fuses
324500P LITTELFUSE-324500P Datasheet
140Kb / 1P
   Axial Lead and Cartridge Fuses
More results

Similar Description - 3245

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3193 ASM-SENSOR-3193 Datasheet
2Mb / 8P
   POWER HiTESTER
3535 ASM-SENSOR-3535 Datasheet
1Mb / 8P
   LCR HiTESTER
3550 ASM-SENSOR-3550 Datasheet
586Kb / 8P
   BATTERY HiTESTER
3541 ASM-SENSOR-3541 Datasheet
591Kb / 8P
   RESISTANCE HiTESTER
3554 ASM-SENSOR-3554 Datasheet
1Mb / 4P
   BATTERY HiTESTER
3280-10 ASM-SENSOR-3280-10 Datasheet
1Mb / 2P
   CLAMP ON HiTESTER
3291 ASM-SENSOR-3291 Datasheet
1Mb / 4P
   CLAMP ON HiTESTER
3246 ASM-SENSOR-3246 Datasheet
322Kb / 2P
   PENCIL HiTESTER
3258 ASM-SENSOR-3258 Datasheet
3Mb / 4P
   SAFETY HiTESTER
3331 ASM-SENSOR-3331 Datasheet
3Mb / 8P
   POWER HiTESTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com