Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PO74HSTL85331ATU Datasheet(PDF) 7 Page - Potato Semiconductor Corporation

Part # PO74HSTL85331ATU
Description  3.3V 1:4 Crystal Oscillator/ Differential Clock or Data Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO74HSTL85331ATU Datasheet(HTML) 7 Page - Potato Semiconductor Corporation

  PO74HSTL85331ATU Datasheet HTML 1Page - Potato Semiconductor Corporation PO74HSTL85331ATU Datasheet HTML 2Page - Potato Semiconductor Corporation PO74HSTL85331ATU Datasheet HTML 3Page - Potato Semiconductor Corporation PO74HSTL85331ATU Datasheet HTML 4Page - Potato Semiconductor Corporation PO74HSTL85331ATU Datasheet HTML 5Page - Potato Semiconductor Corporation PO74HSTL85331ATU Datasheet HTML 6Page - Potato Semiconductor Corporation PO74HSTL85331ATU Datasheet HTML 7Page - Potato Semiconductor Corporation PO74HSTL85331ATU Datasheet HTML 8Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
08/03/06
3.3V 1:4 Crystal Oscillator/
Differential Clock or Data Fanout Buffer
Copyright © Potato Semiconductor Corporation
7
PO74HSTL85331A
700MHz HSTL Potato Chip
Packaging Mechanical Drawing: 20 pin TSSOP
.252
.260
.047
1.20
.002
.006
SEATING
PLANE
.0256
BSC
1
20
.169
.177
0.05
0.15
4.3
4.5
6.4
6.6
0.65
0.19
0.30
.007
.012
Max
.018
.030
.004
.008
.238
.269
6.1
6.7
0.45
0.75
0.09
0.20
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS


Similar Part No. - PO74HSTL85331ATU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74HSTL85331A POTATO-PO74HSTL85331A_14 Datasheet
1Mb / 7P
   2.3V-3.6V 1:4 Crystal Oscillator/Differential Clock or Data Fanout Buffer
More results

Similar Description - PO74HSTL85331ATU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74HSTL85331A POTATO-PO74HSTL85331A_14 Datasheet
1Mb / 7P
   2.3V-3.6V 1:4 Crystal Oscillator/Differential Clock or Data Fanout Buffer
logo
Cypress Semiconductor
CY2DP314 CYPRESS-CY2DP314_05 Datasheet
229Kb / 10P
   1:4 Differential Clock/Data Fanout Buffer
logo
Potato Semiconductor Co...
PO74HSTL314A POTATO-PO74HSTL314A Datasheet
587Kb / 7P
   3.3V 2:4 Differential Clock/Data Fanout Buffer
logo
Renesas Technology Corp
8T39204 RENESAS-8T39204 Datasheet
1Mb / 41P
   Crystal or Differential to Differential Clock Fanout Buffer
February 2, 2023
8T39S06A RENESAS-8T39S06A Datasheet
1Mb / 40P
   Crystal or Differential to Differential Clock Fanout Buffer
May 20, 2016
logo
Integrated Device Techn...
8T39S04A IDT-8T39S04A Datasheet
807Kb / 36P
   Crystal or Differential to Differential Clock Fanout Buffer
logo
Renesas Technology Corp
8T39S04A RENESAS-8T39S04A Datasheet
1Mb / 36P
   Crystal or Differential to Differential Clock Fanout Buffer
July 24, 2019
8T39S08A RENESAS-8T39S08A Datasheet
1Mb / 40P
   Crystal or Differential-to-Differential Clock Fanout Buffer
May 19, 2016
logo
Integrated Device Techn...
8T39S06A IDT-8T39S06A Datasheet
843Kb / 39P
   Crystal or Differential to Differential Clock Fanout Buffer
8T39S08A IDT-8T39S08A Datasheet
845Kb / 39P
   Crystal or Differential-to-Differential Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com