Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3837K33 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS3837K33
Description  NANOPOWER SUPERVISORY CIRCUITS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3837K33 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3837K33 Datasheet HTML 2Page - Texas Instruments TPS3837K33 Datasheet HTML 3Page - Texas Instruments TPS3837K33 Datasheet HTML 4Page - Texas Instruments TPS3837K33 Datasheet HTML 5Page - Texas Instruments TPS3837K33 Datasheet HTML 6Page - Texas Instruments TPS3837K33 Datasheet HTML 7Page - Texas Instruments TPS3837K33 Datasheet HTML 8Page - Texas Instruments TPS3837K33 Datasheet HTML 9Page - Texas Instruments TPS3837K33 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TPS3836E18 / J25 / H30 / L30 / K33
TPS3837E18 / J25 / L30 / K33, TPS3838E18 / J25 / L30 / K33
NANOPOWER SUPERVISORY CIRCUITS
SLVS292A – JUNE 2000 – REVISED JANUARY 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
RESET
VDD = 3.3 V,
IOH = –2 mA
V
High level output voltage
RESET
(TPS3836)
VDD = 6 V,
IOH = –3 mA
0.8
×
V
VOH
High-level output voltage
RESET
VDD = 1.8 V,
IOH = –1 mA
0.8
×
VDD
V
RESET
(TPS3837)
VDD = 3.3 V,
IOL = –2 mA
DD
RESET
VDD = 1.8 V,
IOL = 1 mA
V
Low level output voltage
RESET
(TPS3836/8)
VDD = 3.3 V,
IOL = 2 mA
04
V
VOL
Low-level output voltage
RESET
VDD = 3.3 V,
IOL = 2 mA
0.4
V
RESET
(TPS3837)
VDD = 6 V,
IOL = 3 mA
Power up reset voltage
TPS3836/8
VDD ≥ 1.1 V,
IOL = 50 µA
0.2
Power-up reset voltage
(see Note 2)
TPS3837
VDD ≥ 1.1 V,
IOH = –50 µA
0.8
×
VDD
V
TPS383xE18
1.66
1.71
1.74
Nti
i
it th
h ld
TPS383xJ25
2.18
2.25
2.29
VIT
Negative-going input threshold
voltage (see Note 3)
TPS383xH30
TA = –40°C to 85°C
2.70
2.79
2.85
V
VIT
voltage (see Note 3)
TPS383xL30
TA
40 C to 85 C
2.56
2.64
2.69
V
TPS383xK33
2.84
2.93
2.99
1.7 V < VIT < 2.5 V
30
Vhys
Hysteresis at VDD input
2.5 V
< VIT < 3.5 V
40
mV
Vhys
Hysteresis at VDD in ut
3.5 V < VIT < 5 V
50
mV
IIH
High-level input current
MR
(see Note 4)
MR = 0.7
× VDD,
VDD = 6 V
–40
–60
–100
µA
IIH
High level in ut current
CT
CT = VDD = 6 V
–25
25
nA
IIL
Low-level input current
MR
(see Note 4)
MR = 0 V,
VDD = 6 V
–130
–200
–340
µA
IIL
Low level in ut current
CT
CT = 0 V,
VDD = 6 V
–25
25
nA
IOH
High-level output current
TPS3838
VDD = VIT + 0.2 V,
VOH = VDD
25
nA
VDD > VIT,
VDD < 3 V
220
400
nA
IDD
Supply current
VDD > VIT,
VDD > 3 V
250
450
nA
IDD
Su
ly current
VDD < VIT
10
15
µA
Internal pullup resistor at MR
30
k
CI
Input capacitance at MR, CT
VI = 0 V to VDD
5
pF
NOTES:
2. The lowest voltage at which RESET output becomes active. tr, VDD ≥ 15 µs/V
3. To ensure best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1
µF) should be placed near the supply terminal.
4. If manual reset is unused, MR should be connected to VDD to minimize current consumption.


Similar Part No. - TPS3837K33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3837K33 TI1-TPS3837K33 Datasheet
789Kb / 16P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3837K33-EP TI-TPS3837K33-EP Datasheet
400Kb / 15P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3837K33-Q1 TI1-TPS3837K33-Q1 Datasheet
839Kb / 18P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
TPS3837K33-Q1 TI1-TPS3837K33-Q1 Datasheet
789Kb / 16P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3837K33DBVR TI1-TPS3837K33DBVR Datasheet
708Kb / 16P
[Old version datasheet]   NanoPower Supervisory Circuits
More results

Similar Description - TPS3837K33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3836 TI1-TPS3836 Datasheet
708Kb / 16P
[Old version datasheet]   NanoPower Supervisory Circuits
TPS3836E18-EP TI1-TPS3836E18-EP_16 Datasheet
789Kb / 16P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3836E18-EP TI-TPS3836E18-EP Datasheet
400Kb / 15P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
logo
ON Semiconductor
CAT8836 ONSEMI-CAT8836 Datasheet
113Kb / 7P
   NanoPower Supervisory Circuit
January, 2011 ??Rev. 0
logo
Maxim Integrated Produc...
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX16056 MAXIM-MAX16056_V01 Datasheet
695Kb / 17P
   125nA nanoPower Supervisory Circuits with Capacitor-Adjustable Reset and Watchdog Timeouts
2021
logo
Texas Instruments
TPS3836E18-Q1 TI-TPS3836E18-Q1 Datasheet
230Kb / 13P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com