Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5602DBT Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS5602DBT
Description  DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5602DBT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS5602DBT Datasheet HTML 4Page - Texas Instruments TPS5602DBT Datasheet HTML 5Page - Texas Instruments TPS5602DBT Datasheet HTML 6Page - Texas Instruments TPS5602DBT Datasheet HTML 7Page - Texas Instruments TPS5602DBT Datasheet HTML 8Page - Texas Instruments TPS5602DBT Datasheet HTML 9Page - Texas Instruments TPS5602DBT Datasheet HTML 10Page - Texas Instruments TPS5602DBT Datasheet HTML 11Page - Texas Instruments TPS5602DBT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TPS5602
DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
SLVS217 – JUNE 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
600
650
700
750
800
850
900
950
4.5
7.0
25.0
VCC – Supply Voltage – V
TJ = 125°C
QUIESCENT CURRENT (BOTH CHANNELS ON)
vs
SUPPLY VOLTAGE
TJ = 25°C
TJ = –40°C
Figure 2
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
4.5
7.0
10.0
15.0
20.0
25.0
QUIESCENT CURRENT (BOTH CHANNEL STANDBY)
vs
SUPPLY VOLTAGE
TJ = 125°C
TJ = 25°C
TJ = –40°C
VCC – Supply Voltage – V
Figure 3
0
1
2
3
4
5
6
0.1
0.5
1
I(src) – Driver Source Current – A
DRIVE OUTPUT VOLTAGE
vs
DRIVE CURRENT (SOURCE)
TJ = 125°C
TJ = 25°C
TJ = –40°C
Figure 4
0
0.5
1
1.5
2
2.5
3
3.5
0.1
0.5
1
I(sink) – Driver Sink Current – A
DRIVE VOLTAGE
vs
DRIVE CURRENT (SINK)
TJ = 125°C
TJ = 25°C
TJ = –40°C


Similar Part No. - TPS5602DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS560200 TI1-TPS560200 Datasheet
950Kb / 18P
[Old version datasheet]   4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converte rwith Advanced Eco-mode
TPS560200 TI-TPS560200 Datasheet
912Kb / 18P
[Old version datasheet]   4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converter with Advanced Eco-mode
TPS560200 TI1-TPS560200 Datasheet
992Kb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
TPS560200 TI1-TPS560200 Datasheet
1Mb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-mode?
TPS560200 TI-TPS560200 Datasheet
3Mb / 70P
[Old version datasheet]   LMX2571-EP Low-Power, High-Performance PLLatinum짰 RF Synthesizer With FSK Modulation
SNAS824 ??OCTOBER 2021
More results

Similar Description - TPS5602DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5602IDBT TI1-TPS5602IDBT Datasheet
954Kb / 27P
[Old version datasheet]   DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
logo
Fairchild Semiconductor
FAN5038 FAIRCHILD-FAN5038 Datasheet
84Kb / 15P
   Dual Voltage Controller for DSP Power
logo
Texas Instruments
TPS56100 TI1-TPS56100_16 Datasheet
535Kb / 30P
[Old version datasheet]   HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
TPS56100 TI-TPS56100 Datasheet
370Kb / 27P
[Old version datasheet]   HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
TPS5102 TI-TPS5102 Datasheet
987Kb / 31P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS5102 TI1-TPS5102_08 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
logo
Analog Devices
ADP3026 AD-ADP3026_15 Datasheet
542Kb / 20P
   High Efficiency Dual Power Supply Controller
REV. 0
ADP3025 AD-ADP3025_15 Datasheet
1Mb / 24P
   High Efficiency Dual Output Power Supply Controller
REV. A
ADP3025 AD-ADP3025 Datasheet
609Kb / 24P
   High Efficiency Dual Output Power Supply Controller
REV. A
logo
Maxim Integrated Produc...
MAX1761 MAXIM-MAX1761 Datasheet
473Kb / 23P
   Small, Dual, High-Efficiency Buck Controller for Notebooks
19-1835; Rev 0; 10/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com