Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS56100PWP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56100PWP
Description  HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS56100PWP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS56100PWP Datasheet HTML 7Page - Texas Instruments TPS56100PWP Datasheet HTML 8Page - Texas Instruments TPS56100PWP Datasheet HTML 9Page - Texas Instruments TPS56100PWP Datasheet HTML 10Page - Texas Instruments TPS56100PWP Datasheet HTML 11Page - Texas Instruments TPS56100PWP Datasheet HTML 12Page - Texas Instruments TPS56100PWP Datasheet HTML 13Page - Texas Instruments TPS56100PWP Datasheet HTML 14Page - Texas Instruments TPS56100PWP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
TPS56100
HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER
FOR 5-V INPUT SYSTEMS
SLVS201A – JUNE 1999 – REVISED JULY 1999
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating virtual junction temperature range,
VCC = 5 V (unless otherwise noted) (continued)
high-side VDS sensing
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Gain
2
V/V
Initial accuracy
VHISENSE = 5 V,
VLOSENSE = 4.5 V
194
206
mV
IOUTLO
Sink current
VIOUTLO = 5 V
250
nA
IOUT
Source current
VIOUT = 0.5 V,
VHISENSE = 5 V,
VIOUTLO = 4.5 V
500
µA
IOUT
Sink current
VIOUT = 0.05 V, VHISENSE = 5 V,
VIOUTLO = 5 V
50
µA
Output voltage swing
VHISENSE = 4.5 V, RIOUT = 10 kΩ
0
1
V
Output voltage swing
VHISENSE = 3 V, RIOUT = 10 kΩ
0
0.75
V
LOSENSE
High-level input voltage
VHISENSE = 4 5 V (see Note 3)
2.85
V
LOSENSE
Low-level input voltage
VHISENSE = 4.5 V (see Note 3)
2.4
V
Sample/hold resistance
4.5 V
≤ VHISENSE ≤ 5.5 V,
LOSENSE connected to HISENSE,
VHISENSE – VIOUTLO = 0.15 V
62
85
123
Sample/hold resistance
3 V
≤ VHISENSE ≤ 3.6 V,
LOSENSE connected to HISENSE,
VHISENSE – VIOUTLO = 0.15 V
67
95
144
CMRR
VHISENSE = 5.5 V to 3 V,
VHISENSE – VOUTLO = 100 mV
62
65
dB
NOTE 3. This parameter is ensured by design and is not production tested.
inhibit
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Start threshold
1.85
2.1
2.35
V
Hysteresis
0.08
0.1
0.14
V
Stop threshold
1.76
V
overvoltage protection
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Overvoltage trip threshold
112
115
120
%VREF
Hysteresis
See Note 3
10
mV
NOTE 3: This parameter is ensured by design and is not production tested.
overcurrent protection
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OCP trip threshold
80
100
125
mV
Input bias current
100
nA


Similar Part No. - TPS56100PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56100PWP TI1-TPS56100PWP Datasheet
535Kb / 30P
[Old version datasheet]   HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
TPS56100PWPG4 TI1-TPS56100PWPG4 Datasheet
535Kb / 30P
[Old version datasheet]   HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
More results

Similar Description - TPS56100PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56100 TI1-TPS56100_16 Datasheet
535Kb / 30P
[Old version datasheet]   HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
TPS5602 TI-TPS5602 Datasheet
739Kb / 24P
[Old version datasheet]   DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
TPS5602IDBT TI1-TPS5602IDBT Datasheet
954Kb / 27P
[Old version datasheet]   DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
logo
List of Unclassifed Man...
TS81000 ETC2-TS81000 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS80002 SEMTECH-TS80002 Datasheet
1Mb / 16P
   High-Efficiency Transmit Controller for Wireless Power Systems
TS80000 SEMTECH-TS80000 Datasheet
728Kb / 37P
   High Efficiency Transmitter Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS81001 ETC2-TS81001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS81001 SEMTECH-TS81001 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
TS80003 SEMTECH-TS80003 Datasheet
3Mb / 27P
   High Efficiency Transmirrer Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS80000 ETC2-TS80000 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com