Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PO100HSTL50ASU Datasheet(PDF) 8 Page - Potato Semiconductor Corporation

Part # PO100HSTL50ASU
Description  Dual Differential LVDS/LVPECL/HSTL to LVTTL Translator Dual LVTTL/LVCMOS to Differential HSTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO100HSTL50ASU Datasheet(HTML) 8 Page - Potato Semiconductor Corporation

  PO100HSTL50ASU Datasheet HTML 1Page - Potato Semiconductor Corporation PO100HSTL50ASU Datasheet HTML 2Page - Potato Semiconductor Corporation PO100HSTL50ASU Datasheet HTML 3Page - Potato Semiconductor Corporation PO100HSTL50ASU Datasheet HTML 4Page - Potato Semiconductor Corporation PO100HSTL50ASU Datasheet HTML 5Page - Potato Semiconductor Corporation PO100HSTL50ASU Datasheet HTML 6Page - Potato Semiconductor Corporation PO100HSTL50ASU Datasheet HTML 7Page - Potato Semiconductor Corporation PO100HSTL50ASU Datasheet HTML 8Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Copyright © Potato Semiconductor Corporation
Top-Marking
Ordering Information
Ordering Code
Package
16 pin SOIC
Tube
Pb-free & Green
16 pin SOIC
Tape and reel
Pb-free & Green
PO100HSTL50ASU
PO100HSTL23AS
PO100HSTL23AS
PO100HSTL50ASR
-40°C to 85°C
-40°C to 85°C
TA
Dual Differential LVDS/LVPECL/HSTL to LVTTL Translator
PO100HSTL50A
04/19/09
Dual LVTTL/LVCMOS to Differential HSTL Translator
IC Package Information
PACKAGE
CODE
PACKAGE
TYPE
QTY
PER
TUBE
TAPE
WIDTH
(mm)
TAPE
PITCH
(mm)
PIN 1 LOCATION
TAPE TRAILER
LENGTH
QTY
PER REEL
TAPE LEADER
LENGTH
S
SOIC 16
16
8
Top Left Corner
39 (12”)
3000
64 (20”)
48


Similar Part No. - PO100HSTL50ASU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO100HSTL50A POTATO-PO100HSTL50A Datasheet
1Mb / 7P
   High Frequency Noise Canncellation Translator
PO100HSTL50A POTATO-PO100HSTL50A_14 Datasheet
1Mb / 7P
   High Frequency Noise Canncellation Translator
More results

Similar Description - PO100HSTL50ASU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO100HSTL180A POTATO-PO100HSTL180A Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL179A POTATO-PO100HSTL179A Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL23A POTATO-PO100HSTL23A Datasheet
523Kb / 6P
   Dual Differential LVDS/LVPECL/HSTL to LVTTL Translator
PO100HSTL22A POTATO-PO100HSTL22A Datasheet
520Kb / 6P
   Dual LVTTL/LVCMOS to Differential HSTL Translator
logo
Integrated Device Techn...
85222-01 IDT-85222-01 Datasheet
184Kb / 14P
   Dual LVCMOS / LVTTL-to-Differential HSTL Translator
logo
Renesas Technology Corp
85222-01 RENESAS-85222-01 Datasheet
390Kb / 15P
   Dual LVCMOS / LVTTL-to-Differential HSTL Translator
5/7/15
logo
Potato Semiconductor Co...
PO100HSTL32A POTATO-PO100HSTL32A Datasheet
499Kb / 5P
   Quad Differential LVDS/LVPECL/HSTL to LVTTL Translator
logo
Integrated Device Techn...
ICS85222I-02 IDT-ICS85222I-02 Datasheet
257Kb / 12P
   1-to-2, LVCMOS/LVTTL- To- Differential HSTL Translator
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
logo
Integrated Circuit Syst...
ICS85222-02 ICST-ICS85222-02 Datasheet
130Kb / 10P
   1-TO-2 LVCMOS / LVTTL-TO DIFFERENTIAL HSTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com