Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PO100HSTL50ASR Datasheet(PDF) 2 Page - Potato Semiconductor Corporation

Part # PO100HSTL50ASR
Description  Dual Differential LVDS/LVPECL/HSTL to LVTTL Translator Dual LVTTL/LVCMOS to Differential HSTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO100HSTL50ASR Datasheet(HTML) 2 Page - Potato Semiconductor Corporation

  PO100HSTL50ASR Datasheet HTML 1Page - Potato Semiconductor Corporation PO100HSTL50ASR Datasheet HTML 2Page - Potato Semiconductor Corporation PO100HSTL50ASR Datasheet HTML 3Page - Potato Semiconductor Corporation PO100HSTL50ASR Datasheet HTML 4Page - Potato Semiconductor Corporation PO100HSTL50ASR Datasheet HTML 5Page - Potato Semiconductor Corporation PO100HSTL50ASR Datasheet HTML 6Page - Potato Semiconductor Corporation PO100HSTL50ASR Datasheet HTML 7Page - Potato Semiconductor Corporation PO100HSTL50ASR Datasheet HTML 8Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Copyright © Potato Semiconductor Corporation
2
Maximum Ratings
DC Electrical Characteristics
Symbol
Description
Test Conditions
Min
Typ
Max
Unit
VOH
Output High voltage
Vcc=3V Vin=VIH or VIL, IOH= -12mA
2.4
3
-
V
VOL
Output Low voltage
Vcc=3V Vin=VIH or VIL, IOH=12mA
-
0.3
0.5
V
VIH
Input High voltage
Guaranteed Logic HIGH Level (Input Pin)
2
-
Vcc
V
VIL
Input Low voltage
Guaranteed Logic LOW Level (Input Pin)
-0.5
-
0.8
V
IIH
Input High current
Vcc = 3.6V and Vin = Vcc
-
-
1
uA
IIL
Input Low current
Vcc = 3.6V and Vin = 0V
-
-
-1
uA
VIK
Clamp diode voltage
Vcc = Min. And
IIN = -18mA
-
-0.7
-1.2
V
Notes:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Typical values are at Vcc = 3.3V, 25 °C ambient.
3.
This parameter is guaranteed but not tested.
4.
Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
5.
VoH = Vcc – 0.6V at rated current
Description
Max
Unit
Storage Temperature
-65 to 150
°C
Operation Temperature
-40 to 85
°C
Operation Voltage
-0.5 to +4.6
V
Input Voltage
-0.5 to Vcc
V
Output Voltage
-0.5 to Vcc+0.5
V
Note:
stresses greater than listed under
Maximum
Ratings
may
cause
permanent damage to the device. This
is a stress rating only and functional
operation of the device at these or any
other conditions above those indicated
in the operational sections of this
specification is not implied. Exposure
to absolute maximum rating conditions
for extended periods may affect
reliability specification is not implied.
Pin Characteristics
l
o
b
m
y
S
r
e
t
e
m
a
r
a
s
P
n
o
i
t
i
d
n
o
C
t
s
e
m
T
u
m
i
n
i
M
l
a
c
i
p
y
T
m
u
m
i
x
a
M
s
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
F
4
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t B
u
p
n
I
88
88
K
K
Ω
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u A
p
n
I
Ω
Dual Differential LVDS/LVPECL/HSTL to LVTTL Translator
PO100HSTL50A
04/19/09
Dual LVTTL/LVCMOS to Differential HSTL Translator


Similar Part No. - PO100HSTL50ASR

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO100HSTL50A POTATO-PO100HSTL50A Datasheet
1Mb / 7P
   High Frequency Noise Canncellation Translator
PO100HSTL50A POTATO-PO100HSTL50A_14 Datasheet
1Mb / 7P
   High Frequency Noise Canncellation Translator
More results

Similar Description - PO100HSTL50ASR

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO100HSTL180A POTATO-PO100HSTL180A Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL179A POTATO-PO100HSTL179A Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL23A POTATO-PO100HSTL23A Datasheet
523Kb / 6P
   Dual Differential LVDS/LVPECL/HSTL to LVTTL Translator
PO100HSTL22A POTATO-PO100HSTL22A Datasheet
520Kb / 6P
   Dual LVTTL/LVCMOS to Differential HSTL Translator
logo
Integrated Device Techn...
85222-01 IDT-85222-01 Datasheet
184Kb / 14P
   Dual LVCMOS / LVTTL-to-Differential HSTL Translator
logo
Renesas Technology Corp
85222-01 RENESAS-85222-01 Datasheet
390Kb / 15P
   Dual LVCMOS / LVTTL-to-Differential HSTL Translator
5/7/15
logo
Potato Semiconductor Co...
PO100HSTL32A POTATO-PO100HSTL32A Datasheet
499Kb / 5P
   Quad Differential LVDS/LVPECL/HSTL to LVTTL Translator
logo
Integrated Device Techn...
ICS85222I-02 IDT-ICS85222I-02 Datasheet
257Kb / 12P
   1-to-2, LVCMOS/LVTTL- To- Differential HSTL Translator
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
logo
Integrated Circuit Syst...
ICS85222-02 ICST-ICS85222-02 Datasheet
130Kb / 10P
   1-TO-2 LVCMOS / LVTTL-TO DIFFERENTIAL HSTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com