Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PO100HSTL180ASR Datasheet(PDF) 1 Page - Potato Semiconductor Corporation

Part # PO100HSTL180ASR
Description  Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO100HSTL180ASR Datasheet(HTML) 1 Page - Potato Semiconductor Corporation

  PO100HSTL180ASR Datasheet HTML 1Page - Potato Semiconductor Corporation PO100HSTL180ASR Datasheet HTML 2Page - Potato Semiconductor Corporation PO100HSTL180ASR Datasheet HTML 3Page - Potato Semiconductor Corporation PO100HSTL180ASR Datasheet HTML 4Page - Potato Semiconductor Corporation PO100HSTL180ASR Datasheet HTML 5Page - Potato Semiconductor Corporation PO100HSTL180ASR Datasheet HTML 6Page - Potato Semiconductor Corporation PO100HSTL180ASR Datasheet HTML 7Page - Potato Semiconductor Corporation PO100HSTL180ASR Datasheet HTML 8Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Copyright © Potato Semiconductor Corporation
Differential LVDS/LVPECL/HSTL to LVTTL Translator
PO100HSTL180A
04/26/09
1
FEATURES:
Pin Configuration
Logic Block Diagram
Pin Description
DESCRIPTION:
Potato Semiconductor’s PO100HSTL180A is
designed for world top performance using
submicron CMOS technology to achieve 1GHz
LVTTL output frequency with less than 1.8ns
propagation delay and 1.65GHz HSTL output
frequency with less than 1.4ns propagation delay.
The PO100HSTL180A is a low-skew, The small
outline 14 pin package and the low skew design to
make it ideal for applications which require the
translation of a clock or a data signal.
• Patented Technology
• Differential LVDS/LVPECL/HSTL to LVTTL
Translator
- Operating frequency up to 1GHz with 2pf load
- Operating frequency up to 800MHz with 5pf load
- Operating frequency up to 450MHz with 15pf load
- Very low output pin to pin skew < 150ps
- Propagation delay < 1.8ns max with 15pf load
• LVTTL/LVCMOS to Differential HSTL Translator
- Operating frequency up to 1.65GHz with 5pf load
- Operating frequency up to 500MHz with 15pf load
- Very low output pin to pin skew < 100ps
- Propagation delay < 1.4ns max with 15pf load
• 2.4V to 3.6V power supply
• Industrial temperature range: –40°C to 85°C
• Available in 14-pin 150ml SOIC package
LVTTL/LVCMOS to Differential HSTL Translator
RECEIVER INPUTS
RECEIVER OUTPUT
VID = VA– VB
RE
R
VID ≥ 10 mV
L
H
10 mV < VID < 10 mV
L
?
VID ≤ –10 mV
L
L
Open
L
H
X
H
Z
DRIVER INPUTS
DRIVER OUTPUTS
D
DE
Y
Z
L
H
L
H
H
H
H
L
Open
H
L
H
X
L
Z
Z
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
R
RE
DE
D
GND
GND
VCC
VCC
A
B
Z
Y
NC
R
D
Y
Z
A
B
DE
RE
2
5
4
3
9
10
12
11


Similar Part No. - PO100HSTL180ASR

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO100HSTL180A POTATO-PO100HSTL180A Datasheet
1Mb / 7P
   High Frequency Noise Canncellation Translator
PO100HSTL180A POTATO-PO100HSTL180A_14 Datasheet
1Mb / 7P
   High Frequency Noise Canncellation Translator
More results

Similar Description - PO100HSTL180ASR

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO100HSTL179A POTATO-PO100HSTL179A Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL50A POTATO-PO100HSTL50A Datasheet
690Kb / 8P
   Dual Differential LVDS/LVPECL/HSTL to LVTTL Translator Dual LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL23A POTATO-PO100HSTL23A Datasheet
523Kb / 6P
   Dual Differential LVDS/LVPECL/HSTL to LVTTL Translator
PO100HSTL32A POTATO-PO100HSTL32A Datasheet
499Kb / 5P
   Quad Differential LVDS/LVPECL/HSTL to LVTTL Translator
PO100HSTL22A POTATO-PO100HSTL22A Datasheet
520Kb / 6P
   Dual LVTTL/LVCMOS to Differential HSTL Translator
logo
Integrated Device Techn...
85222-01 IDT-85222-01 Datasheet
184Kb / 14P
   Dual LVCMOS / LVTTL-to-Differential HSTL Translator
logo
Renesas Technology Corp
85222-01 RENESAS-85222-01 Datasheet
390Kb / 15P
   Dual LVCMOS / LVTTL-to-Differential HSTL Translator
5/7/15
logo
Integrated Device Techn...
ICS85222I-02 IDT-ICS85222I-02 Datasheet
257Kb / 12P
   1-to-2, LVCMOS/LVTTL- To- Differential HSTL Translator
logo
Integrated Circuit Syst...
ICS85222-02 ICST-ICS85222-02 Datasheet
130Kb / 10P
   1-TO-2 LVCMOS / LVTTL-TO DIFFERENTIAL HSTL TRANSLATOR
logo
Integrated Device Techn...
85222-02 IDT-85222-02 Datasheet
211Kb / 12P
   1-to-2, LVCMOS/LVTTL-to-Differential HSTL Translator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com