Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3331 Datasheet(PDF) 2 Page - ASM GmbH

Part # 3331
Description  POWER HiTESTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

3331 Datasheet(HTML) 2 Page - ASM GmbH

  3331 Datasheet HTML 1Page - ASM GmbH 3331 Datasheet HTML 2Page - ASM GmbH 3331 Datasheet HTML 3Page - ASM GmbH 3331 Datasheet HTML 4Page - ASM GmbH 3331 Datasheet HTML 5Page - ASM GmbH 3331 Datasheet HTML 6Page - ASM GmbH 3331 Datasheet HTML 7Page - ASM GmbH 3331 Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Measurement from minute single-phase power
to large-scale 60 kW 3-phase equipment.
The 3332 covers a wide range of power measurement
A single-phase power meter compatible with devices with intermittent oscillation in broadband starting from 1Hz.
The 3331 is compatible from single-phase to 3-phase devices
Voltage/Current can be viewed for each phase of the 3-phase line
Range Table
500.00mA
1.0000A
2.0000A
5.0000A
10.000A
20.000A
50.000A
15.000V
7.5000 W
15.000 W
30.000 W
75.000 W
150.00 W
300.00 W
750.00 W
30.000V
15.000 W
30.000 W
60.000 W
150.00 W
300.00 W
600.00 W
1.5000kW
60.000V
30.000 W
60.000 W
120.00 W
300.00 W
600.00 W
1.2000kW
3.0000kW
U
I
The values in the shaded areas show the common range for the 3331 and 3332. Values in the ( ) show the range of the 3-phase, 3-wire
mode and the single-phase, 3-wire mode (SUM display) of the 3331.
For apparent power and reactive power, the unit of watts in the above table is replaced by VA and var respectively.
150.00V
75.000 (150.00) W 150.00 (300.00) W 300.00 (600.00) W 750.00 (1.5000 k) W 1.5000 (3.0000) kW 3.0000 (6.0000) kW 7.5000 (15.000) kW
600.00V
300.00 (600.00) W 600.00 (1.2000 k) W 1.2000 (2.4000) kW 3.0000 (6.0000) kW 6.0000 (12.000) kW 12.000 (24.000) kW 30.000 (60.000) kW
300.00V
150.00 (300.00) W 300.00 (600.00) W 600.00 (1.2000 k) W 1.5000 (3.0000) kW 3.0000 (6.0000) kW 6.0000 (12.000) kW 15.000 (30.000) kW
1.0000mA 2.0000mA 5.0000mA 10.000mA 20.000mA 50.000mA 100.00mA
150.00V
15.000V
15.000 mW 30.000 mW 75.000 mW 150.00 mW 300.00 mW 750.00 mW 1.5000 W
150.00 mW
30.000V
30.000 mW 60.000 mW 150.00 mW 300.00 mW 600.00 mW 1.5000 W
3.0000 W
300.00 mW
60.000V
60.000 mW 120.00 mW 300.00 mW 600.00 mW 1.2000 W
3.0000 W
6.0000 W
750.00 mW 1.5000 W
3.0000 W
7.5000 W
15.000 W
600.00V
600.00 mW 1.2000 W
3.0000 W
6.0000 W
12.000 W
30.000 W
60.000 W
300.00V
300.00 mW 600.00 mW 1.5000 W
3.0000 W
6.0000 W
15.000 W
30.000 W
200.00mA
3.0000 W
6.0000 W
12.000 W
30.000 W
120.00 W
60.000 W
U
I
Model
3332
3331
Measurement line
1ø2W only
1ø2W to 3ø3W
U
Range
15 to 600V (6 ranges) 150 to 600V (3 ranges)
I
Range
1m to 50A (15 ranges) 500m to 50A (7ranges)
Frequency characteristics
1Hz to 100kHz
10Hz to 100kHz
Basic accuracy
±0.1%rdg.±0.1%f.s. (45 to 66Hz)
Dimensions
Approx. 210W ✕100H ✕261D mm
1
from standby
to usage


Similar Part No. - 3331

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3331 KR-3331 Datasheet
50Kb / 3P
   KR Electronics part number 3331 is a 155 MHz band-pass filter
logo
List of Unclassifed Man...
3331 ETC-3331 Datasheet
100Kb / 1P
   Heyco짰 Nylon Cable Clamps
logo
Heyco.
3331 HEYCO-3331 Datasheet
84Kb / 1P
   Nylon Cable Clamps
logo
Belden Inc.
333109A BELDEN-333109A Datasheet
141Kb / 2P
   RS485, 4 Pr #22 Str TC, PE Ins, OSTC Brd, PVC Jkt, SIA Armor, CPE Jkt,CM, PLTC
05-05-2023
logo
List of Unclassifed Man...
3331100M063JS0 ETC2-3331100M063JS0 Datasheet
365Kb / 5P
   -55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
More results

Similar Description - 3331

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3193 ASM-SENSOR-3193 Datasheet
2Mb / 8P
   POWER HiTESTER
3169-20 ASM-SENSOR-3169-20 Datasheet
1Mb / 12P
   CLAMP ON POWER HiTESTER
3334 ASM-SENSOR-3334 Datasheet
4Mb / 8P
   AC/DC POWER HiTESTER
3286-20 ASM-SENSOR-3286-20 Datasheet
745Kb / 4P
   CLAMP ON POWER HiTESTER
3535 ASM-SENSOR-3535 Datasheet
1Mb / 8P
   LCR HiTESTER
3550 ASM-SENSOR-3550 Datasheet
586Kb / 8P
   BATTERY HiTESTER
3541 ASM-SENSOR-3541 Datasheet
591Kb / 8P
   RESISTANCE HiTESTER
3554 ASM-SENSOR-3554 Datasheet
1Mb / 4P
   BATTERY HiTESTER
3280-10 ASM-SENSOR-3280-10 Datasheet
1Mb / 2P
   CLAMP ON HiTESTER
3291 ASM-SENSOR-3291 Datasheet
1Mb / 4P
   CLAMP ON HiTESTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com