Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3403 Datasheet(PDF) 2 Page - ASM GmbH

Part # 3403
Description  TACHO HiTESTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

3403 Datasheet(HTML) 2 Page - ASM GmbH

  3403 Datasheet HTML 1Page - ASM GmbH 3403 Datasheet HTML 2Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HEAD OFFICE :
81 Koizumi, Ueda, Nagano, 386-1192, Japan
TEL +81-268-28-0562 / FAX +81-268-28-0568
E-mail: os-com@hioki.co.jp
HIOKI USA CORPORATION :
6 Corporate Drive, Cranbury, NJ 08512 USA
TEL +1-609-409-9109 / FAX +1-609-409-9108
E-mail: hioki@hiokiusa.com
DISTRIBUTED BY
All information correct as of Nov. 29, 2005. All specifications are subject to change without notice.
3403E2-5YE
Printed in Japan
Shanghai Representative Office :
1704 Shanghai Times Square Office
93 Huaihai Zhong Road
Shanghai, 200021, P.R.China
TEL +86-21-6391-0090, 0092
FAX +86-21-6391-0360
E-mail: info@hioki.cn
Record RPM data with the Universal 3404
Record RPM data with the Universal 3404
Internal micro-computer for
multi-functional performance
(3404 only)
MIN, MAX
-Holds minimum and
maximum rpm/rps values.
TOTAL
-Provides total rotation counts
from 0 to 500,000 for real-time
rotation count measurement.
PERIOD
-Accurately measure rotation
pulses from 600 μs to 2.000 seconds.
Tripod mounting socket
included.
AC and DC power supplies
may be used.
High-precision, high-resolution
Maximum 0.01 rpm resolution and high
±
1 dgt. precision make the tachometer
effective for precise measurements.
Double performance from one
tachometer
By using the optional 9213 contact
adapter the 3403 and 3404 become
contact-type tachometers, while the
period ring can be used in applications
like measurement of conveyer line speed
(period).
Simple reflector detection
check
LED and buzzer signals confirm that
the light pulses reflected from the tape
on the rotating body are being picked
up. Signals can be turned on and off
freely.
rpm ↔ rps
Switch units even during measurement.
Auto-ranging function covers
from 30 to 100,000 rpm.
Optional accessories
9211 Reflective tape (10 sheets)
9094 Output cord (1.5 m)
(30 pieces per sheet, each sheet 12 × 12 mm)
Measurement range Note: Contact adapter may be used for rotations up to 20,000 rpm.
NORMAL, MIN and MAX modes (MIN and MAX modes only on the 3404)
SLOW
sampling (3403 and 3404)
FAST
sampling (3404 only)
Range
Accuracy
30.00 to 199.99
30.00 to 99.99 ±1 dgt.
100.00 to 199.99 ±2 dgt.
rpm
200.0 to 1999.9
200.0 to 999.9 ±1 dgt.
1000.0 to 1999.9 ±2 dgt.
2000 to 19999
2000 to 9999
±1 dgt.
10000 to 19999 ±2 dgt.
20000 to 99990
±10 dgt.
0.5000 to 1.9999
±2 dgt.
rps
2.000 to 19.999
2.000 to 9.999
±1 dgt.
10.000 to 19.999 ±2 dgt.
20.00 to 199.99
20.00 to 99.99
±1 dgt.
100.00 to 199.99 ±2 dgt.
200.0 to 1600.0
200.0 to 999.9
±1 dgt.
1000.0 to 1600.0 ±2 dgt.
Range
Accuracy
120.00 to 199.90
±40 dgt.
rpm
200.0 to 1999.0
200.0 to 999.0 ±20 dgt.
1000.0 to 1999.0 ±40 dgt.
2000 to 19990
2000 to 9990
±20 dgt.
10000 to 19990 ±40 dgt.
20000 to 99900
±200 dgt.
2.000 to 19.990
2.000 to 9.990
±20 dgt.
10.000 to 19.990 ±40 dgt.
rps
20.00 to 199.90
20.00 to 99.90
±20 dgt.
100.00 to 199.90 ±40 dgt.
200.0 to 1600.0
200.0 to 999.0
±20 dgt.
1000.0 to 1600.0 ±40 dgt.
Note: Display will read 0.0 below 30 rpm or 0.5 rps.
Note: Display will read 0.0 below 120 rpm or 2 rps.
TOTAL
mode (3404 only) - 0 to 499999 5-digit display.
(dicimal point code used for 100,000 counts and over)
PERIOD
mode (3404 only) 600 μs to 2.000 s - ±1 dgt. for
4 digit display, ±2 dgt. for 4 1/2 - digit display.
9213
Contact adapter
9032
9033
9212
Metal contact tip Rubber contact tip Peripheral ring
(includes 9032, two 9033 and 9212)
9213 dimensions:
70H × 62W × 39Dmm (Not including contact tip)
Sets
N.W.kg
G.W.kg
M3
20
16
18
0.1
Standard packing
(double carton box)
Analog output (3404 only)
Stable analog signal output from low
to high speeds provides clear recording
by merely connecting your present
recorder. Output sampling mode can
be set to slow or fast to meet different
application needs.
Specifications
Selection guide
Single-function
type
Multi-function type
3403
3404
Measurement method
Non-contact
Non-contact
Sampling rate
0.7 to 2.0 sec SLOWmode0.7to2.0sec
FAST
mode0.18to0.5sec
FAST/SLOW
mode select
_
MAX.,MIN.,
TOTAL
Mode (total count
select measurement)
PERIOD
(period
measurement)
_
Analog output
_
Auto-range function
Data hold function
Tripod mounting
AC power jack
Accessories
9211
Reflective tape
(1 sheet)
Carrying case
9211 Reflective tape
(1 sheet)
9094 Output cord
Carrying case
Measurement method
Display
Overscale display
Detection range
Reflected light detection
check
Operating temperature/
humidity
Analog output
Power supply
Dimensions and weight
(approx.)
:Visible light reflectance
:LCD 4 1/2 digits (5 digit display
for 20,000 counts or higher, lowest
digit fixed to zero).
TOTAL
measurement 5 digits
(3404 only).
HOLD • rpm • rps • mark (MAX.
• MIN. • TOTAL • PERIOD • μsec
• msec • sec [3404 only] )
:----- displayed
:50 to 200 mm
:Buzzer and LED
:0 to 40 ˚C 80% RH maximum
(no condensation)
:1000m VDC f.s. (3404 only).
Output accuracy ±1% rdg. ±1m V,
output resistance 1kΩ
:SUM3 (AA) × 4 Continuous
battery operation time approx. 16h
AC adapter also available (6V
300mA)
:180H × 62W × 38Dmm,
250g(3403), 260g (3404)
B
HOLD


Similar Part No. - 3403

ManufacturerPart #DatasheetDescription
logo
Heyco.
3403 HEYCO-3403 Datasheet
114Kb / 1P
   Heyco® PG and Metric Threaded Plugs
logo
3M Electronics
3403-0000 3M-3403-0000 Datasheet
33Kb / 2P
   100 Card-Edge
3403-0000 3M-3403-0000 Datasheet
265Kb / 2P
   100 Card-Edge Drilled Mounting Flanges
3403-0001 3M-3403-0001 Datasheet
440Kb / 3P
   3M Pak 100 Card-Edge
logo
Toshiba Semiconductor
3403-000179 TOSHIBA-3403-000179 Datasheet
5Mb / 70P
   COLOUR TELEVISION
More results

Similar Description - 3403

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3193 ASM-SENSOR-3193 Datasheet
2Mb / 8P
   POWER HiTESTER
3535 ASM-SENSOR-3535 Datasheet
1Mb / 8P
   LCR HiTESTER
3550 ASM-SENSOR-3550 Datasheet
586Kb / 8P
   BATTERY HiTESTER
3541 ASM-SENSOR-3541 Datasheet
591Kb / 8P
   RESISTANCE HiTESTER
3554 ASM-SENSOR-3554 Datasheet
1Mb / 4P
   BATTERY HiTESTER
3280-10 ASM-SENSOR-3280-10 Datasheet
1Mb / 2P
   CLAMP ON HiTESTER
3291 ASM-SENSOR-3291 Datasheet
1Mb / 4P
   CLAMP ON HiTESTER
3246 ASM-SENSOR-3246 Datasheet
322Kb / 2P
   PENCIL HiTESTER
3258 ASM-SENSOR-3258 Datasheet
3Mb / 4P
   SAFETY HiTESTER
3331 ASM-SENSOR-3331 Datasheet
3Mb / 8P
   POWER HiTESTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com