Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3522-50 Datasheet(PDF) 2 Page - ASM GmbH

Part # 3522-50
Description  LCR HiTESTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

3522-50 Datasheet(HTML) 2 Page - ASM GmbH

  3522-50 Datasheet HTML 1Page - ASM GmbH 3522-50 Datasheet HTML 2Page - ASM GmbH 3522-50 Datasheet HTML 3Page - ASM GmbH 3522-50 Datasheet HTML 4Page - ASM GmbH 3522-50 Datasheet HTML 5Page - ASM GmbH 3522-50 Datasheet HTML 6Page - ASM GmbH 3522-50 Datasheet HTML 7Page - ASM GmbH 3522-50 Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1
Fourteen parameters measured
The following parameters can be measured, and selected
parameters can be captured by a computer: |Z|, |Y|, θ, Rp
(DCR*), Rs (ESR, DCR*), G, X, B, Lp, Ls, Cp, Cs, D (tan δ),
and Q. *3522-50 only
Wide setting range for measurement
voltage and current
In addition to normal open-loop signal generation, these units
provide for voltage/current dependent evaluation, in constant
voltage and constant current modes. The signal levels can be
set over wide ranges, from 10 mV to 5 Vrms, and from 10 μA
to 100 mA (up to 1 MHz).
Simultaneous setting and measurement
Measurement frequency, measurement signal level, and other
measurement conditions can be changed while monitoring the
measurement results, enabling effective trial measurements
and setting of evaluation conditions.
Interactive touch panel operation
Operation is extremely simple: touch the item on the screen to
be changed, and the possible settings appear in sequence. The
neat and simple front panel eliminates all key switches, for a
clutter-free design.
*
DC resistance measurement *3522-50 only
DC resistance measurement is another feature of the 3522-50.
A single unit, the 3522-50 can provide the crucial parameters
of inductance (L) and DC resistance (DCR) for a transformer
or coil.
Enlarged display function
Up to four parameters can be displayed enlarged, for easy
observation of the measurement values in production line and
other situations where the unit is read at a distance.
Four simultaneous measurement items
Any four of the fourteen parameters can be chosen for
simultaneous measurement and display.
Printer output
With the optional 9442 PRINTER, measurement values,
comparator results, and screen printouts can be obtained.
High resolution and high accuracy
The measurement resolution provides a full five digits, with a
basic measurement accuracy is ± 0.08%.
Correlation correction function
The constants a and b can be set in the following correction
function expression:
Corrected value = a × measurement value + b
DC bias measurement
Using the optional 9268/9269 DC BIAS UNIT, voltage and
current bias measurements are simple. The maximum applied
bias is ± 40 V DC, but depends on the measurement conditions.
Higher frequency range
The measurement frequency can be freely set to DC or any
value in the 1 mHz to 100 kHz range (3522-50) and any value in
the 42 Hz to 5 MHz range (3532-50). In particular this makes it
easy to test sample characteristics in the high frequency range.
Memory for thirty sets of measurement conditions
Up to thirty sets of measurement conditions, including
comparator values, provide rapid response to constantly
changing components on flexible production lines. With
multiple measurement conditions in memory, up to five
different measurements can be made sequentially. The
comparator function lets a single unit provide the logical AND
result for this sequence of tests.
Fastest measurement time 5 ms
Four sampling rates can be selected: FAST, NORMAL,
SLOW, and SLOW2. The most rapid measurement time
of 5 ms (displaying |Z|) gives rapid sampling for improved
production line efficiency.
(The measurement frequency range varies from one parameter to
another.)
Features
Two Models CoverWide Frequency Range :


Similar Part No. - 3522-50

ManufacturerPart #DatasheetDescription
logo
Lumberg
3522-1 LUMBERG-3522-1 Datasheet
124Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3522-1 LUMBERG-3522-1 Datasheet
446Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3522-103 LUMBERG-3522-103 Datasheet
124Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3522-103 LUMBERG-3522-103 Datasheet
446Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3522-104 LUMBERG-3522-104 Datasheet
124Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
More results

Similar Description - 3522-50

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3535 ASM-SENSOR-3535 Datasheet
1Mb / 8P
   LCR HiTESTER
3511-50 ASM-SENSOR-3511-50 Datasheet
253Kb / 4P
   LCR HiTESTER
3193 ASM-SENSOR-3193 Datasheet
2Mb / 8P
   POWER HiTESTER
3550 ASM-SENSOR-3550 Datasheet
586Kb / 8P
   BATTERY HiTESTER
3541 ASM-SENSOR-3541 Datasheet
591Kb / 8P
   RESISTANCE HiTESTER
3554 ASM-SENSOR-3554 Datasheet
1Mb / 4P
   BATTERY HiTESTER
3280-10 ASM-SENSOR-3280-10 Datasheet
1Mb / 2P
   CLAMP ON HiTESTER
3291 ASM-SENSOR-3291 Datasheet
1Mb / 4P
   CLAMP ON HiTESTER
3246 ASM-SENSOR-3246 Datasheet
322Kb / 2P
   PENCIL HiTESTER
3258 ASM-SENSOR-3258 Datasheet
3Mb / 4P
   SAFETY HiTESTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com