Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-TR12 Datasheet(PDF) 2 Page - Premier Magnetics, Inc.

Part # PM-TR12
Description  DIL PACKAGE TOKEN RING ISOLATION TRANSFORMERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-TR12 Datasheet(HTML) 2 Page - Premier Magnetics, Inc.

  PM-TR12 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-TR12 Datasheet HTML 2Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
27111 Aliso Creek Road, Suite 175
AlisoViejo,California92656
Phone:
(714)362-4211
Fax:
(714)362-4212
M
P Premier
Magnetics Inc.
Specifications subject to change without notice.
21
DIP & SMD PACKAGE TOKEN RING TRANSFORMERS
FEATURES
Ê UTP / STP, 4 & 16mbt Applications
Í Fast Rise Times on All Units
Ë Low Insertion Loss (1-32MHz)
Î 2000Vrms Minimum Isolation Voltage
Ì Excellent CMMR of -60db Min. @ 1MHz
Ï Single or Dual Core DIP/SMD Packages
Package
&
Schematic
ELECTRICAL SPECIFICATIONS AT 25OC PER CORE
TURNS
RATIO
(± 5%)
PM-TRA20
1:1:2:2
125
10.0
10.0
.10
2000
.4
.8
A
PM-TRA21
1:1:1:1
125
10.0
10.0
.10
2000
.4
.4
A
PM-TRA22
1:1:1:1
1000
10.0
15.0
.25
2000
1.0 1.0
A
PM-TRX26
1:1:2:2
125
10.0
10.0
.10
2000
.4
.8
B & G
PM-TRX27
1:1:1:1
125
10.0
10.0
.10
2000
.4
.4
B & G
PM-TRX28
1:1:1:1
1000
10.0
15.0
.25
2000
1.0 1.0
B & G
PART
NUMBER
DCR
(Ohms Max.)
Pri
Sec
PRIMARY
OCL
(µµµµµH Typ.)
RISE
TIME
(ns Max.)
PRI-SEC
Cw/w
(pf Max.)
PRI / SEC
L
L
(µµµµµH Max.)
HIPOT
(Vrms Min)
DUAL CORE PACKAGE "B" (PM-TRBXX) 16-PIN THROUGH HOLE DIP
9
12
16
15
7
15
13
10
4
28
3
14
11
6
PRIMARY
SECONDARY
PRIMARY
SECONDARY
.500
(12.70)
MAX
.210
(5.33)
MAX
.120
(3.05)
MIN
.020 (.51)
.010 (.25)
.300
(7.62)
.340
(8.64)
.008R
(0.20)
.010
(0.25)
.280
(7.11)
MAX
.100
(2.54)
TYP
.020
(0.51)
TYP
.050
(1.27)
TYP
PIN#1
DOT
o
3 TYP
o
15 TYP
.010
(0.25)
TYP
.370 (9.40)
.020 (0.51) MIN.
.019
(0.48)
TYP
.050
(1.27)
TYP
.210
(5.33)
MAX
.280
(7.11)
MAX
.500
(12.70)
MAX
PIN#1
DOT
.010 (.25)
.004 (.10)
SINGLE CORE PACKAGE "A" (PM-TRAXX) 8-PIN THROUGH HOLE DIP
8
1
3
6
2
4
75
PRIMARY
SECONDARY
DUAL CORE PACKAGE "G" (PM-TRGXX) 16-PIN GULL-WING SURFACE MOUNT
9
12
16
15
7
15
13
10
4
28
3
14
11
6
PRIMARY
SECONDARY
PRIMARY
SECONDARY
(7.62)
.340
(8.64)
.008R
(0.20)
.010
(0.25)
.280
(7.11)
MAX
.120
(3.05)
MIN
.210
(5.33)
MAX
.020 (.51)
.010 (.25)
.100
(2.54)
TYP
.020
(0.51)
TYP
.050
(1.27)
TYP
.880
(22.35)
MAX
PIN#1
DOT
Fill in X with desired package:
B = 16-Pin Through Hole DIP
G = 16-Pin Gull-Wing SMD
INSERTION LOSS:
RETURN LOSS:
0.9 - 40MHz: 1.0dB Max.
1 - 8MHz: 22dB Min.
1.4 - 31MHz: 0.40dB Max.
8 - 16MHz: 20dB Min.
2.2 - 20MHz: 0.20dB Max.
16 - 24MHz: 18dB Min.


Similar Part No. - PM-TR12

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-T101 PMI-PM-T101 Datasheet
137Kb / 5P
   T1/E1/CEPT/ISDN-PRI DUAL & SINGLE CORE THRU-HOLE TRANSORMERS
PM-T101E PMI-PM-T101E Datasheet
137Kb / 5P
   T1/E1/CEPT/ISDN-PRI DUAL & SINGLE CORE THRU-HOLE TRANSORMERS
PM-T102 PMI-PM-T102 Datasheet
137Kb / 5P
   T1/E1/CEPT/ISDN-PRI DUAL & SINGLE CORE THRU-HOLE TRANSORMERS
PM-T102E PMI-PM-T102E Datasheet
137Kb / 5P
   T1/E1/CEPT/ISDN-PRI DUAL & SINGLE CORE THRU-HOLE TRANSORMERS
PM-T103 PMI-PM-T103 Datasheet
137Kb / 5P
   T1/E1/CEPT/ISDN-PRI DUAL & SINGLE CORE THRU-HOLE TRANSORMERS
More results

Similar Description - PM-TR12

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9842-1 PCA-EP9842-1 Datasheet
22Kb / 1P
   Token Ring Isolation Transformers
EPA1550-1 PCA-EPA1550-1 Datasheet
31Kb / 1P
   Token Ring Isolation Transformers
logo
Rhombus Industries Inc.
T-11209 RHOMBUS-IND-T-11209 Datasheet
27Kb / 1P
   TOKEN RING COUPLING / ISOLATION TRANSFORMER
T-11200 RHOMBUS-IND-T-11200 Datasheet
42Kb / 1P
   Token Ring Transformers - DIP / SMD Packages
logo
Datatronic Distribution...
PT21121 DATATRONICS-PT21121 Datasheet
61Kb / 1P
   Token Ring Transformer in PCMCIA package
logo
PCA ELECTRONICS INC.
EPT7081 PCA-EPT7081 Datasheet
28Kb / 1P
   Token Ring Transceiver
logo
XFMRS Inc.
2021 XFMRS-2021 Datasheet
99Kb / 2P
   TOKEN RING MAGNETICS
XF0756L1 XFMRS-XF0756L1 Datasheet
99Kb / 2P
   TOKEN RING MAGNETICS
2021 XFMRS-2021_15 Datasheet
99Kb / 2P
   TOKEN RING MAGNETICS
logo
PCA ELECTRONICS INC.
EPT7063G PCA-EPT7063G Datasheet
30Kb / 1P
   Token Ring Transceiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com