Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3541 Datasheet(PDF) 5 Page - ASM GmbH

Part # 3541
Description  RESISTANCE HiTESTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

3541 Datasheet(HTML) 5 Page - ASM GmbH

  3541 Datasheet HTML 1Page - ASM GmbH 3541 Datasheet HTML 2Page - ASM GmbH 3541 Datasheet HTML 3Page - ASM GmbH 3541 Datasheet HTML 4Page - ASM GmbH 3541 Datasheet HTML 5Page - ASM GmbH 3541 Datasheet HTML 6Page - ASM GmbH 3541 Datasheet HTML 7Page - ASM GmbH 3541 Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4
To observe process conditions, the mean (x), maximum (Max), minimum (Min)
overall standard deviation (s), standard deviation of sample (s) and process
productivity index (Cp: dispersion, CpK: bias) can be calculated using up to the
maximum of 30,000 measurement values.
Measurement values, and those including judgment results and
statistical calculation results can be printed using the optional
Model 9670 Printer.
Integrity of source and sensor leads and the constant-current
supply are continually monitored to ensure measurements with
high confidence. When a measurement fault is detected it is
indicated on the instrument, and ERR is output from the EXT
I/O interface.
s Measurement Fault Detection
A sealed shielded, low-thermoelectromotive-
force multipolar connector (INPUT B) is
provided. The excellent noise immunity of
this input makes it ideal for high-speed
measurements of large resistances, as well as
low power measurements.
s Multipolar Connector
Thermoelectromotive force occurs at the contact point of
different metals. This force affects measurements, and if large
enough, it can result in measurement errors. The offset voltage
compensation function minimizes the effect of thermoelectromotive
force to preserve measurement accuracy.
s Offset Voltage Compensation
Measures with 10 µ
Ω resolution (2Ω range) using just 10 mA
measurement current. This is ideal for measuring chip inductor
DCR and connector contact resistance.
(Low power measurement is available in the 2
Ω to 2kΩ ranges)
s Low Power Measurement
Measurement values can be averaged to minimize display
instability. With Free Run selected, the display shows the
moving average; otherwise, the display shows the average
value over a period. The number of samples to average can be
set from 2 to 100.
s Average
Consistent accuracy is maintained by automatic correction of
internal circuit offset voltage and gain drift. Self-calibration is
applied at every measurement using SLOW1/SLOW2
sampling, and every 30 minutes with FAST/MEDIUM
sampling. Self-calibration is also performed at power on, and
when measurement conditions are changed.
(Self calibration is enabled when AUTO is selected)
s Self-Calibration
s Data Printing
s Statistical Calculation Functions
Printer operation requires Models 9638 RS-232C Cable and 9671 AC Adapter, and
battery operation requires Models 9672 Battery Pack and 9673 Battery Charger.
Print method
Print width
Print speed
Power
Dimensions
Mass
: Thermal line dot
: 72 mm
: 47.5 mm/s
: 9671 AC Adapter or 9672 Battery Pack
: Approx. 119
× 77 × 174 mm
: Approx. 500 g
[ Print Example ]
[Measurement Values]
[Measurement Values including Judgment Results] COMP-ON
[Statistical Calculation Results] BIN-ON
[Statistical Calculation Results] COMP-ON
Multi-functional
support for various
applications
q Interval Printing
Print out the elapsed time
and measurement results
in 1- to 3600-second intervals.


Similar Part No. - 3541

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3541 UTC-3541 Datasheet
117Kb / 5P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
RHOPOINT COMPONENTS
3541 RHOPOINT-3541 Datasheet
63Kb / 2P
   Low Thermal EMF Reed Relays
logo
Lumberg
3541 LUMBERG-3541 Datasheet
91Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
logo
Unisonic Technologies
3541 UTC-3541 Datasheet
168Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
3541 UTC-3541 Datasheet
201Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
More results

Similar Description - 3541

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3193 ASM-SENSOR-3193 Datasheet
2Mb / 8P
   POWER HiTESTER
3535 ASM-SENSOR-3535 Datasheet
1Mb / 8P
   LCR HiTESTER
3550 ASM-SENSOR-3550 Datasheet
586Kb / 8P
   BATTERY HiTESTER
3554 ASM-SENSOR-3554 Datasheet
1Mb / 4P
   BATTERY HiTESTER
3280-10 ASM-SENSOR-3280-10 Datasheet
1Mb / 2P
   CLAMP ON HiTESTER
3291 ASM-SENSOR-3291 Datasheet
1Mb / 4P
   CLAMP ON HiTESTER
3246 ASM-SENSOR-3246 Datasheet
322Kb / 2P
   PENCIL HiTESTER
3258 ASM-SENSOR-3258 Datasheet
3Mb / 4P
   SAFETY HiTESTER
3331 ASM-SENSOR-3331 Datasheet
3Mb / 8P
   POWER HiTESTER
3522-50 ASM-SENSOR-3522-50 Datasheet
1Mb / 8P
   LCR HiTESTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com