Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDCS6190 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # PDCS6190
Description  DC/DC POWER MODULES 1 AMP ADJUSTABLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PDCS6190 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  PDCS6190 Datasheet HTML 1Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
PDCx61xx
12/03
DC/DC POWER MODULES
1 AMP ADJUSTABLE
.028
(.70)
1.27
(32.2)
.36
(9.1)
.01 x .03
(.25 x .75)
.10
(2.54)
.59
(15.0)
.157
(4.0)
1
12
1.27
(32.2)
.36
(9.1)
.01 x .03
(.25 x .75)
.10
(2.54)
.59
(15.0)
1
12
.157
(4.0)
VERTICAL
HORIZONTAL
FEATURES
l
Efficiency up to 94% (ISR)
l
ON/OFF control (ground off)
l
Adjustable Outpur Voltage.
l
Internal short circuit protection.
l
Wide input range.
l
Non-Isolation
PACKAGE
PIN ASSIGNMENTS
DIMENSIONS IN inches (mm)
Tol:
±.01" (±.25mm)
PIN
#
FUNCTION
1
INHIBIT (10V max)
2
Vin
3
Vin
4
Vin
5
GND
6
GND
7
GND
8
GND
9
Vout
10
Vout
11
Vout
12
Vout Adj
PART
NUMBER
OUTPUT VOLTAGE
(Vdc)
INPUT VOLTAGE
RANGE
(Vdc)
PDCS6133 *
9 - 26
3.3
1.8 - 6.0
1.0
PDCS6150 *
9 - 38
5.0
1.8 - 11.0
1.0
PDCS6190 *
12 - 38
9.0
3.3 - 12.0
1.0
PDCS6112 *
15 - 38
12.0
5.0 - 18.0
1.0
OUTPUT
CURRENT
(Adc)
OUTPUT VOLTAGE
ADJUST RANGE
(Vdc)
* NOTE: ADD "V" FOR VERTICAL PACKAGE, "H" FOR HORIZONTAL PACKAGE


Similar Part No. - PDCS6190

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PDCS6212 PMI-PDCS6212 Datasheet
96Kb / 1P
   DC/DC POWER MODULES 2 AMP ADJUSTABLE HIGH INPUT
PDCS6212H PMI-PDCS6212H Datasheet
96Kb / 1P
   DC/DC POWER MODULES 2 AMP ADJUSTABLE HIGH INPUT
PDCS6212V PMI-PDCS6212V Datasheet
96Kb / 1P
   DC/DC POWER MODULES 2 AMP ADJUSTABLE HIGH INPUT
PDCS6233 PMI-PDCS6233 Datasheet
96Kb / 1P
   DC/DC POWER MODULES 2 AMP ADJUSTABLE HIGH INPUT
PDCS6233H PMI-PDCS6233H Datasheet
96Kb / 1P
   DC/DC POWER MODULES 2 AMP ADJUSTABLE HIGH INPUT
More results

Similar Description - PDCS6190

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PDCS5412V PMI-PDCS5412V Datasheet
94Kb / 1P
   DC/DC POWER MODULES 4 AMP ADJUSTABLE
PDCS5212V PMI-PDCS5212V Datasheet
95Kb / 1P
   DC/DC POWER MODULES 2 AMP ADJUSTABLE
PDCS6233 PMI-PDCS6233 Datasheet
96Kb / 1P
   DC/DC POWER MODULES 2 AMP ADJUSTABLE HIGH INPUT
logo
High Voltage Power Solu...
DCMP12-4P3 HVPSI-DCMP12-4P3 Datasheet
150Kb / 1P
   Regulated / Adjustable DC-DC High Voltage Modules
DCMP15-4N3 HVPSI-DCMP15-4N3 Datasheet
595Kb / 2P
   Regulated/Adjustable DC-DC High Voltage Modules
logo
Delta Electronics, Inc.
HA1SV12004 DELTA-HA1SV12004 Datasheet
893Kb / 11P
   50W DC/DC Power Modules
Q48SC12042 DELTA-Q48SC12042 Datasheet
1Mb / 26P
   500W DC/DC Power Modules
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
   600W DC/DC Power Modules
E48SC12030 DELTA-E48SC12030 Datasheet
1Mb / 27P
   360W DC/DC Power Modules
E48SD12020 DELTA-E48SD12020_14 Datasheet
935Kb / 28P
   240W DC/DC Power Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com