Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8715-01 Datasheet(PDF) 4 Page - ASM GmbH

Part # 8715-01
Description  POWER HiCORDER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

8715-01 Datasheet(HTML) 4 Page - ASM GmbH

  8715-01 Datasheet HTML 1Page - ASM GmbH 8715-01 Datasheet HTML 2Page - ASM GmbH 8715-01 Datasheet HTML 3Page - ASM GmbH 8715-01 Datasheet HTML 4Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HEAD OFFICE :
81 Koizumi, Ueda, Nagano, 86-1192, Japan
TEL +81-268-28-0562 / FAX +81-268-28-0568
E-mail: os-com@hioki.co.jp
HIOKI USA CORPORATION :
6 Corporate Drive, Cranbury, NJ 08512 USA
TEL +1-609-409-9109 / FAX +1-609-409-9108
E-mail: hioki@hiokiusa.com
DISTRIBUTED BY
All information correct as of Jan. 25, 2007. All specifications are subject to change without notice.
8714E4-71E-00P Printed in Japan
Shanghai Representative Office :
110 Shanghai Times Square Office
9 Huaihai Zhong Road
Shanghai, 200021, P.R.China
TEL +86-21-691-0090, 0092
FAX +86-21-691-060
E-mail: info@hioki.cn
4
Input from power-concent
POWER HiCORDER
8714-01 (2ch model)
POWER HiCORDER
8715-01 (4ch model)
CARRYING CASE
9648
Hard case type, for storing
options
PAPER WINDER 220H
Paper width: 70 to 220 mm,
using special-purpose AC
adapter
RECORDING PAPER
9234
18 m/ 59.06 feet length,
10 rolls/ 1 set
CARRYING CASE
9391
Soft case type, for storing options
Holds more options than the 9648
hard case
Included accessories: AC ADAPTER 9418-15 ×1, Recording paper ×1, Blank box ×1, Strap ×1,
CONNECTION CORD 9197
(8714-01: ×2, 8715-01: ×4), Application disk ×1
CLAMP ON PROBE
9018-10
Input from 10 to 500A
40Hz to 3kHz for 0.2V AC output.
BNC terminal
CLAMP ON PROBE
9132-10
Input from 20 to 1000A
40Hz to 1kHz for 0.2V AC output.
BNC terminal
LINE SPLITTER CT101A
For 100V/ 15A,
convenient for measuring
100V AC line current with
clamp-on probe
Composition of options Note:Productnamesappearinghereinaretrademarksorregisteredtrademarksofvariouscompanies.
CONNECTION CORD
9217
Insulation BNC-to-insulation
BNC, use to connect to
insulation-BNC terminal on
Input Module
CONNECTION CORD
9197
For up to 500V,
1.5 m length
CONCENT INPUT CORD
9448
Use for 100V commercial
line, 2m length
WAVE PROCESSOR 9335
Data conversion, print functions,
waveform display, compatible with
Windows 95/98/Me, Windows NT
4.0/2000/XP
PC CARD 128M 9726
(128MB capacity)
PC CARD 256M 9727
(256MB capacity)
PC CARD 512M 9728
(512MB capacity)
PC CARD 1G 9729
(1GB capacity)
Supplied with PC
Card adapter
CONVERSION ADAPTER
9199
Banana-to-BNC, use to
connect to insulation-BNC
terminal on Input section
CLAMP ON AC/DC HiTESTER
3284
20Aor 200AAC/DC, with
analog output of 1V f.s. DC, and
waveform monitor output of 1V
f.s.AC at 10Hz to 2kHz, or DC.
Requires the AC ADAPTER
9445-02
/-03
CLAMP ON LEAK HiTESTER
3283
For leakage current measurement,
includes 10mAto 200Aranges,
with analog output of 1V f.s. DC,
and waveform monitor output
of 1V f.s.AC at 40Hz to 2kHz.
Requires the AC ADAPTER
9445-02
/-03
BATTERY PACK
9447
7.2V, 2400mAh
CHARGE STAND
9643
Independent of main unit the
8714-01/8715-01
, use with the AC
ADAPTER 9418-15
to charge one
Model BATTERY PACK 9447.
AC ADAPTER
9418-15
Universal 100 to 240 V AC,
12 V DC/ 2.5 A output
AC ADAPTER
9445-02/-03
Use for the 3283, 3284,
3285
, for USA/CSA
9445-02
, for EU 9445-03
OUTPUT CORD
9094
Required along with the
9199
adapter to connect
the 3283/3284/3285 to the
8714-01
or 8715-01
CONVERSION ADAPTER
9199
Banana-to-BNC, use to
connect to insulation-BNC
terminal on Input section
+
CLAMP ON AC/DC HiTESTER
3285
200Aor 2000AAC/DC, with
analog output of 1V f.s. DC, and
waveform monitor output of 1V
f.s.AC at 10Hz to 1kHz, or DC.
Requires the AC ADAPTER
9445-02
/-03
AC ADAPTER
9418-15
Use for the 9322, 100 to 240
V AC
DIFFERENTIAL PROBE
9322
For inputs up to 2kV DC or
1kV AC, the 9322 requires
the AC ADAPTER 9418-15
1kV AC, 2kV DC input
Up to 450V AC input
Record Current Waveform
Record Current Waveform
PC Card Precaution
Use only PC Cards sold
by HIOKI. Compatibility
and performance are not
guaranteedforPCcardsmade
byothermanufacturers.You
maybeunabletoreadfromor
savedatatosuchcards.
Not CE certified
Not CE certified
Not CE certified
Not CE certified
Input cords of included accessories are the 9197 only. For current
measurement, please purchase the optional clamp-on probe, or clamp-on
tester.
+
n
Combination example: 2-channels, with current measurement
Main unit
Paper
Battery pack
Current up to 500A
Carrying case
Model number ×
quantity
8714-01×1
924×1 (10 rolls)
9447×1
9018-10×2
991×1
n
Combination example: 4-channels, with current measurement
Main unit
Paper
Battery pack
Current up to 500A
Carrying case
Model number ×
quantity
8715-01×1
924×1 (10 rolls)
9447×1
9018-10×4
991×1


Similar Part No. - 8715-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8715 ETC2-8715 Datasheet
311Kb / 1P
   MALE/FEMALE THREADED STANDOFFS
8715 ETC2-8715 Datasheet
110Kb / 2P
   HEX MALE/FEMALE STANDOFFS
logo
Littelfuse
8715 LITTELFUSE-8715 Datasheet
238Kb / 1P
   STOPLAMP PUSH BUTTON SWITCHES
2019 Rev: 021219
logo
Vishay Siliconix
87151E3 VISHAY-87151E3 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
logo
Tyco Electronics
87159-1 MACOM-87159-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
More results

Similar Description - 8715-01

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
8205-10 ASM-SENSOR-8205-10 Datasheet
992Kb / 4P
   MICRO HiCORDER
8841 ASM-SENSOR-8841 Datasheet
2Mb / 12P
   MEMORY HiCORDER
8807-01 ASM-SENSOR-8807-01 Datasheet
1Mb / 8P
   MEMORY HiCORDER
8826 ASM-SENSOR-8826 Datasheet
1Mb / 12P
   MEMORY HiCORDER
8807-51 ASM-SENSOR-8807-51 Datasheet
940Kb / 4P
   MEMORY HiCORDER
8855 ASM-SENSOR-8855 Datasheet
5Mb / 12P
   MEMORY HiCORDER
8835-01 ASM-SENSOR-8835-01 Datasheet
2Mb / 12P
   MEMORY HiCORDER
8860-50 ASM-SENSOR-8860-50 Datasheet
2Mb / 16P
   MEMORY HiCORDER
8870-20 ASM-SENSOR-8870-20 Datasheet
2Mb / 8P
   MEMORY HiCORDER
MR8827 ASM-SENSOR-MR8827 Datasheet
2Mb / 16P
   MEMORY HiCORDER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com