Electronic Components Datasheet Search |
|
8807-01 Datasheet(PDF) 4 Page - ASM GmbH |
|
8807-01 Datasheet(HTML) 4 Page - ASM GmbH |
4 / 8 page 4 Recorder recording time Actual operation conditions are assumed, and it is assumed that 30 cm of the length of the recording paper is not used, for a total of 1770 divisions ■ X-Y Recorder format This function allows two signals converted to digital form to be combined in an x-y plot and stored in memory. Any of the four analog channels can be used for an x-y plot, but only one plot can be combined. The X-Y plot can be viewed in real-time on the display, and there is no limit on the recording time. The waveforms can also be printed out as many times as desired. Recorder function operation The input signal is converted to digital form and displayed or printed*2 in real-time. The chart speed is maximum 10 mm/s (in the 1s/division range)*3. Even with the real-time recording, the last 400 divisions of the waveform can be observed by scrolling or reprinting the data*2. *2 The optional 8992 PRINTER UNIT is required. *3 Only when using the AC Adapter. When using batteries, the maximum speed is 5 mm/s (2 s/division range). RMS recorder function This function is exclusively for use on 50/60 Hz power-supply lines and DC. High-speed sampling is applied to calculate the rms value from the waveform data*1, and the result is recorded as a graph. *1 Using 250 µs high-speed sampling, data for three waveforms are captured for calculating the rms value. This process is repeated 800 times per second using the moving average method, resulting in high-speed response. - RMS Recorder, Recorder functions - 100 V power line waveform Chart of Recorder function Chart of RMS recorder function Slow-speed recording by RMS recorder High-speed recording by memory Y input X input Display X-Y recorder diagram X-Y matrix memory Recording paper 400 DIV divisions in memory ■ RMS Recorder & Memory function If an abnormal event is detected by triggers during real-time recording of signals using the RMS recorder, it is stored in memory by the high- speed sampling memory recorder. The RMS recorder function works independently and never stops. This function is highly convenient when it is desirable to record both abnormal phenomena and normal level fluctuations. Time axis Chart speed Sampling period Approximate recording time with one roll of recording paper (18 m) 100 ms/DIV Printer not required 2.5 µs Stored in memory only : 40 s 200 ms/DIV Stored in memory only : 1 m 20 s 500 ms/DIV Stored in memory only : 3 m 20 s 1 s/DIV ACAdapter used 10 mm/s 2.5 µs AC Adapter used : 29 m 30 s 2 s/DIV 5 mm/s 2.5 µs 59 m 5 s/DIV 2 mm/s 2.5 µs 2 h 27 m 30 s 10 s/DIV 1 mm/s 2.5 µs 4 h 55 m 30 s/DIV 20 mm/s 2.5 µs 14 h 45 m 1 min/DIV 10 mm/s 2.5 µs 1 day 5 h 30 m 2 min/DIV 5 mm/s 2.5 µs 2 days 11 h 5 min/DIV 2 mm/s 2.5 µs 6 days 3 h 30 m 10 min/DIV 1 mm/s 2.5 µs 12 days 7 h 30 min/DIV 20 mm/h 2.5 µs 36 days 21 h 1 h/DIV 10 mm/h 2.5 µs 73 days 18 h |
Similar Part No. - 8807-01 |
|
Similar Description - 8807-01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |