Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8835-01 Datasheet(PDF) 6 Page - ASM GmbH

Part # 8835-01
Description  MEMORY HiCORDER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

8835-01 Datasheet(HTML) 6 Page - ASM GmbH

Back Button 8835-01 Datasheet HTML 2Page - ASM GmbH 8835-01 Datasheet HTML 3Page - ASM GmbH 8835-01 Datasheet HTML 4Page - ASM GmbH 8835-01 Datasheet HTML 5Page - ASM GmbH 8835-01 Datasheet HTML 6Page - ASM GmbH 8835-01 Datasheet HTML 7Page - ASM GmbH 8835-01 Datasheet HTML 8Page - ASM GmbH 8835-01 Datasheet HTML 9Page - ASM GmbH 8835-01 Datasheet HTML 10Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
The results of waveform decisions, parameter decisions, and
triggers are output as open collector signals. The 8835-01 is
also provided with signal inputs for remote control of the start,
stop, and print buttons.
The 8835-01 has a dual AC/DC power-supply specification,
and an external battery can be used by means of the DC
POWER ADAPTER
9439
, in addition to normal AC power
supply. This allows vehicle-mounted applications, where
an AC power supply is not available. If both supplies are
connected, the AC power supply takes precedence, but if
the AC power fails, the unit automatically switches to DC
operation.
Signal outputs, control inputs, DC input
*When using the F/V UNIT 8940 with 12 V DC power, the printer can only be
used for up to 2 channels.
Variable (span adjustment), vernier (fine adjustment)
When sensors are used to measure and record noise,
temperature, acceleration or other physical quantities, precise
calibration is important. This is facilitated by the vernier
function that allows fine adjustment of amplitude. The variable
function lets the user numerically specify the measurement
span, such as 1 - 5V or 4 - 20mA. This is useful for matching
the range of instrumentation to the full span of the recording
paper. A scaling function for converting measurement results is
also available.
External trigger input
Trigger signal output
External control
connector
DC input
(The DC POWER ADAPTER 9439
must be used)
Manipulation using the cursor
Use of the two cursors on the screen enables the user to read
the time difference and potential difference.
- Function Details -
In all of the functions, including the memory recorder and
recorder, all eight analog input channels and sixteen logic input
channels can be used for trigger input. In addition to a level
trigger, which compares voltages based on a reference value,
the 8835-01 supports the following triggers.
Window trigger that compares voltages based on two reference values
Voltage-drop detection trigger that detects voltage drops in commercial
power lines
RMS-value level trigger that compares signals based on the RMS-value level
Period detection trigger that measures periods and detects all deviating
periods
Pattern trigger that compares signals based on the logic signal ON/OFF
pattern
Trigger functions for monitoring of all four channels
Judgment outputs


Similar Part No. - 8835-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8835 ETC2-8835 Datasheet
326Kb / 1P
   INSULATED PC SPACERS/SUPPORTS
More results

Similar Description - 8835-01

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
8841 ASM-SENSOR-8841 Datasheet
2Mb / 12P
   MEMORY HiCORDER
8807-01 ASM-SENSOR-8807-01 Datasheet
1Mb / 8P
   MEMORY HiCORDER
8826 ASM-SENSOR-8826 Datasheet
1Mb / 12P
   MEMORY HiCORDER
8807-51 ASM-SENSOR-8807-51 Datasheet
940Kb / 4P
   MEMORY HiCORDER
8855 ASM-SENSOR-8855 Datasheet
5Mb / 12P
   MEMORY HiCORDER
8860-50 ASM-SENSOR-8860-50 Datasheet
2Mb / 16P
   MEMORY HiCORDER
8870-20 ASM-SENSOR-8870-20 Datasheet
2Mb / 8P
   MEMORY HiCORDER
MR8827 ASM-SENSOR-MR8827 Datasheet
2Mb / 16P
   MEMORY HiCORDER
8205-10 ASM-SENSOR-8205-10 Datasheet
992Kb / 4P
   MICRO HiCORDER
8714-01 ASM-SENSOR-8714-01 Datasheet
967Kb / 4P
   POWER HiCORDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com