Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8855 Datasheet(PDF) 8 Page - ASM GmbH

Part # 8855
Description  MEMORY HiCORDER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

8855 Datasheet(HTML) 8 Page - ASM GmbH

Back Button 8855 Datasheet HTML 4Page - ASM GmbH 8855 Datasheet HTML 5Page - ASM GmbH 8855 Datasheet HTML 6Page - ASM GmbH 8855 Datasheet HTML 7Page - ASM GmbH 8855 Datasheet HTML 8Page - ASM GmbH 8855 Datasheet HTML 9Page - ASM GmbH 8855 Datasheet HTML 10Page - ASM GmbH 8855 Datasheet HTML 11Page - ASM GmbH 8855 Datasheet HTML 12Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Dimensions and mass:
approx. 104.7(4.1 in)W × 28(1.1 in)H × 164.5(6.5 in)D mm
approx. 150 g (5.3 oz) Supplied accessories: None
Options (sold separately)
Various input modules
User-installable in any combination by
insertion into the instrument.
Note: Input cords are not provided. Please
purchase the appropriate input cord for
the probe type and application separately.
ANALOG UNIT 8950
VOLTAGE/CURRENT UNIT 8951
DC/RMS UNIT 8952
HIGH RESOLUTION UNIT 8953-10
VOLTAGE/TEMP UNIT 8954
F/V UNIT 8955
Measurement
type
Unit
Display range
Maximum
resolution
Voltage
ANALOG UNIT 8950
100 mV f.s. to 400 V f.s.
50μV
VOLTAGE/CURRENT UNIT 8951
20 mV f.s. to 60 V f.s.
10μV
DC/RMS UNIT 8952
100 mV f.s. to 400 V f.s.
50μV
HIGH RESOLUTION UNIT 8953-10
100 mV f.s. to 400 V f.s.
3.125μV
VOLTAGE/TEMP UNIT 8954
10 mV f.s. to 40 V f.s.
0.3125μV
Current
(using 8951 VOLTAGE
/CURRENT UNIT)
Using the CLAMP SENSORs 9270,
9272 (20 A), 9277, or 3273-50:
200 mA f.s. to 20* A f.s.
*Themaximumvaluediffersdependingontheclampsensorused. 100μA
Using the CLAMP SENSORs 9271, 9272
(200 A), 9278,3274, or 3273:
2 A f.s. to 200* A f.s.
*Themaximumvaluediffersdependingontheclampsensorused. 1mA
Using the CLAMP ON SENSOR
3275
2 A f.s. to 500* A f.s.
*Themaximumvaluediffersdependingontheclampsensorused. 1mA
Using the UNIVERSAL CLAMP
ON CT 9279
4 A f.s. to 500* A f.s.
*Themaximumvaluediffersdependingontheclampsensorused. 2.5mA
AC RMS voltage
DC/RMS UNIT 8952
100 mV f.s. to 400 V f.s.
50μV
Temperature
(thermocouple input)
VOLTAGE/TEMP UNIT 8954 200 °C f.s. to 2000 °C f.s.
*Themaximumandminimumvaluesdifferdependingonthethermocoupleused. 0.01°C
Frequency, RPM
F/V UNIT 8955
2 Hz f.s. to 100 kHz f.s.
200 (r/min) f.s. to 10 (kr/min) f.s.
0.5mHz
0.05 (r/min)
Power frequency
F/V UNIT 8955
40 Hz f.s. to 60 Hz f.s.
50 Hz f.s. to 70 Hz f.s.
5mHz
Pulse integration
F/V UNIT 8955
0.05counts
Pulse duty comparison F/V UNIT 8955
100 % f.s.
0.05%
Pulse width
F/V UNIT 8955
0.01 s to 2 s
2.5μs
VOLTAGE/CURRENT UNIT 8951
(Accuracy at 23 ±5˚C (73 ±9˚F) and 30 to 80% relative humidity when zero-
adjust is performed after a 30-minute warm-up; accuracy guaranteed for 1 year)
Measurement functions Number of channels: 1, voltage measurement/current measurement using a clamp
Input
Metal BNC connector, Max. rated voltage to earth: 30V RMS or
60V DC (withinputisolatedfromtheunit,themaximumvoltage
that can be applied between input channels and chassis, or across input pins, without causing
damage, ±12V common ground for installed units when using a clamp)
Sensor connector: 9270s clamp sensor input (±12Vcommon
ground for installed units)
Voltage measurement
range
1mV to 5V/DIV, 12 ranges, full-scale = 20DIV, AC voltage for
possible measurement / display using the memory function: 30V
rms, low-pass filter: 5Hz/500Hz/100kHz/1MHz
Current
measurement range
With the 9270, 9272 (20 A), 9277, or 3273-50, 3276:
10mA to 5A/DIV, 9 ranges, full-scale = 20DIV
With the 9271, 9272 (200 A), 9278, or 3274:
100mA to 50A/DIV, 9 ranges, full-scale = 20DIV
With the 9279 : 200mA to 100A/DIV, 9 ranges, full-scale = 20DIV
With the 3275 : 100mA to 100A/DIV, 10 ranges, full-scale = 20DIV
Low-pass filter: 5Hz/500Hz/100kHz/1MHz
(1MHz: 3273-50 to 3276, 100kHz: When using the 3273-50 to 3276, 9277, or 9278)
Measurement
resolution
Data in the 1/100 measurement range (using 12-bit A/D)
(With the 9279: part of the current range or in the 1/80 measurement range)
Maximum sampling rate
20MS/s
Accuracy
DC amplitude: ±0.5% f.s. Zero-position: ±0.15% f.s.
(add the accuracy and characteristics of the sensor or probe used when measuring current)
Frequency characteristics
DC to 4MHz ±3dB, With AC coupling: 7Hz to 4MHz ±3dB
Input resistance and capacitance
1MΩ, 50pF (when C is 100kHz)
Input coupling
DC, GND, AC
Max. allowable input 30V rms or 60V DC (the maximum voltage that can be applied
between input pins without causing damage)
Power terminal
±12V for the 3273-50/3274/3275/3276
(common ground with the power terminals of installed units)
ANALOG UNIT 8950
(Accuracy at 23 ±5˚C (73 ±9˚F) and 30 to 80% relative humidity when zero-adjust
is performed after a 30-minute warm-up; accuracy guaranteed for 1 year)
Measurement functions
Number of channels: 1, voltage measurement
Input
Isolated BNC connector, Max. rated voltage to earth: 370VAC,
DC (withinputisolatedfromtheunit,themaximumvoltagethatcanbeappliedbetweeninput
channels and chassis, or across input pins, without causing damage)
Measurement range
5mV to 20V/DIV, 12 ranges, full-scale = 20DIV, AC voltage for
possible measurement / display using the memory function: 280V
rms, low-pass filter: 5Hz/500Hz/5kHz/1MHz
Measurement resolution
Data in the 1/100 measurement range (using 12-bit A/D)
Maximum sampling rate
20MS/s
Accuracy
DC amplitude: ±0.4% f.s. Zero-position: ±0.1% f.s.
Frequency characteristics
DC to 10MHz ±3 dB. WithAC coupling: 7Hz to 10MHz ±3dB
Input resistance and
capacitance
1MΩ, 40pF (when C is 100kHz)
Input coupling
DC, GND, AC
Max. allowable input
400VDC(themaximumvoltagethatcanbeappliedbetweeninputpinswithoutcausingdamage)
Power terminal
DIFFERENTIAL PROBE 9322
Power (the POWER CORD 9328 is
required for connection)
DC/RMS UNIT 8952
(Accuracy at 23 ±5˚C (73 ±9˚F) and 30 to 80% relative humidity when zero-adjust is
performed after a 30-minute warm-up; accuracy guaranteed for 1 year)
Measurement functions
Number of channels: 1, voltage measurement
Input
Isolated BNC connector, Max. rated voltage to earth: 370VAC,
DC (withinputisolatedfromtheunit,themaximumvoltagethatcanbeappliedbetweeninput
channels and chassis, or across input pins, without causing damage)
Measurement range
5mV to 20V/DIV, 12 ranges, full-scale = 20DIV, AC voltage for
possible measurement / display using the memory function: 280V
rms, low-pass filter: 5Hz/500Hz/5kHz/1MHz
Measurement resolution
Data in the 1/100 measurement range (using 12-bit A/D)
Maximum sampling rate
20MS/s
Accuracy
DC amplitude: ±0.4% f.s. (with 5Hz filter ON and averaging ON)
Zero-position: ±0.1% f.s.
RMS accuracy
±2% f.s. (DC, 10Hz to 15kHz)
±8% f.s. (with 50 to 500kHz, sine wave input, when response is SLOW)
Frequency characteristics
DC to 10MHz ±3dB. With AC coupling: 7Hz to 10MHz ±3dB
Input resistance and capacitance
1MΩ, 40pF (when C is 100kHz)
Input coupling
DC, GND, AC
Max. allowable input
400V DC(themaximumvoltagethatcanbeappliedbetweeninputpinswithoutcausingdamage)
Power terminal
DIFFERENTIAL PROBE 9322
Power (the POWER CORD 9328 is
required for connection)
HIGH RESOLUTION UNIT 8953-10 (Accuracy at 23 ±5˚C (73 ±9˚F) and 30 to 80% relative humidity when zero-adjust
is performed after a 30-minute warm-up; accuracy guaranteed for 1 year)
Measurement functions
Number of channels: 1, voltage measurement
Input
Isolated BNC connector, Max. rated voltage to earth: 370VAC,
DC (withinputisolatedfromtheunit,themaximumvoltagethatcanbeappliedbetweeninput
channels and chassis, or across input pins, without causing damage)
Measurement range
5mV to 20V/DIV, 12 ranges, full-scale = 20DIV, AC voltage for
possible measurement / display using the memory function: 280V
rms, low-pass filter: 5Hz/50Hz/500Hz/5kHz/50kHz
Measurement resolution
Data in the 1/1600 measurement range (using 16-bit A/D)
Maximum sampling rate
1MS/s
Accuracy
DC amplitude: ±0.2% f.s. Zero-position: ±0.1% f.s.
Frequency characteristics
DC to 100kHz ±3dB. With AC coupling: 7Hz to 100kHz ±3dB
Input resistance and capacitance
1MΩ, 40pF (when C is 100kHz)
Input coupling
DC, GND, AC
Max. allowable input
400V DC(themaximumvoltagethatcanbeappliedbetweeninputpinswithoutcausingdamage)
Power terminal
DIFFERENTIAL PROBE 9322
Power (thePOWER CORD9328 isrequired
for connection)
Anti-aliasing filter
Cutoff frequency (fc): 20Hz to 40kHz (set automatically)
Attenuation: -66dB or greater at 1.5 fc
Dimensions and mass:
approx. 104.7(4.1 in)W × 28(1.1 in)H × 164.5(6.5 in)D mm
approx. 150 g (5.3 oz) Supplied accessories: None
Dimensions and mass:
approx. 104.7(4.1 in)W × 28(1.1 in)H × 164.5(6.5 in)D mm
approx. 190 g (6.7 oz) Supplied accessories: None
Dimensions and mass:
approx. 104.7(4.1 in)W × 28(1.1 in)H × 164.5(6.5 in)D mm
approx. 150 g (5.3 oz) Supplied accessories: None


Similar Part No. - 8855

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
885 ETC2-885 Datasheet
479Kb / 1P
   Measurement parameters: Z, L, C, DCR, ESR, D, Q, and 횠
logo
Littelfuse
885 LITTELFUSE-885 Datasheet
671Kb / 3P
   The 885 Nano2짰 Surface Mount Fuses are high voltage rated fuses with high interrupting current ratings at 450VDC/500VDC and 350VAC
logo
Keystone Electronics Co...
8850 KEYSTONE-8850 Datasheet
96Kb / 1P
   PTFE FORK INSULATED TERMINAL
3.31.99
logo
Altech corporation
8850.2 ALTECH-8850.2 Datasheet
85Kb / 2P
   INTERFACES CONNECTOR-TO-WIRE Ribbon Cable Module 35 or 32mm DIN Rail
logo
TriQuint Semiconductor
885007 TRIQUINT-885007 Datasheet
471Kb / 6P
   2436 MHz BAW Filter
More results

Similar Description - 8855

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
8841 ASM-SENSOR-8841 Datasheet
2Mb / 12P
   MEMORY HiCORDER
8807-01 ASM-SENSOR-8807-01 Datasheet
1Mb / 8P
   MEMORY HiCORDER
8826 ASM-SENSOR-8826 Datasheet
1Mb / 12P
   MEMORY HiCORDER
8807-51 ASM-SENSOR-8807-51 Datasheet
940Kb / 4P
   MEMORY HiCORDER
8835-01 ASM-SENSOR-8835-01 Datasheet
2Mb / 12P
   MEMORY HiCORDER
8860-50 ASM-SENSOR-8860-50 Datasheet
2Mb / 16P
   MEMORY HiCORDER
8870-20 ASM-SENSOR-8870-20 Datasheet
2Mb / 8P
   MEMORY HiCORDER
MR8827 ASM-SENSOR-MR8827 Datasheet
2Mb / 16P
   MEMORY HiCORDER
8205-10 ASM-SENSOR-8205-10 Datasheet
992Kb / 4P
   MICRO HiCORDER
8714-01 ASM-SENSOR-8714-01 Datasheet
967Kb / 4P
   POWER HiCORDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com