Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5633PWP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5633PWP
Description  SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5633PWP Datasheet(HTML) 2 Page - Texas Instruments

  TPS5633PWP Datasheet HTML 1Page - Texas Instruments TPS5633PWP Datasheet HTML 2Page - Texas Instruments TPS5633PWP Datasheet HTML 3Page - Texas Instruments TPS5633PWP Datasheet HTML 4Page - Texas Instruments TPS5633PWP Datasheet HTML 5Page - Texas Instruments TPS5633PWP Datasheet HTML 6Page - Texas Instruments TPS5633PWP Datasheet HTML 7Page - Texas Instruments TPS5633PWP Datasheet HTML 8Page - Texas Instruments TPS5633PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TPS5615, TPS5618, TPS5625, TPS5633
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
SLVS177A – SEPTEMBER 1998 – REVISED NOVEMBER 1998
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
INHIBIT
OCP
SLOWST
IOUT
BIAS
DRV
BOOT
HIGHDR
BOOTLO
LOWDR
DRVGND
HISENSE
IOUTLO
LOSENSE
PWRGD
ANAGND
CC
V
VREFB
AGND2
VSENSE
VHYST
LODRV
LOHIB
_
+
2 V
10 V
UVLO
VCC
22
3
8
25
4
6
11
10
15
7
28
20
21
19
1
9
14
16
17
18
13
12
_
+
Deglitch
100mV
VOVP
1.15 VREF
VSENSE
S
R
Q
VCC
Deglitch
Fault
Shutdown
VPGD
0.93 VREF
Rising
Edge
Delay
HIGHIN
HIGHDR
2X
Shutdown
_
+
Bandgap
_
+
IVREFB
5
Analog
Bias
VREF
Hysteresis
Setting
I VREFB
_
+
_
+
Hysteresis
Comparator
Shutdown
Slowstart
Comparator
CM Filters
PREREG
DRV REG
VCC
Analog
Bias


Similar Part No. - TPS5633PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5633PWP TI-TPS5633PWP Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
TPS5633PWPR TI-TPS5633PWPR Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
More results

Similar Description - TPS5633PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com