Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDCD03057 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # PDCD03057
Description  3.0 WATT 2:1WIDE INPUT RANGE DC/DC POWER MODULES Extended Temperature (Rectangle Package)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PDCD03057 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  PDCD03057 Datasheet HTML 1Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
PDCx0305x 12/00
3.0 WATT 2:1WIDE INPUT RANGE
DC/DC POWER MODULES
Extended Temperature (Rectangle Package)
.60
(15.24)
1.25
(31.8)
.80
(20.3)
.70
(17.78)
.10
(2.5)
.50
(12.7)
.15
(3.8)
1
2
3
10
11
12
24
23
22
15
14
13
FEATURES
!
3.0 Watt Isolated Output
"
2:1 Wide Input Range
#
Continuous Short Circuit Protection
$
Extended Temperature
GENERAL SPECIFICATIONS
%
Efficiency ...................................... Per Table
%
Operating Frequency ............... 50KHz Min.
%
Isolation Voltage: ..................... 500 Vdc Min.
%
Operating Temperature ........ -40 to +80OC
%
Efficiency ................................... up to 80%
INPUT SPECIFICATIONS
%
Voltage .................................5,12, 24, 48 Vdc
%
Voltage Range.. 4.5-9,9-18,18-36, 36-72Vdc
%
Input Filter ........................................... Pi Type
OUTPUT SPECIFICATIONS
%
Voltage ........................................... Per Table
%
Voltage Stability ......................... ±0.05% max
%
Ripple & Noise Vout = 5~9V....... 100mV p-p
Vout = 12~15V....................1% Of Vout
%
Load Regulation ......................... ±0.2% typ.
%
Line Regulation ........................... ±0.1% typ.
PACKAGE
PIN ASSIGNMENTS
PHYSICAL DIMENSIONS
DIMENSIONS IN inches (mm)
PIN
#
SINGLE
OUTPUT
1
+INPUT
+INPUT
2
NP
- OUTPUT
3
NP
COMMON
10
-OUTPUT
COMMON
11
+OUTPUT
+OUTPUT
12
- INPUT
- INPUT
13
- INPUT
- INPUT
14
+OUTPUT
+OUTPUT
15
-OUTPUT
COMMON
22
NP
COMMON
23
NP
-OUTPUT
24
+INPUT
+INPUT
DUAL
OUTPUTS
500 VDC
*NP-NO PIN
*NC-NO CONNECTION WITH PIN
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE -40OC TO +80OC
PART
NUMBER
(SINGLE OUTPUT)
PDCS03051
5
5
600
65
PDCS03052
5
9
333
70
PDCS03053
5
12
250
72
PDCS03054
5
15
200
73
PDCS03056
12
5
600
66
PDCS03057
12
9
333
75
PDCS03058
12
12
250
77
PDCS03059
12
15
200
75
PDCS03061
24
5
600
78
PDCS03062
24
9
333
79
PDCS03063
24
12
250
80
PDCS03064
24
15
200
80
PDCS03066
48
5
600
72
PDCS03067
48
9
333
75
PDCS03068
48
12
250
76
PDCS03069
48
15
200
80
OUTPUT
CURRENT
(mA max.)
OUTPUT
VOLTAGE
(Vdc)
INPUT
VOLTAGE
(Vdc)
%EFF
PART
NUMBER
(DUAL OUTPUT)
OUTPUT
CURRENT
(mA max.)
OUTPUT
VOLTAGE
(Vdc)
INPUT
VOLTAGE
(Vdc)
%EFF
PDCD03051
5
±5
±300
65
PDCD03052
5
±9
±167
70
PDCD03053
5
±12
±125
71
PDCD03054
5
±15
±100
72
PDCD03056
12
±5
±300
65
PDCD03057
12
±9
±167
74
PDCD03058
12
±12
±125
71
PDCD03059
12
±15
±100
75
PDCD03061
24
±5
±300
80
PDCD03062
24
±9
±167
75
PDCD03063
24
±12
±125
79
PDCD03064
24
±15
±100
80
PDCD03066
48
±5
±300
77
PDCD03067
48
±9
±167
75
PDCD03068
48
±12
±125
74
PDCD03069
48
±15
±100
76


Similar Part No. - PDCD03057

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PDCD03002 PMI-PDCD03002 Datasheet
79Kb / 3P
   3.0 WATT 2:1WIDE INPUT RANGE DC/DC POWER MODULES
PDCD03003 PMI-PDCD03003 Datasheet
79Kb / 3P
   3.0 WATT 2:1WIDE INPUT RANGE DC/DC POWER MODULES
PDCD03004 PMI-PDCD03004 Datasheet
79Kb / 3P
   3.0 WATT 2:1WIDE INPUT RANGE DC/DC POWER MODULES
PDCD03006 PMI-PDCD03006 Datasheet
79Kb / 3P
   3.0 WATT 2:1WIDE INPUT RANGE DC/DC POWER MODULES
PDCD03007 PMI-PDCD03007 Datasheet
79Kb / 3P
   3.0 WATT 2:1WIDE INPUT RANGE DC/DC POWER MODULES
More results

Similar Description - PDCD03057

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PDCS03001 PMI-PDCS03001 Datasheet
79Kb / 3P
   3.0 WATT 2:1WIDE INPUT RANGE DC/DC POWER MODULES
PDCS03021 PMI-PDCS03021 Datasheet
32Kb / 2P
   3.0 WATT 2:1WIDE INPUT RANGE DC/DC POWER MODULES With Remote On/Off Option (Rectangle Package)
PDCS03041 PMI-PDCS03041 Datasheet
30Kb / 2P
   3.0 WATT 4:1WIDE INPUT RANGE DC/DC POWER MODULES
PDCS06001 PMI-PDCS06001 Datasheet
31Kb / 2P
   5-6 WATT 2:1 WIDE INPUT RANGE DC/DC POWER MODULES (Rectangle Package)
PDCS06061Q PMI-PDCS06061Q Datasheet
28Kb / 2P
   5-6 WATT 4:1 WIDE INPUT RANGE DC/DC POWER MODULES (Rectangle Package)
PDCS06031 PMI-PDCS06031 Datasheet
31Kb / 2P
   5-6 WATT 2:1 WIDE INPUT RANGE DC/DC POWER MODULES Remote ON/OFF Option (Rectangle Package)
PDCS06131 PMI-PDCS06131 Datasheet
30Kb / 2P
   5-6 WATT 2:1 WIDE INPUT DC/DC POWER MODULES (SQUARE PACKAGE)
PDCS06161 PMI-PDCS06161 Datasheet
27Kb / 2P
   5-6 WATT 2:1 WIDE INPUT DC/DC POWER MODULES (SQUARE PACKAGE)
PDCS06081 PMI-PDCS06081 Datasheet
33Kb / 3P
   5-6 WATT FIXED INPUT DC/DC POWER MODULES (Square Package)
logo
C&D Technologies
WFC02R CANDD-WFC02R Datasheet
177Kb / 4P
   2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com