Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3825-30DBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS3825-30DBVT
Description  PROCESSOR SUPERVISORY CIRCUITS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3825-30DBVT Datasheet(HTML) 1 Page - Texas Instruments

  TPS3825-30DBVT Datasheet HTML 1Page - Texas Instruments TPS3825-30DBVT Datasheet HTML 2Page - Texas Instruments TPS3825-30DBVT Datasheet HTML 3Page - Texas Instruments TPS3825-30DBVT Datasheet HTML 4Page - Texas Instruments TPS3825-30DBVT Datasheet HTML 5Page - Texas Instruments TPS3825-30DBVT Datasheet HTML 6Page - Texas Instruments TPS3825-30DBVT Datasheet HTML 7Page - Texas Instruments TPS3825-30DBVT Datasheet HTML 8Page - Texas Instruments TPS3825-30DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TPS3820xx, TPS3823xx, TPS3824xx, TPS3825xx, TPS3828xx
PROCESSOR SUPERVISORY CIRCUITS
SLVS165E – APRIL 1998 – REVISED DECEMBER 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
features
D Power-On Reset Generator With Fixed
Delay Time of 200 ms (TPS3823/4/5/8)
or 25 ms (TPS3820)
D Manual Reset Input (TPS3820/3/5/8)
D Reset Output Available in Active-Low
(TPS3820/3/4/5), Active-High (TPS3824) and
Open-Drain (TPS3828)
D Supply Voltage Supervision Range
2.5 V, 3 V, 3.3 V, 5 V
D Watchdog Timer (TPS3820/3/4/8)
D Supply Current of 15 µA (Typ)
D SOT23-5 Package
D Temperature Range ...–40°C to 85°C
applications
D Applications Using DSPs, Microcontrollers,
or Microprocessors
D Industrial Equipment
D Programmable Controls
D Automotive Systems
D Portable/Battery-Powered Equipment
D Intelligent Instruments
D Wireless Communications Systems
D Notebook/Desktop Computers
description
The TPS382x family of supervisors provides
circuit
initialization
and
timing
supervision,
primarily for DSP and processor-based systems.
During power-on, RESET is asserted when
supply voltage VDD becomes higher than 1.1 V.
Thereafter, the supply voltage supervisor moni-
tors VDD and keeps RESET active as long as VDD
remains below the threshold voltage VIT–.
An internal timer delays the return of the output to the inactive state (high) to ensure proper system reset. The
delay time, td, starts after VDD has risen above the threshold voltage VIT–. When the supply voltage drops below
the threshold voltage VIT–, the output becomes active (low) again. No external components are required. All
the devices of this family have a fixed-sense threshold voltage VIT– set by an internal voltage divider.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2002, Texas Instruments Incorporated
This document contains information on products in more than one phase
of development. The status of each device is indicated on the page(s)
specifying its electrical characteristics.
3
2
4
5
TPS3820, TPS3823, TPS3828 . . . DBV PACKAGE
(TOP VIEW)
1
RESET
GND
MR
VDD
WDI
3
2
4
5
TPS3825 . . . DBV PACKAGE
(TOP VIEW)
1
RESET
GND
RESET
VDD
MR
3
2
4
5
TPS3824 . . . DBV PACKAGE
(TOP VIEW)
1
RESET
GND
RESET
VDD
WDI
RESET
MR
WDI
100 nF
VDD
GND
TPS3823-33
VDD
RESET
I/O
GND
MSP430C325
3.3 V
typical application


Similar Part No. - TPS3825-30DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3825-33 TI1-TPS3825-33 Datasheet
3Mb / 33P
[Old version datasheet]   TAS5612L-TAS5614LDDVEVM
TPS3825-33 TI1-TPS3825-33 Datasheet
3Mb / 33P
[Old version datasheet]   TAS5622-TAS5624DDVEVM
TPS3825-33-Q1 TI1-TPS3825-33-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3825-33-Q1 TI1-TPS3825-33-Q1 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3825-33-Q1 TI1-TPS3825-33-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
More results

Similar Description - TPS3825-30DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33 TI1-TPS3820-33 Datasheet
635Kb / 20P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33QDBVRQ1 TI1-TPS3820-33QDBVRQ1 Datasheet
236Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
JUNE 2008
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com