Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A7AD121208 Datasheet(PDF) 5 Page - Premier Magnetics, Inc.

Part # A7AD121208
Description  MINI DC/DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

A7AD121208 Datasheet(HTML) 5 Page - Premier Magnetics, Inc.

  A7AD121208 Datasheet HTML 1Page - Premier Magnetics, Inc. A7AD121208 Datasheet HTML 2Page - Premier Magnetics, Inc. A7AD121208 Datasheet HTML 3Page - Premier Magnetics, Inc. A7AD121208 Datasheet HTML 4Page - Premier Magnetics, Inc. A7AD121208 Datasheet HTML 5Page - Premier Magnetics, Inc. A7AD121208 Datasheet HTML 6Page - Premier Magnetics, Inc. A7AD121208 Datasheet HTML 7Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
20381 Barents Sea Circle
Lake Forest, California 92630
Phone:
(949) 452-0511
Fax:
(949) 452-0512
M
P
Premier
Magnetics Inc.
Specifications subject to change without notice.
10
1.5 & 3.0 WATT DC/DC CONVERTERS
FEATURES
!
1.5 & 3.0 Watt Single or Dual Output
"
500Vdc Isolation
#
Momentary Short Circuit Protection
$
24-Pin DIL Package
GENERAL SPECIFICATIONS
Efficiency ....................................... 50 to 70%
Switching Frequency .................... 25KHz min.
Isolation Voltage ....................... 500Vdc min.
Operating Temperature ............ -20 to +70OC
Storage Temperature ............... -55 to +105OC
PART
NUMBER
INPUT
VOLTAGE
(Vdc+10%)
OUTPUT
VOLTAGE
(Vdc)
OUTPUT
CURRENT
(mA max.)
FULL LOAD
INPUT
(mA typ.)
ELECTRICAL SPECIFICATIONS AT 25OC
1.5 WATT DC/DC CONVERTERS
DUAL & SINGLE OUTPUTS REGULATED
PART
NUMBER
INPUT
VOLTAGE
(Vdc+10%)
OUTPUT
VOLTAGE
(Vdc)
OUTPUT
CURRENT
(mA max.)
FULL LOAD
INPUT
(mA typ.)
ELECTRICAL SPECIFICATIONS AT 25OC
3.0 WATT DC/DC CONVERTERS
DUAL & SINGLE OUTPUTS REGULATED
B3AS050530
5.0
5
300
540
B3AS051212
5.0
12
125
450
B3AS051510
5.0
15
100
440
B3AD051212
5.0
+ 12
+ 60
450
B3AD051510
5.0
+ 15
+ 50
440
B3AS120530
12.0
5
300
195
B3AS121212
12.0
12
125
190
B3AS121510
12.0
15
100
190
B3AD121212 12.0
+ 12
+ 60
190
B3AD121510 12.0
+ 15
+ 50
190
B3AS240530
24.0
5
300
95
B3AS241212
24.0
12
125
90
B3AS241510
24.0
15
100
90
B3AD241212 24.0
+ 12
+ 60
90
B3AD241510 24.0
+ 15
+ 50
90
B3AS280530
28.0
5
300
95
B3AS281212
28.0
12
125
90
B3AS281510
28.0
15
100
90
B3AD281212 28.0
+ 12
+ 60
90
B3AD281510 28.0
+ 15
+ 50
90
B3AS480530
48.0
5
300
52
B3AS481212
48.0
12
125
47
B3AS481510
48.0
15
100
47
B3AD481212 48.0
+ 12
+ 60
47
B3AD481510 48.0
+ 15
+ 50
47
B3AS050550
5.0
5
500
540
B3AS051225
5.0
12
250
450
B3AS051520
5.0
15
200
440
B3AD051225
5.0
+ 12
+ 125
450
B3AD051520
5.0
+ 15
+ 100
440
B3AS120550
12.0
5
500
195
B3AS121225
12.0
12
250
190
B3AS121520
12.0
15
200
190
B3AD121225 12.0
+ 12
+ 125
190
B3AD121520 12.0
+ 15
+ 100
190
B3AS240550
24.0
5
500
95
B3AS241225
24.0
12
250
90
B3AS241520
24.0
15
200
90
B3AD241225 24.0
+ 12
+ 125
90
B3AD241520 24.0
+ 15
+ 100
90
B3AS280550
28.0
5
500
95
B3AS281225
28.0
12
250
90
B3AS281520
28.0
15
200
90
B3AD281225 28.0
+ 12
+ 125
90
B3AD281520 28.0
+ 15
+ 100
90
B3AS480550
48.0
5
500
52
B3AS481225
48.0
12
250
47
B3AS481520
48.0
15
200
47
B3AD480560 48.0
+ 5
+ 300
52
B3AD481225 48.0
+ 12
+ 125
47
B3AD481520 48.0
+ 15
+ 100
47
INPUT SPECIFICATIONS
Voltage ................................... Per Tables
Voltage Range ................................ +10%
Input Filter ............................... Pi Network
OUTPUT SPECIFICATIONS
Voltage ..................................... Per Table
Voltage Accuracy ............................. ±3%
Ripple & Noise 20MHz BW ..... .5-1% V p-p
Line & Load Regulation ............... + 0.05%
Voltage Stability (24HR) ............... + 0.05%


Similar Part No. - A7AD121208

ManufacturerPart #DatasheetDescription
logo
GIACOMINI WATER E-MOTIO...
A7A GIACOMINI-A7A Datasheet
836Kb / 2P
   Adjustable fog nozzles
logo
Omron Electronics LLC
A7AS OMRON-A7AS Datasheet
77Kb / 4P
   Thumbwheel Switch
A7AS-203 OMRON-A7AS-203 Datasheet
77Kb / 4P
   Thumbwheel Switch
A7AS-203-1 OMRON-A7AS-203-1 Datasheet
77Kb / 4P
   Thumbwheel Switch
A7AS-206 OMRON-A7AS-206 Datasheet
77Kb / 4P
   Thumbwheel Switch
More results

Similar Description - A7AD121208

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
S3AS051217 PMI-S3AS051217 Datasheet
33Kb / 1P
   2.00 WATT MINI-SIP DC/DC CONVERTERS 500Vdc ISOLATION
logo
Murata Manufacturing Co...
MYRGP100060WB21RC MURATA1-MYRGP100060WB21RC Datasheet
2Mb / 23P
   Inductor Built-in Step-Down “mini DC/DC” Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com