Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-1020 Datasheet(PDF) 3 Page - Premier Magnetics, Inc.

Part # PM-1020
Description  SMALL OUTLINE 10/100BASE-T ISOLATION TRANSFORMERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-1020 Datasheet(HTML) 3 Page - Premier Magnetics, Inc.

  PM-1020 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-1020 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-1020 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-1020 Datasheet HTML 4Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
3
pm-10_30 09/01
SMALL OUTLINE
10/100BASE-T ISOLATION
TRANSFORMERS
SUGGESTED PCB LAYOUT
PHYSICAL DIMENSIONS .... DIMENSIONS IN INCHES (mm)
DIMENSIONS & PCB LAYOUT
H1 PACKAGE
SCHEMATICS
SCHEMATIC DIAGRAM "B"
SCHEMATIC DIAGRAM "D"
SCHEMATIC DIAGRAM "C"
9
12
16
15
7
15
13
10
4
28
3
14
11
6
PRIMARY
SECONDARY
PRIMARY
SECONDARY
XMIT
RCV
XMIT
RCV
9
12
16
15
7
15
13
10
4
28
3
14
11
6
PRI.
SEC.
PRI.
SEC.
XMIT
RCV
9
12
16
15
7
15
13
10
4
28
3
14
11
6
PRI.
PRI.
SCHEMATIC DIAGRAM "E"
SCHEMATIC DIAGRAM "F"
XMIT
RCV
9
12
16
15
7
15
13
10
4
28
3
14
11
6
PRI.
PRI.
XMIT
RCV
9
12
16
15
7
15
13
10
4
28
3
14
11
6
PRI.
PRI.
1
2
3
4
567
8
16
15
14
13
12
11
10
9
.390
(9.91)
MAX
.020 (.51)
.010 (.25)
.100
(2.54)
TYP
.020
(0.51)
TYP
.050
(1.27)
TYP
.950
(24.13)
MAX
PIN#1
DOT
FLAT
.050 (1.27)
.030 (0.76)
.580
(14.73)
.010
(0.25)
TYP
.720
(18.29)
MAX
M
P PM-3xxx
YYWW
16x.050 (1.27)
7x.100 (2.54)
16x.120 (3.05)
.520 (13.21)
1
16
9
8
.760 (19.30)
.700 (17.78)
H1 PACKAGE
XMIT
RCV
9
12
16
15
7
15
13
10
4
28
3
14
11
6
PRI.
PRI.
SCHEMATIC DIAGRAM "H"


Similar Part No. - PM-1020

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PM-10 MEANWELL-PM-10 Datasheet
246Kb / 2P
   10W Output Switching Power Supply
PM-10 MEANWELL-PM-10 Datasheet
249Kb / 2P
   10W Output Switching Power Supply
PM-10-12 MEANWELL-PM-10-12 Datasheet
246Kb / 2P
   10W Output Switching Power Supply
PM-10-12 MEANWELL-PM-10-12 Datasheet
249Kb / 2P
   10W Output Switching Power Supply
PM-10-12 MEANWELL-PM-10-12 Datasheet
263Kb / 2P
   10W Output Switching Power Supply
More results

Similar Description - PM-1020

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS7011AM BOTHHAND-TS7011AM Datasheet
268Kb / 1P
   10 BASE-T ISOLATION TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPE6377S PCA-EPE6377S Datasheet
29Kb / 1P
   10 Base-T Isolation Transformers
logo
Bothhand USA, LP.
16ST6129 BOTHHAND-16ST6129 Datasheet
113Kb / 1P
   10/100BASE-T ETHERNET ISOLATION TRANSFORMER
16ST6122 BOTHHAND-16ST6122 Datasheet
109Kb / 1P
   10/100BASE-T ETHERNET ISOLATION TRANSFORMER
logo
API Technologies Corp
7325-7329 APITECH-7325-7329 Datasheet
333Kb / 1P
   Isolation Transformers for 10 Base-T
logo
Rhombus Industries Inc.
T-13051 RHOMBUS-IND-T-13051 Datasheet
25Kb / 1P
   10 BASE-T Applications Isolation Transformers
logo
Filtran LTD
7325 FILTRAN-7325 Datasheet
142Kb / 1P
   LAN Isolation Transformers for 10 Base-T
logo
Nuvotem Talema
TED-100A TALEMA-TED-100A Datasheet
144Kb / 3P
   Dual Port SMD 10/100Base-T Isolation Transformer Modules
TEQ-200A-J TALEMA-TEQ-200A-J Datasheet
149Kb / 3P
   Quad Port SMD 10/100Base-T Isolation Transformer Modules
logo
Pulse A Technitrol Comp...
PE-65745NL PULSE-PE-65745NL Datasheet
473Kb / 3P
   ISOLATION TRANSFORMERS FOR 10BASE-T
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com