Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-8403 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # PM-8403
Description  T1/E1/CEPT/ISDN-PRI DUAL PORT ISOLATION TRANSFORMER MODULES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-8403 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  PM-8403 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-8403 Datasheet HTML 2Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
pm-84xxx
07/02
T1/E1/CEPT/ISDN-PRI
DUAL PORT
ISOLATION TRANSFORMER MODULES
24
.250
(6.35)
MAX
.015 (.38)
.005 (.12)
.018
(0.46)
.050
(1.27)
TYP
.705
(17.91)
MAX
PIN#1
DOT
FLAT
.010
(0.25)
TYP
.640 (16.26)
.590 (14.98)
.045 (1.14)
.020 (0.50)
.480
(12.19)
.550
(13.97)
PIN #1
I.D.
1
12
13
.480
(12.19)
.090 (2.29)
40-PLACES
.050 (1.27)
1
.030 (0.76)
.550
(13.97)
1
24
Ê
SMT Dual Port with Optional Common Mode Choke.
Ë
Molded Package withstand 235
°C IR Reflow.
Ì
Extended Temperature Range -40
°C to +85°C.
Í
1500Vrms Minimum Isolation Voltage.
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE
-40OC TO +85OC
PM-84XXX MECHANICAL
SCHEMATICS
All Dimensions in inches (mm)
P
M
PM-84XXX
YYWW
Schematic
PM-8401
PM-8401N
1CT:2.4CT
1CT:1CT
1.2
0.5
35
0.8
1-3&10-12
21-19&18-16
B
PM-8402
PM-8402N
1CT:2.42CT 1CT:2.42CT
1.2
0.5
25
0.8
4-6&10-12
1-3&7-9
A
PM-8403
PM-8403N
1CT:2CT
1CT:1CT
1.2
0.5
35
0.8
4-6&10-12
24-22&18-16
A
PM-8404
PM-8404N
1CT:1.15CT 1CT:1.15CT
1.2
0.5
35
0.8
4-6&10-12
1-3&7-9
A
PM-8405
PM-8405N
1CT:1.41CT 1CT:1.41CT
1.2
0.5
30
0.8
1-3&10-12
21-19&18-16
B
PM-8406
PM-8406N
1CT:2CT
1CT:2CT
1.2
0.5
25
0.8
4-6&10-12
1-3&7-9
A
PM-8407
PM-8407N
1CT:2CT
1CT:2CT
1.2
0.5
25
0.8
1-3&10-12
21-19&18-16
B
PM-8408
PM-8408N
1CT:2.3CT
1CT:1CT
1.2
0.5
35
0.8
4-6&10-12
24-22&18-16
A
PM-8409
PM-8410N
1CT:1.36CT 1CT:2CT
1.2
0.5
35
0.8
4-6&10-12
24-22&18-16
A
PM-8410
PM-8409N
1CT:1.36CT 1CT:1CT
1.2
0.5
35
0.8
4-6&10-12
24-22&18-16
A
PM-8411
PM-8411N
1CT:1.15CT 1CT:2CT
1.2
0.5
35
0.8
4-6&10-12
1-3&7-9
A
PART
NUMBER
TURNS RATIO
(PRI:SEC ± 3%)
TX
RX
PRI - SEC
TX&RX L
L
(
µH Max.)
SEC OCL
TX&RX
(mH MIN.)
PRI - SEC
Cw/w
(pfMax.)
PRIMARY
PINS
TX
RX
DCR-PRI
(
Ω Max.)
PART
NUMBER
NO CMC
2
TX
3
23
22
1
24
RX
B
5
6
20
19
4
21
8
9
17
16
7
18
11
12
14
13
10
15
TX
RX
23
22
24
20
19
21
17
16
18
14
13
15
2
3
1
5
6
4
8
9
7
11
12
10
RX
TX
TX
RX
A


Similar Part No. - PM-8403

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-8036 PMI-PM-8036 Datasheet
103Kb / 6P
   10/100 Base-TX QUAD PORT ISOLATION TRANSFORMERS WITH FILTERS
PM-8044 PMI-PM-8044 Datasheet
103Kb / 6P
   10/100 Base-TX QUAD PORT ISOLATION TRANSFORMERS WITH FILTERS
PM-8050 PMI-PM-8050 Datasheet
40Kb / 1P
   10/100 BASE-T QUAD SMD TRANSFOMER MODULES
PM-8051 PMI-PM-8051 Datasheet
40Kb / 1P
   10/100 BASE-T QUAD SMD TRANSFOMER MODULES
PM-8053 PMI-PM-8053 Datasheet
103Kb / 6P
   10/100 Base-TX QUAD PORT ISOLATION TRANSFORMERS WITH FILTERS
More results

Similar Description - PM-8403

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S1312 BOTHHAND-S1312 Datasheet
71Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
S1313 BOTHHAND-S1313 Datasheet
77Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
4S1064 BOTHHAND-4S1064 Datasheet
78Kb / 1P
   T1/CEPT(E1)/ISDN-PRI TRANSFORMER
4S1071 BOTHHAND-4S1071 Datasheet
82Kb / 1P
   T1/CEPT(E1)/ISDN-PRI TRANSFORMER
4S1073 BOTHHAND-4S1073 Datasheet
76Kb / 1P
   T1/CEPT(E1)/ISDN-PRI TRANSFORMER
4S1126 BOTHHAND-4S1126 Datasheet
85Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
4S1142 BOTHHAND-4S1142 Datasheet
65Kb / 1P
   T1/CEPT/E1/ISDN-PRI TRANSFORMER
S1096 BOTHHAND-S1096 Datasheet
52Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
S1035 BOTHHAND-S1035 Datasheet
56Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
4S1124 BOTHHAND-4S1124 Datasheet
66Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com