Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD-INC-24VDC-G24V Datasheet(PDF) 2 Page - ASM GmbH

Part # PD-INC-24VDC-G24V
Description  Digital Process Meter for Incremental Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PD-INC-24VDC-G24V Datasheet(HTML) 2 Page - ASM GmbH

  PD-INC-24VDC-G24V Datasheet HTML 1Page - ASM GmbH PD-INC-24VDC-G24V Datasheet HTML 2Page - ASM GmbH PD-INC-24VDC-G24V Datasheet HTML 3Page - ASM GmbH PD-INC-24VDC-G24V Datasheet HTML 4Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
DAB-PD-INC-E-03
ASM
Wiring basic
equipment
Signals
Connector X1 Pin No.
Connector X2 Pin No.
Sensor +UB
1
Sensor 0 V (GND)
2
Signal A
4
Signal A
5
Signal B
6
Signal B
7
Signal Z (zero signal)
8
Signal Z (zero signal)
9
Signal T (reference signal)
10
Signal T (reference signal)
11
GND
12
PD-INC-24VDC
Excitation +24 V
Excitation 0 V
13
14
PD-INC-230VAC
Excitation
Protective ground
13/15
14
Programmable
Parameters /
Value Range
Value range display, offset, limit values
-999999 up to +999999
Divisor, Multiplier
0 up to 59999
Other programmable parameters
Counting direction, decimal point position,
last-value memory, Z signal evaluation,
display brightness
Signal T
Manual zero, key lock, display value hold, Z
release, relative measurement
PRODIS-INC
Digital Process Meter for Incremental Sensors
RS-232 Interface
Level
RS-232: ±8 V, galvanically isolated
Data format
1 start bit, 8 data bits, 1 stop bit, no parity
Transmission rate
4800 / 9600 / 19200 Baud
Signals
Connector X3 Pin No.
DSUB Connector Pin No.
TxD
17
2
RxD
16
3
GND
18
5
Rear view without
comparator
functions
RS-232
5 .......1
1 ................................12 13 14 15
X1
X2
13 14 15
X1
X2
PD-INC-24VDC
PD-INC-230VAC


Similar Part No. - PD-INC-24VDC-G24V

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PD-INC ASM-SENSOR-PD-INC Datasheet
920Kb / 10P
   Digitale Prozessanzeige f체r Sensoren mit inkrementaler Schnittstelle
More results

Similar Description - PD-INC-24VDC-G24V

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PD-SSI-24VDC-G24V ASM-SENSOR-PD-SSI-24VDC-G24V Datasheet
325Kb / 3P
   Digital Process Meter for Sensors with SSI output
PD-TDC-24VDC ASM-SENSOR-PD-TDC-24VDC Datasheet
168Kb / 4P
   Digital Process Meter for Time-of-Flight Sensors
logo
FOTEK CONTROLS CO., LTD...
DA-24R-MV-24V FOTEK-DA-24R-MV-24V Datasheet
494Kb / 2P
   Digital Meter
AMA-24T-MV-RS-24V FOTEK-AMA-24T-MV-RS-24V Datasheet
643Kb / 2P
   Digital meter
logo
Murata Manufacturing Co...
DM-2000AB MURATA-DM-2000AB Datasheet
814Kb / 3P
   Digital Panel Meter
logo
Good Will Instrument Co...
GPM-8213 GWINSTEK-GPM-8213 Datasheet
2Mb / 2P
   Digital Power Meter
logo
Extech Instruments Corp...
401025 EXTECH-401025 Datasheet
117Kb / 6P
   Digital Light Meter
logo
SELEC Controls Pvt. Ltd
MF16 SELEC-MF16 Datasheet
306Kb / 1P
   Digital Frequency Meter
logo
Extech Instruments Corp...
LT300 EXTECH-LT300 Datasheet
132Kb / 6P
   Digital Light Meter
logo
SELEC Controls Pvt. Ltd
MF216 SELEC-MF216 Datasheet
281Kb / 1P
   Digital Frequency Meter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com