Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3825-50DBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3825-50DBVT
Description  PROCESSOR SUPERVISORY CIRCUITS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3825-50DBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3825-50DBVT Datasheet HTML 4Page - Texas Instruments TPS3825-50DBVT Datasheet HTML 5Page - Texas Instruments TPS3825-50DBVT Datasheet HTML 6Page - Texas Instruments TPS3825-50DBVT Datasheet HTML 7Page - Texas Instruments TPS3825-50DBVT Datasheet HTML 8Page - Texas Instruments TPS3825-50DBVT Datasheet HTML 9Page - Texas Instruments TPS3825-50DBVT Datasheet HTML 10Page - Texas Instruments TPS3825-50DBVT Datasheet HTML 11Page - Texas Instruments TPS3825-50DBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TPS3820xx, TPS3823xx, TPS3824xx, TPS3825xx, TPS3828xx
PROCESSOR SUPERVISORY CIRCUITS
SLVS165E – APRIL 1998 – REVISED DECEMBER 2002
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
0
–50
IOH – High-Level Output Current – µA
VDD = 3.2 V
WDI = Open
MR = Open
–40
°C
85
°C
–100
–150
–200
–250
3
2.5
2
1.5
1
0.5
0
3.5
Figure 7
0
IOH – High-Level Output Current – µA
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
VDD = 5.5 V
WDI = Open
MR = Open
–40
°C
85
°C
–100
–200
–300
–400
6
5
4
3
2
1
0
–500
–600
–700
Figure 8
0
6
200
400
600
800
4
2
0
MINIMUM PULSE DURATION AT VDD
vs
VDD THRESHOLD OVERDRIVE
1000
8
VDD – Threshold Overdrive – mV
10
WDI = Open
MR = Open


Similar Part No. - TPS3825-50DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3825-50DBVT TI-TPS3825-50DBVT Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3825-50DBVT TI-TPS3825-50DBVT Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3825-50DBVT TI1-TPS3825-50DBVT Datasheet
635Kb / 20P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3825-50DBVT TI1-TPS3825-50DBVT Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3825-50DBVT TI1-TPS3825-50DBVT Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
More results

Similar Description - TPS3825-50DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33 TI1-TPS3820-33 Datasheet
635Kb / 20P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33QDBVRQ1 TI1-TPS3820-33QDBVRQ1 Datasheet
236Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
JUNE 2008
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com