Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMIS3-50-50-50KHZ Datasheet(PDF) 9 Page - ASM GmbH

Part # PMIS3-50-50-50KHZ
Description  Magnetic Scale Position Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PMIS3-50-50-50KHZ Datasheet(HTML) 9 Page - ASM GmbH

  PMIS3-50-50-50KHZ Datasheet HTML 1Page - ASM GmbH PMIS3-50-50-50KHZ Datasheet HTML 2Page - ASM GmbH PMIS3-50-50-50KHZ Datasheet HTML 3Page - ASM GmbH PMIS3-50-50-50KHZ Datasheet HTML 4Page - ASM GmbH PMIS3-50-50-50KHZ Datasheet HTML 5Page - ASM GmbH PMIS3-50-50-50KHZ Datasheet HTML 6Page - ASM GmbH PMIS3-50-50-50KHZ Datasheet HTML 7Page - ASM GmbH PMIS3-50-50-50KHZ Datasheet HTML 8Page - ASM GmbH PMIS3-50-50-50KHZ Datasheet HTML 9Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
14
CAT-PM--E-04
ASM GmbH
Tel.: 08123/986-0 Fax: 08123/986-500 www.asm-sensor.com
PMIB3/-HT/-ST POSIMAG®
Magnetic Scales – overview
Magnetic Scales – Technical Information
Types of magnetic scales / Application recommendation
Type
Standard scale
PMIB3
Stainless steel scale
PMIB3-ST
Stainless steel
elastomer scale
PMIB3-HT
base strip
CK 85 stainless steel
CrNi 17 7 stainless steel
CrNi 17 7 stainless steel
magnetic scale
PE magnetic scale
PE magnetic scale
Elastomer magnetic scale
environmental conditions
normal
difficult
very difficult
corrosion resistance
normal
high
high
temperature resistance
normal
normal
high
media resistance
normal
normal
high
Chemical durability – PE magnetic scales (PMIB3, PMIB3-ST)
no / little influence
weak / middle influence
strong influence
some mineral oils
vegetable oils
methyl / isopropanol
weak organic acids
formaldehyde
anhydrous ammonia
acetylene
benzin
kerosene
steam, vapour
acetic acid 20% / 30%
sea water
olein acid
benzene
nitrobenzene
paint solvents
turpentine
nitric acid 70%
hydrochloric acid 37%
toluene
xylene
tetrachloromethane
trichloroethylene
Chemical durability – Elastomer magnetic scales (PMIB3-HT)
no / little influence
weak / middle influence
strong influence
motor oils
gear oils
ATF (automatic transmission fluid)
hydraulic fluid
kerosene
antifreeze agent
purifying agent
turpentine
water
sea water/salt water
JP-4 fuel (Jet fuel)
gasoline/petrol
heptane
alcohol
aromatic hydrocarbon (benzene, toluene,
xylene)
ketone
anorganic acids (HCl, H
2SO4)


Similar Part No. - PMIS3-50-50-50KHZ

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PMIS3 ASM-SENSOR-PMIS3 Datasheet
637Kb / 7P
   Magnetband-Positionssensor
More results

Similar Description - PMIS3-50-50-50KHZ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
AMM20B5A1CLAS BOURNS-AMM20B5A1CLAS Datasheet
265Kb / 2P
   Multiturn Magnetic Position Sensor
logo
MultiDimension Technolo...
AMR4020 MULTIDIMENSION-AMR4020 Datasheet
1,004Kb / 9P
   High Accuracy Analog Magnetic Scale Sensor
Version 2.0.1
logo
Allegro MicroSystems
A31316 ALLEGRO-A31316 Datasheet
3Mb / 61P
   3D Magnetic Position Sensor IC
Revision 2 November 29, 2022
logo
Bourns Electronic Solut...
AMM20B5A1BLASL380 BOURNS-AMM20B5A1BLASL380 Datasheet
269Kb / 2P
   AMM20B Multiturn Magnetic Position Sensor
AMM20B BOURNS-AMM20B_13 Datasheet
264Kb / 2P
   AMM20B Multiturn Magnetic Position Sensor
logo
ams AG
AS5162 AMSCO-AS5162 Datasheet
1Mb / 37P
   12-Bit Magnetic Angle Position Sensor
logo
List of Unclassifed Man...
AS5262 ETC2-AS5262 Datasheet
1Mb / 36P
   12-Bit Magnetic Angle Position Sensor
logo
ams AG
AS5045B AMSCO-AS5045B Datasheet
393Kb / 33P
   12-Bit Programmable Magnetic Position Sensor
AS5161 AMSCO-AS5161 Datasheet
1Mb / 36P
   12-Bit Magnetic Angle Position Sensor
logo
List of Unclassifed Man...
AS5161 ETC2-AS5161 Datasheet
1Mb / 35P
   12-Bit Magnetic Angle Position Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com